Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLX90109CDCAAA-000TU Datasheet(PDF) 9 Page - Melexis Microelectronic Systems

Part # MLX90109CDCAAA-000TU
Description  125kHz RFID Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90109CDCAAA-000TU Datasheet(HTML) 9 Page - Melexis Microelectronic Systems

Back Button MLX90109CDCAAA-000TU Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90109CDCAAA-000TU Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90109CDCAAA-000TU Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90109CDCAAA-000TU Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90109CDCAAA-000TU Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90109CDCAAA-000TU Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90109CDCAAA-000TU Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90109CDCAAA-000TU Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90109CDCAAA-000TU Datasheet HTML 13Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MLX90109
125kHz RFID Transceiver
3901090109
Page 9 of 16
Data Sheet
Rev 011
Jun/12
(3)
DDant
ant
ant
I
Q
I
=
A typical coil quality factor (Qant) value is 23, resulting in antenna currents of about 100mA
This current resonance of the parallel antenna allows to build very low power reader base stations, contrary
to serial antenna based versions. Readers using a serial antenna can leverage their voltage resonance to
drive bigger antenna’s for long distance reading up to 1m, whereas the MLX90109 is designed to drive
antennas to obtain a reading distance of 1cm up to 15cm (6”) (depending on efficiency and dimensions).
8.3 Antenna Impedance
The antenna impedance is an important system design parameter for the MLX90109.
(4)
DDant
ant
ant
I
V
Z
=
The antenna impedance can also be calculated as:
(5)
ant
res
ant
ant
L
Q
Z
=
ω
with
ωres = 2π*Fres
From (4) and (5):
DDant
ant
ant
res
ant
I
V
L
Q
=
ω
=>
ant
res
ant
DDant
ant
L
V
I
Q
=
ω
Finally in comparison with the formula (2):
(6)
ant
res
ant
ant
L
V
I
=
ω
From the formula above, it is clear that Qant has no influence on Iant. Increasing Qant is equivalent to reduce
the antenna supply current IDDant, hence it reduces the overall current consumption.
Using the previous formula (6), it is possible to define the proportionality between the total number of ampere-
turns, generating the magnetic field and the inductance of the antenna (With Nant the number of turns of the
antenna coil) :
ant
res
ant
ant
ant
ant
L
V
N
I
N
=
ω
with
ant
L
~
2
ant
N
(7)
ant
ant
I
N
~
ant
L
1
Hence, to generate a strong field, it is better to choose a low antenna inductance. Limitation to this is given by
the minimal antenna impedance (Zant > 1kΩ) and the Q that one can achieve for such an antenna:
(8)
res
ant
Q
Z
L
ω
=
min
min


Similar Part No. - MLX90109CDCAAA-000TU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90109 ETC-MLX90109 Datasheet
143Kb / 9P
   125kHz RFID Integrated Transceiver
logo
Melexis Microelectronic...
MLX90109 MELEXIS-MLX90109 Datasheet
256Kb / 15P
   125kHz RFID Transceiver
MLX90109 MELEXIS-MLX90109 Datasheet
917Kb / 17P
   125kHz RFID Transceiver
MLX90109 MELEXIS-MLX90109_06 Datasheet
256Kb / 15P
   125kHz RFID Transceiver
MLX90109 MELEXIS-MLX90109_17 Datasheet
917Kb / 17P
   125kHz RFID Transceiver
More results

Similar Description - MLX90109CDCAAA-000TU

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90109 MELEXIS-MLX90109_06 Datasheet
256Kb / 15P
   125kHz RFID Transceiver
MLX90109 MELEXIS-MLX90109_17 Datasheet
917Kb / 17P
   125kHz RFID Transceiver
logo
List of Unclassifed Man...
MLX90109 ETC-MLX90109 Datasheet
143Kb / 9P
   125kHz RFID Integrated Transceiver
logo
Melexis Microelectronic...
DVK90109 MELEXIS-DVK90109 Datasheet
971Kb / 13P
   125kHz RFID Development Kit
logo
SparkFun Electronics
COM-14325 SPARKFUN-COM-14325 Datasheet
76Kb / 1P
   RFID Tag (125kHz)
6-20-17
SEN-09417 SPARKFUN-SEN-09417 Datasheet
96Kb / 2P
   RFID Button - 16mm (125kHz)
6??0??7
SEN-09416 SPARKFUN-SEN-09416 Datasheet
91Kb / 2P
   RFID Glass Capsule (125kHz)
6??0??7
logo
ATMEL Corporation
ATA5577M1330C-PPMY ATMEL-ATA5577M1330C-PPMY_14 Datasheet
292Kb / 8P
   Read/Write LF RFID IDIC Transponder 125KHz
logo
EM Microelectronic - MA...
EM4095 EMMICRO-EM4095 Datasheet
204Kb / 10P
   Read/Write analog front end for 125kHz RFID Basestation
logo
Melexis Microelectronic...
MLX90121 MELEXIS-MLX90121 Datasheet
387Kb / 26P
   13.56MHz RFID Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com