Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLX90129 Datasheet(PDF) 8 Page - Melexis Microelectronic Systems

Part # MLX90129
Description  13.56MHZ SENSOR TAG / DATALOGGER IC
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90129 Datasheet(HTML) 8 Page - Melexis Microelectronic Systems

Back Button MLX90129_12 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90129_12 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90129_12 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90129_12 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90129_12 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90129_12 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90129_12 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90129_12 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90129_12 Datasheet HTML 12Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
MLX90129
13.56MHZ SENSOR TAG / DATALOGGER IC
3901090129
Page 8 of 60
Data Sheet
Rev 009
Jun/12
Parameter
Conditions / Comment
Min
Typ
Max
Units
PROGRAMMABLE-GAIN AMPLIFIER PGA1
Gain accuracy
Code PGA1gain[3:0] =
0000 (gain=8) -> 1010 (gain=75)
95
100
105
%typ
PROGRAMMABLE-GAIN AMPLIFIER PGA2
Gain accuracy
Code PGA2gain[2:0] =
000 (gain=1) -> 111 (gain=8)
95
100
105
%typ
PGA1 + PGA2 + DAC
Gain range
8
600
V/V
Sensor offset trimming
range
(= offset max of the sensor)
-Vref /32
+Vref
/32
V
Sensor offset trimming
step
8-bits DAC (7 bits + sign)
Ratio-metric, to cancel the offset of the
sensor
Vref /128
V
Differential input range
Gain (PGA) = 8
(if higher, PGA_Dir should be Vref/2
divided by the gain)
Vref /16
V
ADC differential input
range
½.Vref
V
DAC (differential outputs)
Resolution
7 bits + 1 bit sign
8
bit
INL
0
0.5
lsb
DNL
0
0.5
lsb
Parameter
Conditions / Comment
Min
Typ
Max
Units
BRIDGE SUPPLIES & REFERENCES
Reference serial
resistance (Rv1, Rv2)
6 bits-programmable:
Min
Max
0.5
63.5
kΩ
Serial resistance
accuracy
Above code 0b000111 (7.5 kΩ)
80
100
120
%typ
Serial resistance step
1
kΩ
Matching between Rv1
and Rv2
Above code 0b000111 (7.5 kΩ)
1
%
INTERNAL TEMPERATURE SENSOR
Full scale
-40
+105
°C
Output range
Temp = 145°C,
-
155
-
mV
Offset
Vout at T = 25°C
45
mV
Sensitivity
Vout / ∆Temp
-
1.06
-
mV/°C
Non-linearity (*)
Temp = 145°C
-
±2.65
-
mV
(*) The internal temperature sensor requires a calibration. On the full range the calibration allows an accuracy
of ±2.5°C. This can be improved within a reduced temperature range (e.g. ±1°C within -30 and 30°C), or by
using a remote (external) temperature probe (+/-0.5°over the full range)


Similar Part No. - MLX90129_12

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90129 MELEXIS-MLX90129_17 Datasheet
1Mb / 60P
   13.56MHZ SENSOR TAG / DATALOGGER IC
More results

Similar Description - MLX90129_12

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90129 MELEXIS-MLX90129_17 Datasheet
1Mb / 60P
   13.56MHZ SENSOR TAG / DATALOGGER IC
logo
AMIC Technology
A9210B AMICC-A9210B Datasheet
208Kb / 13P
   13.56MHz RFID TAG IC
A9212A AMICC-A9212A Datasheet
222Kb / 16P
   13.56MHz RFID TAG IC
logo
ams AG
AS39513 AMSCO-AS39513 Datasheet
1Mb / 108P
   NFC Sensor Tag and Data Logger IC
logo
STMicroelectronics
LRI512 STMICROELECTRONICS-LRI512 Datasheet
351Kb / 54P
   Memory TAG IC 512 bit High Endurance EEPROM 13.56MHz, ISO 15693 Standard Compliant with E.A.S.
July 2002
logo
Zentrum Mikroelektronik...
ZMD41211 ZMD-ZMD41211 Datasheet
1Mb / 47P
   ISO 15693 Wireless Tag IC with Integrated Temperature Sensor
logo
Melexis Microelectronic...
MLX90129 MELEXIS-MLX90129 Datasheet
35Kb / 1P
   13,56MHz Wireless Sensor Tag
logo
STMicroelectronics
LRIS2K STMICROELECTRONICS-LRIS2K Datasheet
71Kb / 8P
   Memory TAG IC, 64 bit UID, 2048 bit EEPROM with Password 13.56MHz, ISO15693 and ISO18000-3 Mode 1 compliant
LRI64 STMICROELECTRONICS-LRI64 Datasheet
547Kb / 38P
   Memory TAG IC, 64-bit Unique ID with WORM User Area 13.56MHz, ISO15693 and ISO18000-3 Mode 1 Compliant
logo
AMIC Technology
A9211B AMICC-A9211B Datasheet
266Kb / 15P
   ISO/IEC 14443A RFID TAG IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com