Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLX90316LGOBDG-102RE Datasheet(PDF) 11 Page - Melexis Microelectronic Systems

Part # MLX90316LGOBDG-102RE
Description  Rotary Position Sensor IC
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90316LGOBDG-102RE Datasheet(HTML) 11 Page - Melexis Microelectronic Systems

Back Button MLX90316LGOBDG-102RE Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90316LGOBDG-102RE Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90316LGOBDG-102RE Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90316LGOBDG-102RE Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90316LGOBDG-102RE Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90316LGOBDG-102RE Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90316LGOBDG-102RE Datasheet HTML 13Page - Melexis Microelectronic Systems MLX90316LGOBDG-102RE Datasheet HTML 14Page - Melexis Microelectronic Systems MLX90316LGOBDG-102RE Datasheet HTML 15Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
MLX90316
Rotary Position Sensor IC
3901090316
Page 11 of 45
Jul/13
Rev10
7. MLX90316 Electrical Specification
DC Operating Parameters at VDD = 5V (unless otherwise specified) and for TA as specified by the
Temperature suffix (S, E, K or L).
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Nominal Supply Voltage
VDD
4.5
5
5.5
V
Supply Current(2)
Idd
Slow mode(3)
Fast mode(3)
8.5
13.5
11
16
mA
mA
POR Level
VDD POR
Supply Under Voltage
2
2.7
3
V
Output Current
Iout
Analog Output mode
PWM Output mode
-8
-20
8
20
mA
mA
Output Short Circuit Current
Ishort
Vout = 0 V
Vout = 5 V
Vout = 14 V (TA = 25°C)
12
12
24
15
15
45
mA
mA
mA
Output Load
RL
Pull-down to Ground
Pull-up to 5V(4)
1
1
10
10
(5)
(5)
k
k
Analog Saturation Output Level
Vsat_lo
Pull-up load RL
≥ 10 k
3
%VDD
Vsat_hi
Pull-down load RL
≥ 10 k
96
%VDD
Digital Saturation Output Level
VsatD_lo
Pull-up Low Side RL
≥ 10 k
Push-Pull (IOUT = -20mA)
1.5
%VDD
VsatD_hi
Push-Pull (IOUT = 20mA)
97
%VDD
Active Diagnostic Output Level
Diag_lo
Pull-down load RL
≥ 10 k
Pull-up load RL
≥ 10 k
1
1.5
%VDD
Diag_hi
Pull-down load RL
≥ 10 k
Pull-up load RL
≥ 10 k
97
98
%VDD
Passive Diagnostic Output Level
(Broken Track Diagnostic) (6)
BVSSPD
Broken VSS(7) &
Pull-down load RL ≤ 10 k
4(6)
%VDD
BVSSPU
Broken VSS(7) &
Pull-up load RL
≥ 1k
99
100
%VDD
BVDDPD
Broken VDD(7) &
Pull-down load RL
≥ 1k
0
1
%VDD
BVDDPU
Broken VDD &
Pull-up load to 5V
No Broken Track diagnostic
%VDD
MLX 90316 Electrical Specification continues…
…MLX 90316 Electrical Specification
2
For the dual version, the supply current is multiplied by 2
3
See section 14.4.1 for details concerning Slow and Fast mode
4
Applicable for output in Analog and PWM (Open-Drain) modes
5
RL <
∞ for output in PWM mode
6
For detailed information, see also section 15
7
Not Valid for the SPI Version


Similar Part No. - MLX90316LGOBDG-102RE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90316LDC-SPI ETC2-MLX90316LDC-SPI Datasheet
673Kb / 41P
   Rotary Position Sensor IC
More results

Similar Description - MLX90316LGOBDG-102RE

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90366LVS-ADS MELEXIS-MLX90366LVS-ADS Datasheet
887Kb / 45P
   Rotary Position Sensor IC
MLX90316KDC-BDG MELEXIS-MLX90316KDC-BDG Datasheet
887Kb / 45P
   Rotary Position Sensor IC
logo
List of Unclassifed Man...
MLX90316 ETC2-MLX90316 Datasheet
673Kb / 41P
   Rotary Position Sensor IC
MLX90316 ETC2-MLX90316_05 Datasheet
837Kb / 34P
   Rotary Position Sensor IC
logo
Asahi Kasei Microsystem...
AK7401 AKM-AK7401 Datasheet
901Kb / 29P
   Rotary Position Sensor IC
logo
Melexis Microelectronic...
MLX90316 MELEXIS-MLX90316_17 Datasheet
889Kb / 48P
   Rotary Position Sensor IC
logo
TT Electronics.
PHS04 TTELEC-PHS04 Datasheet
663Kb / 3P
   Rotary Position Sensor
PHS11 TTELEC-PHS11 Datasheet
439Kb / 3P
   Rotary Position Sensor
logo
Melexis Microelectronic...
MLX90340 MELEXIS-MLX90340 Datasheet
1Mb / 42P
   Absolute Rotary Position Sensor
logo
Bourns Electronic Solut...
3382 BOURNS-3382 Datasheet
297Kb / 3P
   12 mm Rotary Position Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com