Electronic Components Datasheet Search |
|
MLX90333LGOBCH-100TU Datasheet(PDF) 4 Page - Melexis Microelectronic Systems |
|
MLX90333LGOBCH-100TU Datasheet(HTML) 4 Page - Melexis Microelectronic Systems |
4 / 48 page MLX90333 Tria⊗ ⊗ ⊗ ⊗is® Position Sensor 3901090333 Page 4 of 48 Data Sheet Rev. 007 Jul/2013 1. Description The MLX90333 is a monolithic sensor IC featuring the Tria⊗is® Hall technology. Conventional planar Hall technology is only sensitive to the flux density applied orthogonally to the IC surface. The Tria⊗is® Hall sensor is also sensitive to the flux density applied parallel to the IC surface. This is obtained through an Integrated Magneto-Concentrator (IMC®) which is deposited on the CMOS die (as an additional back-end step). The MLX90333 is sensitive to the 3 components of the flux density applied to the IC (BX, BY and BZ). This allows the MLX90333 to sense any magnet moving in its surrounding and it enables the design of novel generation of non-contacting joystick position sensors which are often required for both automotive and industrial applications (e.g. man-machine interface). Furthermore, the capability of measuring BX, BY and BZ allows the MLX90333 to be considered as universal non-contacting position sensor i.e. not limited to joystick applications. For instance, a linear travel can be sensed with the MLX90333 once included in a specific magnetic design. In combination with the appropriate signal processing, the magnetic flux density of a small magnet (axial magnetization) moving above the IC can be measured in a non-contacting way (Figure 3). The two (2) angular information are computed from the three (3) vector components of the flux density (i.e. BX, BY and BZ). MLX90333 reports two (2) linear output signals. The output formats are selectable between Analog, PWM and Serial Protocol. Figure 3 - Typical application of MLX90333 |
Similar Part No. - MLX90333LGOBCH-100TU |
|
Similar Description - MLX90333LGOBCH-100TU |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |