Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLX90285LVKABA-000BU Datasheet(PDF) 5 Page - Melexis Microelectronic Systems

Part # MLX90285LVKABA-000BU
Description  24V Low Noise Two-Coil Fan Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90285LVKABA-000BU Datasheet(HTML) 5 Page - Melexis Microelectronic Systems

  MLX90285LVKABA-000BU Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90285LVKABA-000BU Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90285LVKABA-000BU Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90285LVKABA-000BU Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90285LVKABA-000BU Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90285LVKABA-000BU Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90285LVKABA-000BU Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90285LVKABA-000BU Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90285LVKABA-000BU Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MLX90285
24V Low Noise Two-Coil Fan Driver
3901090285
Rev. 005
Page 5 of 14
DataSheet
Aug/14
7 Magnetic Specifications
DC Operating Parameters TJ = 25°C, VDD = 5 to 30V (unless otherwise specified)
Parameter
Symbol
Min
Typ
Max
Units
Operate point
BOP
0.5
3
6
mT
Release point
BRP
-6
-3
-0.5
mT
Hysteresis
BHYST
2
6
mT
Table 3: Magnetic specifications
8 Driver Output vs Magnetic Pole
Parameter
Test Conditions
OUT1
OUT2
FG
(6)
North pole
B < Brp – all packages
High
Low
High
South pole
B > Bop - all packages
Low
High
Low
Table 4: Driver output vs. magnetic pole
(7)
9 Detailed General Description
The MLX90285 is a one-chip solution for driving two-coil brushless DC cooling fans.
Based on mixed-signal CMOS design, the device includes Hall-effect sensor with offset cancellation scheme, voltage
regulator, digital logic and power output drivers in a single package.
The MLX90285-FG version has an open-drain tachometer FG output that follows the Hall signal. This signal is used by
hardware monitoring system to determine the rotation speed of the fan.
In the MLX90285-RD version, the open-drain alarm output RD is a safety signal which allows detecting if the fan rotates or
not. It is active low during normal spinning of the motor. It goes high when the magnetic flux switching frequency drops
below nearly 1.15Hz (35RPM for 2 pole-pair fan)
The built-in locked rotor protection automatically shuts off the coil current when the rotor is mechanically blocked for more
than 0.43 second. The fan tries to restart every 3 seconds until the rotor is released. This on/off cycling reduces the average
current by factor of about 7. This protection prevents the fan to be overheated or damaged.
The device is based on the Melexis patented “no-VDD” design which removes the need of separate supply voltage pin for
two-coil fan. During operation, the power outputs are always operating as complementary, meaning also that one power
output is kept inactive while the other is active. Melexis cleverly turned this fact into benefit as “No-VDD” devices such as
MLX90285 recover the power supply through the inactive power output pin. Therefore, a separate supply voltage pin is not
required anymore and the device including logical output FG/RD can fit into a small 4-pin through-hole package VK.
In the application, the “No-VDD” design inherently isolates the IC behind the fan coils. Without direct output to the external
environment, the device is best protected against ESD and over-voltage issue on the power supply voltage line.
6 FG state is only valid during normal operation. In locked rotor protection, FG signal is high
7 The magnetic pole is applied facing the branded side of the package


Similar Part No. - MLX90285LVKABA-000BU

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90285 MELEXIS-MLX90285 Datasheet
727Kb / 13P
   24V Low Noise Two-Coil Fan Driver
More results

Similar Description - MLX90285LVKABA-000BU

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90285 MELEXIS-MLX90285 Datasheet
727Kb / 13P
   24V Low Noise Two-Coil Fan Driver
US651 MELEXIS-US651 Datasheet
322Kb / 12P
   Two-Coil Low Noise Fan Driver
US65 MELEXIS-US65 Datasheet
320Kb / 12P
   Two-Coil Low Noise Fan Driver High Output Current
US62 MELEXIS-US62_14 Datasheet
795Kb / 11P
   Two-coil Fan Driver
US62 MELEXIS-US62 Datasheet
408Kb / 11P
   Two-coil fan driver
US63 MELEXIS-US63_14 Datasheet
795Kb / 11P
   Two-coil Fan Driver
US169 MELEXIS-US169_14 Datasheet
1Mb / 13P
   Low Noise & Low Noise & Single-Coil Fan & Motor Driver
logo
Major-Power Technology ...
MA7151F MPOWER-MA7151F Datasheet
484Kb / 11P
   Low Noise & Low voltage Single-Coil Fan/Motor Driver
MA7152F MPOWER-MA7152F Datasheet
293Kb / 10P
   Low Noise & Low voltage Single-Coil Fan/Motor Driver
MA7153F MPOWER-MA7153F Datasheet
438Kb / 9P
   Low Noise & Low voltage Single-Coil Fan/Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com