Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUC1G08GW Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74AUC1G08GW
Description  Single 2-input AND gate
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUC1G08GW Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74AUC1G08GW Datasheet HTML 2Page - NXP Semiconductors 74AUC1G08GW Datasheet HTML 3Page - NXP Semiconductors 74AUC1G08GW Datasheet HTML 4Page - NXP Semiconductors 74AUC1G08GW Datasheet HTML 5Page - NXP Semiconductors 74AUC1G08GW Datasheet HTML 6Page - NXP Semiconductors 74AUC1G08GW Datasheet HTML 7Page - NXP Semiconductors 74AUC1G08GW Datasheet HTML 8Page - NXP Semiconductors 74AUC1G08GW Datasheet HTML 9Page - NXP Semiconductors 74AUC1G08GW Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
2002 Nov 12
6
Philips Semiconductors
Preliminary specification
Single 2-input AND gate
74AUC1G08
AC CHARACTERISTICS
GND = 0 V; input slewrate
≥ 1 V/ns.
AC WAVEFORMS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
WAVEFORMS
VCC (V)
CL(pF)
−40 to +85
MIN.
TYP.
MAX.
tPHL/tPLH
propagation delay
inputs A and B to output Y
see
Figs 5 and 6
0.8
15
4.7
ns
1.1 to 1.3
15
0.9
1.9
3.3
ns
1.4 to 1.6
15
0.6
1.4
2.3
ns
1.65 to 1.95
30
0.7
1.4
2.4
ns
2.3 to 2.7
30
0.5
1.2
2.0
ns
handbook, halfpage
MNA167
A, B input
Y output
tPHL
tPLH
VM
VM
Fig.5 Inputs A, B to output Y propagation delay times.
VOL and VOH are typical output voltage drop that occur with the output load.
VCC
VM
INPUT
VI
Slewrate
0.8 to 2.7 V
0.5
× VCC VCC
≥ 1 V/ns


Similar Part No. - 74AUC1G08GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUC1G00 PHILIPS-74AUC1G00 Datasheet
50Kb / 12P
   Single 2-input NAND gate
2002 Nov 12
74AUC1G00GV PHILIPS-74AUC1G00GV Datasheet
50Kb / 12P
   Single 2-input NAND gate
2002 Nov 12
74AUC1G00GW PHILIPS-74AUC1G00GW Datasheet
50Kb / 12P
   Single 2-input NAND gate
2002 Nov 12
74AUC1G02 PHILIPS-74AUC1G02 Datasheet
50Kb / 12P
   Single 2-input NOR gate
2002 Nov 12
74AUC1G02GV PHILIPS-74AUC1G02GV Datasheet
50Kb / 12P
   Single 2-input NOR gate
2002 Nov 12
More results

Similar Description - 74AUC1G08GW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1T08 STMICROELECTRONICS-74V1T08_04 Datasheet
108Kb / 9P
   SINGLE 2-INPUT AND GATE
74V1G08STR STMICROELECTRONICS-74V1G08STR Datasheet
202Kb / 9P
   SINGLE 2-INPUT AND GATE
July 2001
logo
New Japan Radio
NL17SV08XV5T2 NJRC-NL17SV08XV5T2 Datasheet
42Kb / 6P
   Single 2-Input AND Gate
logo
ON Semiconductor
NLU1G08 ONSEMI-NLU1G08 Datasheet
98Kb / 8P
   Single 2-Input AND Gate
March, 2008 - Rev. 2
NL17SV08 ONSEMI-NL17SV08 Datasheet
85Kb / 5P
   Single 2-Input AND Gate
May, 2014 ??Rev. 7
MC74VHC1G08DTT1G ONSEMI-MC74VHC1G08DTT1G Datasheet
122Kb / 6P
   Single 2-Input AND Gate
February, 2013 ??Rev. 20
MC74HC1G08 ONSEMI-MC74HC1G08_18 Datasheet
172Kb / 9P
   Single 2-Input AND Gate
November, 2018 ??Rev. 15
MC74VHC1G08 ONSEMI-MC74VHC1G08_15 Datasheet
80Kb / 6P
   Single 2-Input AND Gate
May, 2015 ??Rev. 21
MC74VHC1G08 ONSEMI-MC74VHC1G08_18 Datasheet
206Kb / 14P
   Single 2-Input AND Gate
November, 2018 ??Rev. 22
NL17SZ08 ONSEMI-NL17SZ08_18 Datasheet
189Kb / 13P
   Single 2-Input AND Gate
November, 2018 ??Rev. 22
logo
NXP Semiconductors
74LVC1G08 NXP-74LVC1G08_13 Datasheet
354Kb / 19P
   Single 2-input AND gate
Rev. 10-29 June 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com