Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLX90285 Datasheet(PDF) 8 Page - Melexis Microelectronic Systems

Part # MLX90285
Description  24V Low Noise Two-Coil Fan Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90285 Datasheet(HTML) 8 Page - Melexis Microelectronic Systems

Back Button MLX90285_14 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90285_14 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90285_14 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90285_14 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90285_14 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90285_14 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90285_14 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90285_14 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90285_14 Datasheet HTML 12Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
MLX90285
24V Low Noise Two-Coil Fan Driver
3901090285
Rev. 005
Page 8 of 14
DataSheet
Aug/14
11 Performance Graphs
11.1 RDSON vs. TJ
11.2 RDSON vs. VDD
6
6
5.5
5
4.5
4
3.5
3
2.5
2
1.5
1
0.5
Ron, VDD=5V
Ron, VDD=24V
5.5
5
4.5
4
3.5
3
2.5
2
1.5
1
0.5
Tj= -40
○C
Tj= 25
○C
Tj= 150
○C
0
-40
-20
0
20
40
60
80
100
120
140
160
Tj (
○C)
0
4
6
8
10
12
14
16
18
20
22
24
26
28
30
VDD (Volts)
11.3 Magnetic parameters vs. TJ
11.4 Magnetic parameters vs. VDD
6
6
5
5
4
4
3
3
2
2
1
1
0
0
-1
-1
-2
-2
-3
-3
Bop, Tj= -40oC
Bop, Tj= 25
○C
Bop, Tj= 150
○C
Brp, Tj= -40
○C
Brp, Tj= 25
○C
Brp, Tj= 150
○C
-4
Bop,VDD=5V
Bop,VDD=24V
-4
Brp,VDD=5V
Brp,VDD=24V
-5
-5
-6
-40
-20
0
20
40
60
80
100
120
140
160
Tj (
○C)
-6
4
6
8
10
12
14
16
18
20
22
24
26
28
30
VDD (Volts)
11.5 IDD vs. TJ
11.6 IDD vs. VDD
4
4
3.5
3.5
3
3
2.5
2.5
2
2
1.5
1.5
1
0.5
IDD, VDD= 5V
IDD, VDD= 24V
1
0.5
IDD, Tj= -40
○C
IDD, Tj= 25
○C
IDD, Tj= 150
○C
0
-40
-20
0
20
40
60
80
100
120
140
160
Tj (oC)
0
4
6
8
10
12
14
16
18
20
22
24
26
28
30
VDD (Volts)


Similar Part No. - MLX90285_14

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90285 MELEXIS-MLX90285 Datasheet
727Kb / 13P
   24V Low Noise Two-Coil Fan Driver
More results

Similar Description - MLX90285_14

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90285 MELEXIS-MLX90285 Datasheet
727Kb / 13P
   24V Low Noise Two-Coil Fan Driver
US651 MELEXIS-US651 Datasheet
322Kb / 12P
   Two-Coil Low Noise Fan Driver
US65 MELEXIS-US65 Datasheet
320Kb / 12P
   Two-Coil Low Noise Fan Driver High Output Current
US62 MELEXIS-US62_14 Datasheet
795Kb / 11P
   Two-coil Fan Driver
US62 MELEXIS-US62 Datasheet
408Kb / 11P
   Two-coil fan driver
US63 MELEXIS-US63_14 Datasheet
795Kb / 11P
   Two-coil Fan Driver
US169 MELEXIS-US169_14 Datasheet
1Mb / 13P
   Low Noise & Low Noise & Single-Coil Fan & Motor Driver
logo
Major-Power Technology ...
MA7151F MPOWER-MA7151F Datasheet
484Kb / 11P
   Low Noise & Low voltage Single-Coil Fan/Motor Driver
MA7152F MPOWER-MA7152F Datasheet
293Kb / 10P
   Low Noise & Low voltage Single-Coil Fan/Motor Driver
MA7153F MPOWER-MA7153F Datasheet
438Kb / 9P
   Low Noise & Low voltage Single-Coil Fan/Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com