Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLX90314LDFBAA-000RE Datasheet(PDF) 3 Page - Melexis Microelectronic Systems

Part # MLX90314LDFBAA-000RE
Description  Programmable Sensor Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90314LDFBAA-000RE Datasheet(HTML) 3 Page - Melexis Microelectronic Systems

  MLX90314LDFBAA-000RE Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90314LDFBAA-000RE Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90314LDFBAA-000RE Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90314LDFBAA-000RE Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90314LDFBAA-000RE Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90314LDFBAA-000RE Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90314LDFBAA-000RE Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90314LDFBAA-000RE Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90314LDFBAA-000RE Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
MLX90314
Programmable Sensor Interface
3901090314
Rev 008
Page 3
Apr/12
Table 1. MLX90314 Electrical Specifications
DC operating parameters: TA = -40 to 140
oC, VDD1 = 6 to 35VDC (unless otherwise specified).
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Regulator & Consumption
Input voltage range
VIN
VDD1 (Regulator connected)
6
35
V
Supply current
IDD
@ TA = 100ºC Current Mode
2.1
mA
Supply current
IDD
@ TA = 100ºC Voltage Mode
5.0
mA
Regulated supply voltage
VREG
4.5
4.75
5.2
V
Regulated voltage
temperature coefficient
-600
uV / ºC
Supply rejection ratio
PSRR
VDD1 > 6V
90
dB
Instrumentation Amplifier
Differential input range
VBP-VBN
IINV = 0
-2.88
8.38
mV/V(Vdd)
Differential input range
VBP-VBN
IINV = 1
-8.38
2.88
mV/V(Vdd)
Common mode input range
1/2(VBP+VBN)
38.0
65.0
%VDD
Pin leakage current
Pins VBP & VBN to GND, VDD =
8.0
nA
Common mode rejection Ratio CMRR
60
dB
Hardware gain
69
84
V/V
Coarse offset control Range
CSOF[1:0] = 00
-4.37
-3.97
mV/V
CSOF[1:0] = 01
-1.46
-1.09
mV/V
CSOF[1:0] = 10
1.09
1.46
mV/V
CSOF[1:0] = 11
3.97
4.37
mV/V
Fixed offset control range
High
1.71
2.29
mV/V
Low
-2.00
-1.43
mV/V
IA chopper frequency
300
kHz
Gain Stage
Course gain
(Fixed Gain = 1023)
* CSGN = 100 to 111: volta
only, not applicable to curre
Output > 6.5V; MSB = 1
Output < 6.5V; MSB = 0
CSGN = 000
3.0
3.3
V/V
CSGN = 001
4.9
5.4
V/V
ge mode
nt mode.
CSGN = 010
8.0
8.8
V/V
CSGN = 011
12.8
14.1
V/V
CSGN = 100*
7.9
8.7
V/V
CSGN = 101*
12.7
14.0
V/V


Similar Part No. - MLX90314LDFBAA-000RE

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90314LDF MELEXIS-MLX90314LDF Datasheet
3Mb / 28P
   Programmable Sensor Interface
More results

Similar Description - MLX90314LDFBAA-000RE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90308CAB ETC1-MLX90308CAB Datasheet
522Kb / 26P
   Programmable Sensor Interface
logo
Micro Electronics
MLX90308CCC MICRO-ELECTRONICS-MLX90308CCC Datasheet
494Kb / 26P
   Programmable Sensor Interface
logo
Melexis Microelectronic...
MLX90314 MELEXIS-MLX90314 Datasheet
3Mb / 28P
   Programmable Sensor Interface
MLX90314 MELEXIS-MLX90314_17 Datasheet
1Mb / 33P
   Programmable Sensor Interface
MLX90308 MELEXIS-MLX90308 Datasheet
824Kb / 28P
   Programmable Sensor Interface
logo
List of Unclassifed Man...
MLX90314 ETC-MLX90314 Datasheet
495Kb / 26P
   Programmable Sensor Interface
logo
Melexis Microelectronic...
MLX90308 MELEXIS-MLX90308_12 Datasheet
1Mb / 28P
   Programmable Sensor Interface
logo
List of Unclassifed Man...
MLX90313 ETC-MLX90313 Datasheet
562Kb / 35P
   Programmable IR Sensor Interface
logo
Mixed Signal Integratio...
MSSPSI MSI-MSSPSI Datasheet
93Kb / 16P
   Smart Programmable Sensor Interface
MSCPSI MSI-MSCPSI Datasheet
123Kb / 17P
   Controller Programmable Sensor Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com