Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLX90614ESF-AAH-000-TU Datasheet(PDF) 9 Page - Melexis Microelectronic Systems

Part # MLX90614ESF-AAH-000-TU
Description  Single and Dual Zone Infra Red Thermometer in TO-39
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90614ESF-AAH-000-TU Datasheet(HTML) 9 Page - Melexis Microelectronic Systems

Back Button MLX90614ESF-AAH-000-TU Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90614ESF-AAH-000-TU Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90614ESF-AAH-000-TU Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90614ESF-AAH-000-TU Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90614ESF-AAH-000-TU Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90614ESF-AAH-000-TU Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90614ESF-AAH-000-TU Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90614ESF-AAH-000-TU Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90614ESF-AAH-000-TU Datasheet HTML 13Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
MLX90614 family
Single and Dual Zone
Infra Red Thermometer in TO-39
3901090614
Page 9 of 52
Data Sheet
Rev 009
June 29, 2015
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
SMBus compatible 2-wire interface
2
Input high voltage
VIH(Ta,V)
Over temperature and supply
VDD-0.1
V
Input low voltage
VIL(Ta,V)
Over temperature and supply
0.6
V
Output low voltage
VOL
Over temperature and supply,
Isink = 2mA
0.25
V
SCL leakage
ISCL,leak
VSCL=3V, Ta=+85°C
20
µ
A
SDA leakage
ISDA,leak
VSDA=3V, Ta=+85°C
0.25
µ
A
SCL capacitance
CSCL
10
pF
SDA capacitance
CSDA
10
pF
Slave address
SA
Factory default
5A
hex
Wake up request
twake
SDA low
33
ms
SMBus Request
tREQ
SCL low
1.44
ms
Timeout,low
Timeout,L
SCL low
27
33
ms
Timeout, high
Timeout,H
SCL high
45
55
µ
s
Acknowledge setup time
Tsuac(MD)
8-th SCL falling edge, Master
1.5
µ
s
Acknowledge hold time
Thdac(MD)
9-th SCL falling edge, Master
1.5
µ
s
Acknowledge setup time
Tsuac(SD)
8-th SCL falling edge, Slave
2.5
µ
s
Acknowledge hold time
Thdac(SD)
9-th SCL falling edge, Slave
1.5
µ
s
EEPROM
Data retention
Ta = +85°C
10
years
Erase/write cycles
Ta = +25°C
100,000
Times
Erase/write cycles
Ta = +125°C
10,000
Times
Erase cell time
Terase
5
ms
Write cell time
Twrite
5
ms
Table 4: Electrical specification MLX90614Bxx, Dxx
Note: refer to MLX90614Axx notes.


Similar Part No. - MLX90614ESF-AAH-000-TU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90614ESF-AAA ETC2-MLX90614ESF-AAA Datasheet
808Kb / 40P
   Single and Dual Zone
logo
Melexis Microelectronic...
MLX90614ESF-AAA MELEXIS-MLX90614ESF-AAA Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
logo
List of Unclassifed Man...
MLX90614ESF-AAB ETC2-MLX90614ESF-AAB Datasheet
808Kb / 40P
   Single and Dual Zone
logo
Melexis Microelectronic...
MLX90614ESF-AAB MELEXIS-MLX90614ESF-AAB Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
logo
List of Unclassifed Man...
MLX90614ESF-AAC ETC2-MLX90614ESF-AAC Datasheet
808Kb / 40P
   Single and Dual Zone
More results

Similar Description - MLX90614ESF-AAH-000-TU

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90614 MELEXIS-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
EVB90614 MELEXIS-EVB90614 Datasheet
4Mb / 52P
   Single and Dual Zone Infra Red Thermometer in TO-39
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614_06 Datasheet
1Mb / 35P
   Single and Dual Zone Infra Red Thermometer
logo
Melexis Microelectronic...
MLX90616 MELEXIS-MLX90616 Datasheet
1Mb / 36P
   Infra Red Thermometer in TO-39 for high temperature thermometer guns
EVB90615 MELEXIS-EVB90615 Datasheet
522Kb / 30P
   Infra Red Thermometer
MLX90615 MELEXIS-MLX90615_13 Datasheet
832Kb / 31P
   Infra Red Thermometer
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone
logo
Zetex Semiconductors
BPW41D ZETEX-BPW41D Datasheet
121Kb / 3P
   INFRA-RED PHOTODETECTOR
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-9310 AVAGO-AEDS-9310 Datasheet
112Kb / 6P
   Infra-Red Wavelength
logo
Marktech Corporate
LS880PP MARKTECH-LS880PP Datasheet
65Kb / 1P
   INFRA-RED LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com