Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVC02BQ Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74ALVC02BQ
Description  Quad 2-input NOR gate
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC02BQ Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74ALVC02BQ Datasheet HTML 5Page - NXP Semiconductors 74ALVC02BQ Datasheet HTML 6Page - NXP Semiconductors 74ALVC02BQ Datasheet HTML 7Page - NXP Semiconductors 74ALVC02BQ Datasheet HTML 8Page - NXP Semiconductors 74ALVC02BQ Datasheet HTML 9Page - NXP Semiconductors 74ALVC02BQ Datasheet HTML 10Page - NXP Semiconductors 74ALVC02BQ Datasheet HTML 11Page - NXP Semiconductors 74ALVC02BQ Datasheet HTML 12Page - NXP Semiconductors 74ALVC02BQ Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
2003 Jul 14
11
Philips Semiconductors
Product specification
Quad 2-input NOR gate
74ALVC02
terminal 1
index area
0.5
1
A1
Eh
b
UNIT
y
e
0.2
c
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
3.1
2.9
Dh
1.65
1.35
y1
2.6
2.4
1.15
0.85
e1
2
0.30
0.18
0.05
0.00
0.05
0.1
DIMENSIONS (mm are the original dimensions)
SOT762-1
MO-241
- - -
- - -
0.5
0.3
L
0.1
v
0.05
w
0
2.5
5 mm
scale
SOT762-1
DHVQFN14: plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads;
14 terminals; body 2.5 x 3 x 0.85 mm
A(1)
max.
A
A1
c
detail X
y
y1 C
e
L
Eh
Dh
e
e1
b
26
13
9
8
7
1
14
X
D
E
C
B
A
02-10-17
03-01-27
terminal 1
index area
A
C
C
B
v M
w M
E(1)
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
D(1)


Similar Part No. - 74ALVC02BQ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVC02BQ NEXPERIA-74ALVC02BQ Datasheet
234Kb / 13P
   Quad 2-input NOR gate
Rev. 5 - 27 July 2021
More results

Similar Description - 74ALVC02BQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74VHC02 NXP-74VHC02 Datasheet
92Kb / 14P
   Quad 2-input NOR gate
Rev. 01-13 August 2009
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
   Quad 2-Input NOR Gate
logo
Integral Corp.
IN74HC02A INTEGRAL-IN74HC02A Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
[Old version datasheet]   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
   Quad 2 Input NOR Gate
logo
Fairchild Semiconductor
74VHC02 FAIRCHILD-74VHC02_07 Datasheet
291Kb / 9P
   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74AC02F TOSHIBA-TC74AC02F_12 Datasheet
238Kb / 8P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74LVC02AD112 NXP-74LVC02AD112 Datasheet
164Kb / 14P
   Quad 2-input NOR gate
Rev. 8-16 November 2011
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02_05 Datasheet
114Kb / 8P
   Quad 2-Input NOR Gate
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74F02 PHILIPS-74F02 Datasheet
99Kb / 11P
   Quad 2-input NOR gate
1990 Oct 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com