Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUC1G00 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74AUC1G00
Description  Single 2-input NAND gate
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUC1G00 Datasheet(HTML) 5 Page - NXP Semiconductors

  74AUC1G00 Datasheet HTML 1Page - NXP Semiconductors 74AUC1G00 Datasheet HTML 2Page - NXP Semiconductors 74AUC1G00 Datasheet HTML 3Page - NXP Semiconductors 74AUC1G00 Datasheet HTML 4Page - NXP Semiconductors 74AUC1G00 Datasheet HTML 5Page - NXP Semiconductors 74AUC1G00 Datasheet HTML 6Page - NXP Semiconductors 74AUC1G00 Datasheet HTML 7Page - NXP Semiconductors 74AUC1G00 Datasheet HTML 8Page - NXP Semiconductors 74AUC1G00 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2002 Nov 12
5
Philips Semiconductors
Preliminary specification
Single 2-input NAND gate
74AUC1G00
DC CHARACTERISTICS
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Note
1. All typical values are at VCC = 1.8 V and Tamb =25 °C.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
OTHER
VCC (V)
−40 to +85
MIN.
TYP.(1)
MAX.
VIH
HIGH-level input
voltage
0.8
VCC
−−
V
1.1 to 2.3
0.65
× VCC −−
V
2.3 to 2.7
1.7
−−
V
VIL
LOW-level input
voltage
0.8
−−
GND
V
1.1 to 2.3
−−
0.35
× VCC V
2.3 to 2.7
−−
0.7
V
VOH
HIGH-level output
voltage
VI =VIH or VIL; IO = −100 µA 0.8 to 2.7
VCC − 0.1
−−
V
VI =VIH or VIL; IO =− 700 µA 0.8
0.55
V
VI =VIH or VIL; IO =− 3 mA
1.1
VCC − 0.3
−−
V
VI =VIH or VIL; IO = −5 mA
1.5
VCC − 0.4
−−
V
VI =VIH or VIL; IO = −8 mA
1.65
VCC − 0.45 −−
V
VI =VIH or VIL; IO = −9 mA
2.3
1.8
−−
V
VOL
LOW-level output
voltage
VI =VIH or VIL; IO = 100 µA
0.8 to 2.7
−−
0.2
V
VI =VIH or VIL; IO = 700 µA
0.8
0.25
V
VI =VIH or VIL; IO = 3 mA
1.1
−−
0.3
V
VI =VIH or VIL; IO = 5 mA
1.5
−−
0.4
V
VI =VIH or VIL; IO = 8 mA
1.65
−−
0.45
V
VI =VIH or VIL; IO = 9 mA
2.3
−−
0.6
V
II
input leakage
current
VI =VCC or GND
0 to 2.7
−±0.1
±5
µA
Ioff
power OFF
leakage current
VI or VO = 2.7 V
0
−±0.1
±10
µA
ICC
quiescent supply
current
VI =VCC or GND; IO = 0
0.8 to 2.7
0.1
10
µA


Similar Part No. - 74AUC1G00

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUC1G02 PHILIPS-74AUC1G02 Datasheet
50Kb / 12P
   Single 2-input NOR gate
2002 Nov 12
74AUC1G02GV PHILIPS-74AUC1G02GV Datasheet
50Kb / 12P
   Single 2-input NOR gate
2002 Nov 12
74AUC1G02GW PHILIPS-74AUC1G02GW Datasheet
50Kb / 12P
   Single 2-input NOR gate
2002 Nov 12
74AUC1G04 PHILIPS-74AUC1G04 Datasheet
53Kb / 12P
   Inverter
2002 Nov 12
74AUC1G04GV PHILIPS-74AUC1G04GV Datasheet
53Kb / 12P
   Inverter
2002 Nov 12
More results

Similar Description - 74AUC1G00

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G00 PHILIPS-74LVC1G00 Datasheet
86Kb / 15P
   Single 2-input NAND gate
2004 Sep 07
logo
Rohm
BU4S11 ROHM-BU4S11 Datasheet
39Kb / 4P
   Single 2-input NAND gate
logo
ON Semiconductor
NLU1G00 ONSEMI-NLU1G00 Datasheet
135Kb / 8P
   Single 2-Input NAND Gate
April, 2008 ??Rev. 0
MC74HC1G00 ONSEMI-MC74HC1G00 Datasheet
62Kb / 6P
   Single 2-Input NAND Gate
January, 2005 ??Rev. 9
logo
Unisonic Technologies
U74LVC1G00 UTC-U74LVC1G00_15 Datasheet
201Kb / 6P
   SINGLE 2-INPUT NAND GATE
logo
ON Semiconductor
MC74HC1G00 ONSEMI-MC74HC1G00_18 Datasheet
172Kb / 9P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 12
MC74VHC1G01 ONSEMI-MC74VHC1G01_18 Datasheet
206Kb / 14P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 17
MC74VHC1G00 ONSEMI-MC74VHC1G00_V01 Datasheet
182Kb / 14P
   Single 2-Input NAND Gate
March, 2022 ??Rev. 26
logo
Nexperia B.V. All right...
74LVC1G00 NEXPERIA-74LVC1G00 Datasheet
256Kb / 16P
   Single 2-input NAND gate
Rev. 13 - 8 February 2022
logo
ON Semiconductor
NLU1G00 ONSEMI-NLU1G00_16 Datasheet
142Kb / 7P
   Single 2-Input NAND Gate
June, 2016 ??Rev. 3
NL17SZ00 ONSEMI-NL17SZ00_16 Datasheet
98Kb / 9P
   Single 2-Input NAND Gate
April, 2016 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com