Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMWG5AP-7C8D-NZN7-DF-LH Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LMWG5AP-7C8D-NZN7-DF-LH
Description  slim package design for thin applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LMWG5AP-7C8D-NZN7-DF-LH Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LMWG5AP-7C8D-NZN7-DF-LH Datasheet HTML 3Page - OSRAM GmbH LMWG5AP-7C8D-NZN7-DF-LH Datasheet HTML 4Page - OSRAM GmbH LMWG5AP-7C8D-NZN7-DF-LH Datasheet HTML 5Page - OSRAM GmbH LMWG5AP-7C8D-NZN7-DF-LH Datasheet HTML 6Page - OSRAM GmbH LMWG5AP-7C8D-NZN7-DF-LH Datasheet HTML 7Page - OSRAM GmbH LMWG5AP-7C8D-NZN7-DF-LH Datasheet HTML 8Page - OSRAM GmbH LMWG5AP-7C8D-NZN7-DF-LH Datasheet HTML 9Page - OSRAM GmbH LMWG5AP-7C8D-NZN7-DF-LH Datasheet HTML 10Page - OSRAM GmbH LMWG5AP-7C8D-NZN7-DF-LH Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
LMW G5AP
2011-06-21
7
Relative spektrale Emission
2) Seite 17
Relative Spectral Emission2) page 17
V(
λ) = spektrale Augenempfindlichkeit / Standard eye response curve
Ι
rel = f (λ); TS = 25 °C; IF = 100 mA
Abstrahlcharakteristik2) Seite 17
Radiation Characteristic
2) page 17
I
rel = f (ϕ); TS = 25 °C
40
0
350
20
60
80
100
%
nm
λ
OHL04308
λ
V
400
450
500
550
600
650
700
750
rel
I
OHL04283
20˚
40˚
60˚
80˚
100˚
120˚
0.4
0.6
0.8
1.0
100˚
90˚
80˚
70˚
60˚
50˚
10˚
20˚
30˚
40˚
0
0.2
0.4
0.6
0.8
1.0
ϕ


Similar Part No. - LMWG5AP-7C8D-NZN7-DF-LH

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LMWG5AP OSRAM-LMWG5AP Datasheet
396Kb / 17P
   white P-LCC-4 package, clear silicone resin
More results

Similar Description - LMWG5AP-7C8D-NZN7-DF-LH

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LECGQ8WP-5P8P-1 OSRAM-LECGQ8WP-5P8P-1 Datasheet
1Mb / 24P
   Highly efficient lightsource, slim package design
logo
A-Data Technology
HV620S A-DATA-HV620S Datasheet
427Kb / 2P
   Slim profile design
SE730H A-DATA-SE730H Datasheet
473Kb / 2P
   Portable-slim design
logo
Axiomtek Co., Ltd.
EM1611S AXIOMTEK-EM1611S Datasheet
219Kb / 1P
   Slim compact design
logo
XP Power Limited
DSL240 XPPOWER-DSL240 Datasheet
193Kb / 2P
   Ultra Slim Design
logo
OSRAM GmbH
LECGQ9WP OSRAM-LECGQ9WP Datasheet
1Mb / 22P
   Highly efficient lightsource, slim package design Hocheffiziente Lichtquelle, niedrige Bauteilh철he...
logo
Axiomtek Co., Ltd.
GOT-5120T-830 AXIOMTEK-GOT-5120T-830 Datasheet
375Kb / 2P
   Ultra slim design: thickness 52mm
GOT-5840T-830 AXIOMTEK-GOT-5840T-830 Datasheet
375Kb / 2P
   Ultra Slim design: thickness 45mm
logo
Vecow Co., Ltd.
RES-3000 VECOW-RES-3000 Datasheet
844Kb / 2P
   Compact & Slim design, IP67 protection
logo
Axiomtek Co., Ltd.
EBOX530-820-FL AXIOMTEK-EBOX530-820-FL Datasheet
486Kb / 1P
   Ultra slim and compact design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com