Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGR971-KN-1 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LGR971-KN-1
Description  Optical Indicator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LGR971-KN-1 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LGR971-KN-1 Datasheet HTML 3Page - OSRAM GmbH LGR971-KN-1 Datasheet HTML 4Page - OSRAM GmbH LGR971-KN-1 Datasheet HTML 5Page - OSRAM GmbH LGR971-KN-1 Datasheet HTML 6Page - OSRAM GmbH LGR971-KN-1 Datasheet HTML 7Page - OSRAM GmbH LGR971-KN-1 Datasheet HTML 8Page - OSRAM GmbH LGR971-KN-1 Datasheet HTML 9Page - OSRAM GmbH LGR971-KN-1 Datasheet HTML 10Page - OSRAM GmbH LGR971-KN-1 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Version 1.0
LG R971
2012-11-06
7
Relative Spectral Emission - V(λ) = Standard eye response curve 7) page 19 , 1) page 19
Relative spektrale Emission - V(λ) = spektrale Augenempfindlichkeit 7) Seite 19, 1) Seite 19
Irel= f (λ); TA = 25 °C; IF = 20 mA
Radiation Characteristics 7) page 19
Abstrahlcharakteristik 7) Seite 19
Irel = f (ϕ); TA = 25 °C
OHL00072
400
0
20
40
60
80
100
%
I
rel
λ
450
500
550
600
650
700
green
nm
λ
V
0
0.2
0.4
1.0
0.8
0.6
ϕ
1.0
0.8
0.6
0.4
10˚
20˚
40˚
30˚
OHL00408
50˚
60˚
70˚
80˚
90˚
100˚
20˚
40˚
60˚
80˚
100˚
120˚


Similar Part No. - LGR971-KN-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGR971-KN-1 OSRAM-LGR971-KN-1 Datasheet
394Kb / 20P
   Optical Indicator
More results

Similar Description - LGR971-KN-1

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EAPL2214WA4 EVERLIGHT-EAPL2214WA4 Datasheet
356Kb / 12P
   Optical indicator
logo
OSRAM GmbH
LSR976-NR-1 OSRAM-LSR976-NR-1 Datasheet
404Kb / 20P
   Optical Indicator
LOT676 OSRAM-LOT676 Datasheet
477Kb / 19P
   Optical Indicator
LOT776 OSRAM-LOT776 Datasheet
435Kb / 19P
   Optical Indicator
LPM675 OSRAM-LPM675 Datasheet
501Kb / 20P
   Optical Indicator
LAM67B OSRAM-LAM67B_14 Datasheet
569Kb / 20P
   Optical Indicator
logo
Everlight Electronics C...
EAPL4508RGBA5 EVERLIGHT-EAPL4508RGBA5 Datasheet
473Kb / 13P
   Optical indicator.
EAPL2214GA2 EVERLIGHT-EAPL2214GA2 Datasheet
358Kb / 12P
   Optical indicator
logo
Suntan Capacitors
TSL-5050UB000MTH SUNTAN-TSL-5050UB000MTH Datasheet
340Kb / 3P
   Optical indicator
logo
OSRAM GmbH
LGT679 OSRAM-LGT679 Datasheet
440Kb / 19P
   Optical Indicator
LGT670 OSRAM-LGT670 Datasheet
442Kb / 19P
   Optical Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com