Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGM670-J2M1-1 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LGM670-J2M1-1
Description  Automotive Interior Lighting
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LGM670-J2M1-1 Datasheet(HTML) 1 Page - OSRAM GmbH

  LGM670-J2M1-1 Datasheet HTML 1Page - OSRAM GmbH LGM670-J2M1-1 Datasheet HTML 2Page - OSRAM GmbH LGM670-J2M1-1 Datasheet HTML 3Page - OSRAM GmbH LGM670-J2M1-1 Datasheet HTML 4Page - OSRAM GmbH LGM670-J2M1-1 Datasheet HTML 5Page - OSRAM GmbH LGM670-J2M1-1 Datasheet HTML 6Page - OSRAM GmbH LGM670-J2M1-1 Datasheet HTML 7Page - OSRAM GmbH LGM670-J2M1-1 Datasheet HTML 8Page - OSRAM GmbH LGM670-J2M1-1 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
2013-12-05
1
2013-12-05
Mini TOPLED
Datasheet
Version 1.1 (Replacement in due course)
LG M670
Features:
Besondere Merkmale:
• Package: white SMT package, colorless clear
resin
• Gehäusetyp: weißes SMT Gehäuse, farbloser
klarer Verguss
• Technology: GaAsP
• Technologie: GaAsP
• Viewing angle at 50 % IV: 120° (Lambertian
Emitter)
• Abstrahlwinkel bei 50 % IV: 120° (Lambertscher
Strahler)
• Color: green (570 nm)
• Farbe: grün (570 nm)
• Corrosion Robustness: Improved corrosion
robustness
• Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
• Optical Indicator
• Optischer Indikator
• Backlighting
• Hinterleuchtung
• Coupling into Light Guides
• Einkopplung in Lichtleiter
• Automotive Interior Lighting
• Automobilbeleuchtung innen


Similar Part No. - LGM670-J2M1-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGM670-J2M1-1 OSRAM-LGM670-J2M1-1 Datasheet
1Mb / 21P
   Cluster, Button Backlighting
More results

Similar Description - LGM670-J2M1-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWG6SP-EAFA-JKQL-1 OSRAM-LWG6SP-EAFA-JKQL-1 Datasheet
678Kb / 23P
   Automotive Interior Lighting
LWM673 OSRAM-LWM673 Datasheet
648Kb / 23P
   Automotive Interior Lighting
LCWMVSG.EC-AZBZ-4U9X OSRAM-LCWMVSG.EC-AZBZ-4U9X Datasheet
1Mb / 26P
   Automotive Interior Lighting
KODELPS1.22 OSRAM-KODELPS1.22 Datasheet
696Kb / 22P
   Automotive Interior Lighting
LGT671 OSRAM-LGT671 Datasheet
439Kb / 19P
   Automotive Interior Lighting
LCBM67S-N2R1-4R6T OSRAM-LCBM67S-N2R1-4R6T Datasheet
603Kb / 22P
   Automotive Interior Lighting
LWG6CP-EAFA-JKQL-1 OSRAM-LWG6CP-EAFA-JKQL-1 Datasheet
673Kb / 23P
   Automotive Interior Lighting
LWT6SC OSRAM-LWT6SC Datasheet
793Kb / 23P
   Automotive Interior Lighting
LTTTSD OSRAM-LTTTSD Datasheet
737Kb / 22P
   Automotive Interior Lighting
LSG6SP-CADB-1-1 OSRAM-LSG6SP-CADB-1-1 Datasheet
610Kb / 21P
   Automotive Interior Lighting
LYT670 OSRAM-LYT670 Datasheet
443Kb / 19P
   Automotive Interior Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com