Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LEUWD1W201-7M7N-GMKM-T01 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LEUWD1W201-7M7N-GMKM-T01
Description  compact lightsource in multi chip on board technology with glass window on top
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEUWD1W201-7M7N-GMKM-T01 Datasheet(HTML) 5 Page - OSRAM GmbH

  LEUWD1W201-7M7N-GMKM-T01 Datasheet HTML 1Page - OSRAM GmbH LEUWD1W201-7M7N-GMKM-T01 Datasheet HTML 2Page - OSRAM GmbH LEUWD1W201-7M7N-GMKM-T01 Datasheet HTML 3Page - OSRAM GmbH LEUWD1W201-7M7N-GMKM-T01 Datasheet HTML 4Page - OSRAM GmbH LEUWD1W201-7M7N-GMKM-T01 Datasheet HTML 5Page - OSRAM GmbH LEUWD1W201-7M7N-GMKM-T01 Datasheet HTML 6Page - OSRAM GmbH LEUWD1W201-7M7N-GMKM-T01 Datasheet HTML 7Page - OSRAM GmbH LEUWD1W201-7M7N-GMKM-T01 Datasheet HTML 8Page - OSRAM GmbH LEUWD1W201-7M7N-GMKM-T01 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Version 2.1 (not for new design)
LE UW D1W2 01
2015-12-02
5
Brightness Groups
Helligkeitsgruppen
Group
Luminous Flux 1) page 19
Luminous Flux 1) page 19
Luminous Intensity
5) page 19
Gruppe
Lichtstrom 1) Seite 19
Lichtstrom 1) Seite 19
Lichtstärke 5) Seite 19
(min.) Φ
V [lm]
(max.) Φ
V [lm]
(typ.) I
V [cd]
7M
224
250
80
8M
250
280
85
5N
280
315
100
6N
315
355
110
7N
355
400
125


Similar Part No. - LEUWD1W201-7M7N-GMKM-T01

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEUWD1W101 OSRAM-LEUWD1W101 Datasheet
294Kb / 18P
   compact lightsource in multi chip on board technology with glass window on top
LEUWD1W101-5L6M-GMKM-T01 OSRAM-LEUWD1W101-5L6M-GMKM-T01 Datasheet
906Kb / 20P
   compact lightsource in multi chip on board technology with glass window on top
LEUWD1W301-7N7P-GMKM-T01 OSRAM-LEUWD1W301-7N7P-GMKM-T01 Datasheet
888Kb / 20P
   compact lightsource in multi chip on board technology with glass window on top
LEUWD1W401-5P6Q-GMKM-T01 OSRAM-LEUWD1W401-5P6Q-GMKM-T01 Datasheet
926Kb / 20P
   compact lightsource in multi chip on board technology with glass window on top
LEUWD1W501-7P8Q-GMKM-T01 OSRAM-LEUWD1W501-7P8Q-GMKM-T01 Datasheet
929Kb / 20P
   compact lightsource in multi chip on board technology with glass window on top
More results

Similar Description - LEUWD1W201-7M7N-GMKM-T01

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LE-A-G3W OSRAM-LE-A-G3W Datasheet
576Kb / 19P
   compact lightsource in multi chip on board technology with glass window on top
LEUWD1W401-5P6Q-GMKM-T01 OSRAM-LEUWD1W401-5P6Q-GMKM-T01 Datasheet
926Kb / 20P
   compact lightsource in multi chip on board technology with glass window on top
LE-UW-D1W2-01 OSRAM-LE-UW-D1W2-01 Datasheet
605Kb / 20P
   compact lightsource in multi chip on board technology with glass window on top
LE-UW-D1W1-01 OSRAM-LE-UW-D1W1-01 Datasheet
294Kb / 18P
   compact lightsource in multi chip on board technology with glass window on top
LEUWD1W301-7N7P-GMKM-T01 OSRAM-LEUWD1W301-7N7P-GMKM-T01 Datasheet
888Kb / 20P
   compact lightsource in multi chip on board technology with glass window on top
LEUWD1W501-7P8Q-GMKM-T01 OSRAM-LEUWD1W501-7P8Q-GMKM-T01 Datasheet
929Kb / 20P
   compact lightsource in multi chip on board technology with glass window on top
LE-A-H3W OSRAM-LE-A-H3W Datasheet
447Kb / 19P
   compact lightsource in multi chip on board technology with glass window on top
LE-UW-D1W4-01 OSRAM-LE-UW-D1W4-01 Datasheet
533Kb / 18P
   compact lightsource in multi chip on board technology with glass window on top
LEUWD1W101-5L6M-GMKM-T01 OSRAM-LEUWD1W101-5L6M-GMKM-T01 Datasheet
906Kb / 20P
   compact lightsource in multi chip on board technology with glass window on top
LE-UW-D1W5-01 OSRAM-LE-UW-D1W5-01 Datasheet
520Kb / 18P
   compact lightsource in multi chip on board technology with glass window on top
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com