Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLX92232LUA-AAA-002-BU Datasheet(PDF) 5 Page - Melexis Microelectronic Systems

Part # MLX92232LUA-AAA-002-BU
Description  End of line programmable Hall-effect Latch / Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX92232LUA-AAA-002-BU Datasheet(HTML) 5 Page - Melexis Microelectronic Systems

  MLX92232LUA-AAA-002-BU Datasheet HTML 1Page - Melexis Microelectronic Systems MLX92232LUA-AAA-002-BU Datasheet HTML 2Page - Melexis Microelectronic Systems MLX92232LUA-AAA-002-BU Datasheet HTML 3Page - Melexis Microelectronic Systems MLX92232LUA-AAA-002-BU Datasheet HTML 4Page - Melexis Microelectronic Systems MLX92232LUA-AAA-002-BU Datasheet HTML 5Page - Melexis Microelectronic Systems MLX92232LUA-AAA-002-BU Datasheet HTML 6Page - Melexis Microelectronic Systems MLX92232LUA-AAA-002-BU Datasheet HTML 7Page - Melexis Microelectronic Systems MLX92232LUA-AAA-002-BU Datasheet HTML 8Page - Melexis Microelectronic Systems MLX92232LUA-AAA-002-BU Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MLX92232
End of line programmable Hall-effect Latch / Switch
3901092232 – REV 2
Page 5 of 12
Nov/14
5 Magnetic Specifications
DC Operating Parameters VDD = 3.5V to 24V, TA = -40°C to 150°C (unless otherwise specified)
Parameter
Symbol Test Conditions
Min
Typ
(1)
Max
Units
Latch Threshold Programming Range (2, 6)
BLTH
VDD=12V, TA=25°C
±0.4
±80
mT
Switch Operating Point Programming
Range (3, 6)
BOP
VDD =12V, TA =25°C
±1.5
±66
mT
Proportional Hysteresis Ratio Programming
Range HYSRATIO (4, 7)
HYSRATIO VDD=12V, TA=25°C
0.10
0.55
Fixed Hysteresis Value 0 (5)
BFHYS0
0
mT
Fixed Hysteresis Value 1 (5, 8)
BFHYS1
1
mT
Fixed Hysteresis Value 2 (5)
BFHYS2
1.2
mT
Fixed Hysteresis Value 3 (5)
BFHYS3
1.4
mT
Fixed Hysteresis Value 4 (5)
BFHYS4
1.8
mT
Fixed Hysteresis Value 5 (5)
BFHYS5
2.2
Latch sensor Magnetic Offset (BOP + BRP)/2
BOFFSET
TA = 25°C
-0.5
tbd
+0.5
mT
BOFFSET (8) TA = -40°C to 150°C
-0.9
+0.9
mT
Temperature Coefficient (9)
TC
Flat
0
ppm/ºC
SmCo,
- 400
NdFeB,
- 1100
Hard Ferrite,
- 2000
Factory Programmed BOP, Switch
BOP
VDD = 12V, TA = 25°C, programming
target 28mT
26
28
30
mT
Factory Programmed BRP, Switch
BRP
VDD = 12V, TA = 25°C, programming
target 28mT, HYSRATIO = 0.75
19
21
23
mT
Table 3: Magnetic specifications
The hysteresis is programmable for each Bop point with a fixed value or proportional (ratiometric) to BOP :
1) Ratiometric hysteresis example: BOP = 10mT  4.5mT BRP 9mT
2) Fixed hysteresis example: BOP = 10mT  7.8mT BRP 9mT
1. The typical values are defined at TA = 25ºC and VDD = 12V
2. For Latch sensor BLTH = (BOP - BRP )/2. The Latch programming step is typically between 0.7% and 1.5% of the programmed BLTH value for |BLTH| ≥ 1.2mT and
0.018mT for |BLTH| ≤ 1.2mT
3. For Switch sensor the BOP programming step is typically between 0.7% and 1.5% of the programmed BOP value for |BOP| ≥ 4.8mT and 0.072mT for |BOP| ≤ 4.8mT
4. For Switch sensor with proportional hysteresis
HYSRATIO
= BHYS / BOP. The HYSRATIO programming step is 0.05
5. For Switch sensor with fixed hysteresis value
6. Guaranteed by design and verified by characterization. The programming ranges for
BLTH and BOP include some margin for process deviations
7. The given min/max limits are typical values
8. Guaranteed by design and verified by characterization
9. The Temperature Coefficient is calculated using following formula:
TC
=
C
ppm/
,
10
*
*
190
6
25
40
150
B
B
B
TC


Similar Part No. - MLX92232LUA-AAA-002-BU

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX92232LUA-AAA-002-BU MELEXIS-MLX92232LUA-AAA-002-BU Datasheet
1Mb / 16P
   End of Line programmable 3-Wire Hall Effect Latch/Switch
More results

Similar Description - MLX92232LUA-AAA-002-BU

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX92232 MELEXIS-MLX92232_18 Datasheet
1Mb / 16P
   End of Line programmable 3-Wire Hall Effect Latch/Switch
logo
Allegro MicroSystems
APS11900 ALLEGRO-APS11900 Datasheet
1Mb / 21P
   Two-Wire End-of-Line Programmable Hall-Effect Switch/Latch
logo
Melexis Microelectronic...
MLX92361 MELEXIS-MLX92361 Datasheet
795Kb / 18P
   Isolated output programmable Hall Effect Latch/Switch/Omnipolar switch
REVISION 2 - FEBRUARY 2023
MLX92242 MELEXIS-MLX92242 Datasheet
833Kb / 13P
   2-Wire EOL programmable Hall Effect Latch/Switch
logo
Allegro MicroSystems
A1250LLHLT-T ALLEGRO-A1250LLHLT-T Datasheet
364Kb / 12P
   Hall Effect Latch / Bipolar Switch
A1250 ALLEGRO-A1250 Datasheet
365Kb / 12P
   Hall Effect Latch / Bipolar Switch
A1250LUA-T ALLEGRO-A1250LUA-T Datasheet
364Kb / 12P
   Hall Effect Latch / Bipolar Switch
A1250 ALLEGRO-A1250_16 Datasheet
950Kb / 12P
   Hall-Effect Latch / Bipolar Switch
3150 ALLEGRO-3150 Datasheet
100Kb / 12P
   PROGRAMMABLE, CHOPPERSTABILIZED, HALL-EFFECT SWITCH
April 12, 1999
A1128LLTTR-T ALLEGRO-A1128LLTTR-T Datasheet
362Kb / 20P
   Highly Programmable Hall-Effect Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com