Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLX92232LUA-AAA-002-BU Datasheet(PDF) 4 Page - Melexis Microelectronic Systems

Part # MLX92232LUA-AAA-002-BU
Description  End of line programmable Hall-effect Latch / Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX92232LUA-AAA-002-BU Datasheet(HTML) 4 Page - Melexis Microelectronic Systems

  MLX92232LUA-AAA-002-BU Datasheet HTML 1Page - Melexis Microelectronic Systems MLX92232LUA-AAA-002-BU Datasheet HTML 2Page - Melexis Microelectronic Systems MLX92232LUA-AAA-002-BU Datasheet HTML 3Page - Melexis Microelectronic Systems MLX92232LUA-AAA-002-BU Datasheet HTML 4Page - Melexis Microelectronic Systems MLX92232LUA-AAA-002-BU Datasheet HTML 5Page - Melexis Microelectronic Systems MLX92232LUA-AAA-002-BU Datasheet HTML 6Page - Melexis Microelectronic Systems MLX92232LUA-AAA-002-BU Datasheet HTML 7Page - Melexis Microelectronic Systems MLX92232LUA-AAA-002-BU Datasheet HTML 8Page - Melexis Microelectronic Systems MLX92232LUA-AAA-002-BU Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MLX92232
End of line programmable Hall-effect Latch / Switch
3901092232 – REV 2
Page 4 of 12
Nov/14
4 General Electrical Specifications
DC Operating Parameters VDD = 2.7V to 24V, TA = -40°C to 150°C (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
(1)
Max
Units
Supply Voltage
VDD
Operating
2.7
-
24
V
Supply Current
IDD
1.9
3.0
3.9
mA
Reverse supply current
IDDREV
VDD = -16V
-1
-
-
mA
Output Saturation Voltage
VOL
VDD = 3.5 to 24V, IOUT = 20mA
-
0.25
0.5
V
Output Leakage
IOFF
VOUT = 12V, VDD = 12V
-
-
10
µA
Output Rise Time (2, 8)
(RPU dependent)
tR
RPU = 1kΩ, VDD = 12V, VPU = 5V
CLOAD = 50pF to GND
0.1
0.3
1
µs
Output Fall Time (2, 8)
(On-chip controlled )
tF
RPU = 1kΩ, VDD = 12V, VPU = 5V
CLOAD = 50pF to GND
0.1
0.3
1
µs
Power-On Time (3, 4)
tON
VDD = 5V, dVDD/dt > 2V/us, activated
output with >1mT overdrive
-
40
70
μs
Power-On Output State
-
t < tON
High (VPU)
-
Output Current Limit
ICL
VDD=3.5 to 24V, VOUT = 12V
25
40
70
mA
Output ON Time under Current
Limit conditions (
8, 9)
tCLON
VPU = 12V, RPU = 100Ω
180
240
-
µs
Output OFF Time under
Current Limit conditions (
8, 9)
tCLOFF
VPU = 12V, RPU = 100Ω
-
3.5
-
ms
Chopping Frequency
fCHOP
350
-
kHz
Refresh Period
tPER
-
6
-
µs
Delay Time (2, 5)
tD
Average over 1000 successive switching
events @10kHz, Latch, BOP set to 5mT,
square wave magnetic field with
B > ±20mT, tRISE = tFALL ≤ 20μs
-
7.5
-
µs
Output Jitter (p-p) (2, 6)
tJITTER
Over 1000 successive switching events
@ 1kHz, Latch, BOP set to 5mT, square
wave magnetic field with B > ±20mT,
tRISE = tFALL ≤ 20μs
-
±4
-
µs
Maximum Switching
Frequency (2, 7)
fSW
Latch, BOP set to 5mT, square wave
magnetic field with B > ±20mT
30
50
-
kHz
Under-voltage Lockout
Threshold
VUVL
-
-
2.7
V
Under-voltage Lockout
Reaction time (2)
tUVL
-
1
-
µs
Thermal Protection Threshold
TPROT
Junction temperature
-
190
-
°C
Thermal Protection Release
TREL
Junction temperature
-
180
-
°C
Table 2: General Electrical Specifications
1
Typical values are defined at T
A
= +25ºC and V
DD
= 12V
2
Guaranteed by design and verified by characterization, not production tested
3
The Power-On Time represents the time from reaching V
DD
= 2.7V to the first refresh of the output
4
Power-On Slew Rate is not critical for the proper device start-up.
5
The Delay Time is the time from magnetic threshold reached to the start of the output switching
6
Output jitter is the unpredictable deviation of the Delay Time
7
Maximum switching frequency corresponds to the maximum frequency of the applied magnetic field which is detected without loss of pulses
8
R
PU
and V
PU
are respectively the external pull-up resistor and pull-up power supply
9
If the Output is in Current Limitation longer than t
CLON
the Output is switched off in high-impedance state. The Output returns back in active state at next reaching of B
OP
or
after t
CLOFF
time interval


Similar Part No. - MLX92232LUA-AAA-002-BU

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX92232LUA-AAA-002-BU MELEXIS-MLX92232LUA-AAA-002-BU Datasheet
1Mb / 16P
   End of Line programmable 3-Wire Hall Effect Latch/Switch
More results

Similar Description - MLX92232LUA-AAA-002-BU

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX92232 MELEXIS-MLX92232_18 Datasheet
1Mb / 16P
   End of Line programmable 3-Wire Hall Effect Latch/Switch
logo
Allegro MicroSystems
APS11900 ALLEGRO-APS11900 Datasheet
1Mb / 21P
   Two-Wire End-of-Line Programmable Hall-Effect Switch/Latch
logo
Melexis Microelectronic...
MLX92361 MELEXIS-MLX92361 Datasheet
795Kb / 18P
   Isolated output programmable Hall Effect Latch/Switch/Omnipolar switch
REVISION 2 - FEBRUARY 2023
MLX92242 MELEXIS-MLX92242 Datasheet
833Kb / 13P
   2-Wire EOL programmable Hall Effect Latch/Switch
logo
Allegro MicroSystems
A1250LLHLT-T ALLEGRO-A1250LLHLT-T Datasheet
364Kb / 12P
   Hall Effect Latch / Bipolar Switch
A1250 ALLEGRO-A1250 Datasheet
365Kb / 12P
   Hall Effect Latch / Bipolar Switch
A1250LUA-T ALLEGRO-A1250LUA-T Datasheet
364Kb / 12P
   Hall Effect Latch / Bipolar Switch
A1250 ALLEGRO-A1250_16 Datasheet
950Kb / 12P
   Hall-Effect Latch / Bipolar Switch
3150 ALLEGRO-3150 Datasheet
100Kb / 12P
   PROGRAMMABLE, CHOPPERSTABILIZED, HALL-EFFECT SWITCH
April 12, 1999
A1128LLTTR-T ALLEGRO-A1128LLTTR-T Datasheet
362Kb / 20P
   Highly Programmable Hall-Effect Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com