Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLX92232LUA-AAA-000-BU Datasheet(PDF) 10 Page - Melexis Microelectronic Systems

Part # MLX92232LUA-AAA-000-BU
Description  End of line programmable Hall-effect Latch / Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX92232LUA-AAA-000-BU Datasheet(HTML) 10 Page - Melexis Microelectronic Systems

Back Button MLX92232LUA-AAA-000-BU Datasheet HTML 4Page - Melexis Microelectronic Systems MLX92232LUA-AAA-000-BU Datasheet HTML 5Page - Melexis Microelectronic Systems MLX92232LUA-AAA-000-BU Datasheet HTML 6Page - Melexis Microelectronic Systems MLX92232LUA-AAA-000-BU Datasheet HTML 7Page - Melexis Microelectronic Systems MLX92232LUA-AAA-000-BU Datasheet HTML 8Page - Melexis Microelectronic Systems MLX92232LUA-AAA-000-BU Datasheet HTML 9Page - Melexis Microelectronic Systems MLX92232LUA-AAA-000-BU Datasheet HTML 10Page - Melexis Microelectronic Systems MLX92232LUA-AAA-000-BU Datasheet HTML 11Page - Melexis Microelectronic Systems MLX92232LUA-AAA-000-BU Datasheet HTML 12Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MLX92232
End of line programmable Hall-effect Latch / Switch
3901092232 – REV 2
Page 10 of 12
Nov/14
11 Package Information
4.10
+/-0.20
0.46
+0.03
- 0.03
0.38
+/-0.03
1.27
+/-0.055
2.54
+/-0.055
0.00
0.15
1.50
+/-0.10
7° Typ
7° Typ
0.38
+/-0.03
7° NOM
45° NOM
Notes:
1. All dimensions are in millimeters
2. Package dimension exclusive molding flash.
3. The end flash shall not exceed 0.127 mm on
the top side.
Marking:
1
st Line : 31WW à WW - calendar week
2
nd Line : YLLL: à Y - last digit of year
LLL- Lot nr (3 digits)
Hall plate location
Notes:
1. All dimensions are in millimeters
2.62
+0.10
- 0.11
0.74
+0.10
- 0.11
0.41
0.45
0.9
Marked side
1
2
3
0.55
+0.11
- 0.10
UA Pin
Name
Type
Function
1
VDD
Supply
Supply Voltage pin
2
GND
Ground
Ground pin
3
OUT
Output
Open Drain output pin
Table 6: UA Package pinout


Similar Part No. - MLX92232LUA-AAA-000-BU

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX92232LUA-AAA-000-BU MELEXIS-MLX92232LUA-AAA-000-BU Datasheet
1Mb / 16P
   End of Line programmable 3-Wire Hall Effect Latch/Switch
More results

Similar Description - MLX92232LUA-AAA-000-BU

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX92232 MELEXIS-MLX92232_18 Datasheet
1Mb / 16P
   End of Line programmable 3-Wire Hall Effect Latch/Switch
logo
Allegro MicroSystems
APS11900 ALLEGRO-APS11900 Datasheet
1Mb / 21P
   Two-Wire End-of-Line Programmable Hall-Effect Switch/Latch
logo
Melexis Microelectronic...
MLX92361 MELEXIS-MLX92361 Datasheet
795Kb / 18P
   Isolated output programmable Hall Effect Latch/Switch/Omnipolar switch
REVISION 2 - FEBRUARY 2023
MLX92242 MELEXIS-MLX92242 Datasheet
833Kb / 13P
   2-Wire EOL programmable Hall Effect Latch/Switch
logo
Allegro MicroSystems
A1250LLHLT-T ALLEGRO-A1250LLHLT-T Datasheet
364Kb / 12P
   Hall Effect Latch / Bipolar Switch
A1250 ALLEGRO-A1250 Datasheet
365Kb / 12P
   Hall Effect Latch / Bipolar Switch
A1250LUA-T ALLEGRO-A1250LUA-T Datasheet
364Kb / 12P
   Hall Effect Latch / Bipolar Switch
A1250 ALLEGRO-A1250_16 Datasheet
950Kb / 12P
   Hall-Effect Latch / Bipolar Switch
3150 ALLEGRO-3150 Datasheet
100Kb / 12P
   PROGRAMMABLE, CHOPPERSTABILIZED, HALL-EFFECT SWITCH
April 12, 1999
A1128LLTTR-T ALLEGRO-A1128LLTTR-T Datasheet
362Kb / 20P
   Highly Programmable Hall-Effect Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com