Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


61LV25616AL Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part No. 61LV25616AL
Description  256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ISSI [Integrated Silicon Solution, Inc]
Homepage  http://www.issi.com
Logo 

 
 5 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
5
Rev. A
02/21/03
1
2
3
4
5
6
7
8
9
10
11
12
IS61LV25616AL
ISSI®
CAPACITANCE(1)
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
pF
COUT
Input/Output Capacitance
VOUT = 0V
8
pF
Note:
1. Tested initially and after any design or process changes that may affect these parameters.
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-10
-12
Symbol Parameter
Test Conditions
Min. Max.
Min. Max.
Unit
ICC
VDD Dynamic Operating
VDD = Max.,
Com.
100
90
mA
Supply Current
IOUT = 0 mA, f = fMAX
Ind.
110
100
ISB
TTL Standby Current
VDD = Max.,
Com.
50
45
mA
(TTL Inputs)
VIN = VIH or VIL
Ind.
55
50
CE
≥ VIH, f = fMAX.
ISB1
TTL Standby Current
VDD = Max.,
Com.
20
20
mA
(TTL Inputs)
VIN = VIH or VIL
Ind.
25
25
CE
≥ VIH, f = 0
ISB2
CMOS Standby
VDD = Max.,
Com.
15
15
mA
Current (CMOS Inputs)
CE
≥ VDD – 0.2V,
Ind.
20
20
VIN
≥ VDD – 0.2V, or
VIN
≤ 0.2V, f = 0
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
Shaded area product in development




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IC61LV25616256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY 1 2 3 4 5 MoreIntegrated Circuit Solution Inc
IS64LV25616AL256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
IS61LV25616256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
IS64LV51216512K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
IS61LV25616256 X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY 1 2 3 4 5 MoreIntegrated Circuit Solution Inc
IS61C25616256K X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 5V SUPPLY 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
IS61LV641664K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY 1 2 3 4 5 MoreIntegrated Circuit Solution Inc
IS61WV102416ALL1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
IS61LV12816L128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
IS61LV12816-12LQI128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl