Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


61LV25616AL Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part No. 61LV25616AL
Description  256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ISSI [Integrated Silicon Solution, Inc]
Homepage  http://www.issi.com
Logo 

 
 4 page
background image
4
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. A
02/21/03
IS61LV25616AL
ISSI®
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
VDD = Min., IOH = –4.0 mA
2.4
V
VOL
Output LOW Voltage
VDD = Min., IOL = 8.0 mA
0.4
V
VIH
Input HIGH Voltage
2.0
VDD + 0.3
V
VIL
Input LOW Voltage(1)
–0.3
0.8
V
ILI
Input Leakage
GND
≤ VIN ≤ VDD
Com.
–2
2
µA
Ind.
–5
5
ILO
Output Leakage
GND
≤ VOUT ≤ VDD
Com.
–2
2
µA
Outputs Disabled
Ind.
–5
5
Notes:
1. VIL (min.) = –2.0V for pulse width less than 10 ns.
ABSOLUTE MAXIMUM RATINGS(1)
Symbol Parameter
Value
Unit
VTERM
Terminal Voltage with Respect to GND
–0.5 to VDD+0.5
V
TSTG
Storage Temperature
–65 to +150
°C
PT
Power Dissipation
1.0
W
Note:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation of
the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
OPERATING RANGE
VDD
Range
Ambient Temperature
10ns
12ns
Commercial
0°C to +70°C
3.3V +10%, -5%
3.3V + 10%
Industrial
–40°C to +85°C
3.3V +10%, -5%
3.3V + 10%




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IC61LV25616256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY 1 2 3 4 5 MoreIntegrated Circuit Solution Inc
IS64LV25616AL256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
IS61LV25616256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
IS64LV51216512K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
IS61LV25616256 X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY 1 2 3 4 5 MoreIntegrated Circuit Solution Inc
IS61C25616256K X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 5V SUPPLY 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
IS61LV641664K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY 1 2 3 4 5 MoreIntegrated Circuit Solution Inc
IS61WV102416ALL1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
IS61LV12816L128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
IS61LV12816-12LQI128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl