Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


61LV25616AL Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part No. 61LV25616AL
Description  256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ISSI [Integrated Silicon Solution, Inc]
Homepage  http://www.issi.com
Logo 

 
 2 page
background image
2
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. A
02/21/03
IS61LV25616AL
ISSI®
TRUTH TABLE
I/O PIN
Mode
WE
WE
WE
WE
WE
CE
CE
CE
CE
CE
OE
OE
OE
OE
OE
LB
LB
LB
LB
LB
UB
UB
UB
UB
UB
I/O0-I/O7
I/O8-I/O15
VDD Current
Not Selected
X
H
X
X
X
High-Z
High-Z
ISB1, ISB2
Output Disabled
H
L
H
X
X
High-Z
High-Z
ICC
X
L
X
H
H
High-Z
High-Z
Read
H
L
L
L
H
DOUT
High-Z
ICC
H
L
L
H
L
High-Z
DOUT
H
LLL
L
DOUT
DOUT
Write
L
L
X
L
H
DIN
High-Z
ICC
L
L
X
H
L
High-Z
DIN
LL
X
L
L
DIN
DIN
PIN DESCRIPTIONS
A0-A17
Address Inputs
I/O0-I/O15
Data Inputs/Outputs
CE
Chip Enable Input
OE
Output Enable Input
WE
Write Enable Input
LB
Lower-byte Control (I/O0-I/O7)
UB
Upper-byte Control (I/O8-I/O15)
NC
No Connection
VDD
Power
GND
Ground
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
A0
A1
A2
A3
A4
CE
I/O0
I/O1
I/O2
I/O3
VDD
GND
I/O4
I/O5
I/O6
I/O7
WE
A5
A6
A7
A8
A9
A17
A16
A15
OE
UB
LB
I/O15
I/O14
I/O13
I/O12
GND
VDD
I/O11
I/O10
I/O9
I/O8
NC
A14
A13
A12
A11
A10
PIN CONFIGURATIONS
44-Pin TSOP (Type II) and SOJ




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IC61LV25616256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY 1 2 3 4 5 MoreIntegrated Circuit Solution Inc
IS64LV25616AL256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
IS61LV25616256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
IS64LV51216512K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
IS61LV25616256 X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY 1 2 3 4 5 MoreIntegrated Circuit Solution Inc
IS61C25616256K X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 5V SUPPLY 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
IS61LV641664K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY 1 2 3 4 5 MoreIntegrated Circuit Solution Inc
IS61WV102416ALL1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
IS61LV12816L128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
IS61LV12816-12LQI128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl