Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM3TW-2407SZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM3TW-2407SZ
Description  3 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3TW-2407SZ Datasheet(HTML) 1 Page - AIMTEC

  AM3TW-2407SZ Datasheet HTML 1Page - AIMTEC AM3TW-2407SZ Datasheet HTML 2Page - AIMTEC AM3TW-2407SZ Datasheet HTML 3Page - AIMTEC AM3TW-2407SZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series AM3TW-Z
3 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.G
1 of 4
North America only
FEATURES:
Models
Single output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (mA)
Isolation
(VDC)
Capacitive
load, max (μF)
Efficiency
(%)
AM3TW-2403SZ
9-36
3.3
800
1500
1000
75
AM3TW-2405SZ
9-36
5
600
1500
1000
78
AM3TW-2407SZ
9-36
7.2
417
1500
200
78
AM3TW-2409SZ
9-36
9
333
1500
200
79
AM3TW-2412SZ
9-36
12
250
1500
100
81
AM3TW-2415SZ
9-36
15
200
1500
100
81
AM3TW-2418SZ
9-36
18
167
1500
47
81
AM3TW-2424SZ
9-36
24
125
1500
47
81
AM3TW-4803SZ
18-72
3.3
800
1500
1000
76
AM3TW-4805SZ
18-72
5
600
1500
1000
80
AM3TW-4807SZ
18-72
7.2
417
1500
200
78
AM3TW-4809SZ
18-72
9
333
1500
200
82
AM3TW-4812SZ
18-72
12
250
1500
100
80
AM3TW-4815SZ
18-72
15
200
1500
100
80
AM3TW-4818SZ
18-72
18
167
1500
47
80
AM3TW-4824SZ
18-72
24
125
1500
47
81
AM3TW-2403SH35Z
9-36
3.3
800
3500
1000
75
AM3TW-2405SH35Z
9-36
5
600
3500
1000
78
AM3TW-2407SH35Z
9-36
7.2
417
3500
200
78
AM3TW-2409SH35Z
9-36
9
333
3500
200
79
AM3TW-2412SH35Z
9-36
12
250
3500
100
81
AM3TW-2415SH35Z
9-36
15
200
3500
100
81
AM3TW-2418SH35Z
9-36
18
167
3500
47
81
AM3TW-2424SH35Z
9-36
24
125
3500
47
81
AM3TW-4803SH35Z
18-72
3.3
800
3500
1000
76
AM3TW-4805SH35Z
18-72
5
600
3500
1000
80
AM3TW-4807SH35Z
18-72
7.2
417
3500
200
78
AM3TW-4809SH35Z
18-72
9
333
3500
200
82
AM3TW-4812SH35Z
18-72
12
250
3500
100
80
AM3TW-4815SH35Z
18-72
15
200
3500
100
80
AM3TW-4818SH35Z
18-72
18
167
3500
47
80
AM3TW-4824SH35Z
18-72
24
125
3500
47
81
Models
Dual output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (mA)
Isolation
(VDC)
Capacitive
load, max (μF)
Efficiency
(%)
AM3TW-2403DZ
9-36
±3.3
±400
1500
±470
76
AM3TW-2405DZ
9-36
±5
±300
1500
±470
79
AM3TW-2407DZ
9-36
±7.2
±208
1500
±100
78
AM3TW-2409DZ
9-36
±9
±167
1500
±100
79
AM3TW-2412DZ
9-36
±12
±125
1500
±68
80
AM3TW-2415DZ
9-36
±15
±100
1500
±68
80
AM3TW-2418DZ
9-36
±18
±84
1500
±33
81
 RoHS compliant
 Operating temperature -40oC to + 85oC
 Low profile metal package
 Input / Output Isolation 1500 and 3500VDC
 High efficiency up to 82%
 Pin compatible with multiple manufacturers
 Wide 4:1 input range
 Continuous short circuit protection
Click on Series name for product info on aimtec.com


Similar Part No. - AM3TW-2407SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3TW-2407SZ AIMTEC-AM3TW-2407SZ Datasheet
240Kb / 4P
   3 Watt | DC-DC Converter
More results

Similar Description - AM3TW-2407SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3D-Z AIMTEC-AM3D-Z_16 Datasheet
190Kb / 5P
   3 Watt | DC-DC Converter
AM3F-Z AIMTEC-AM3F-Z_16 Datasheet
362Kb / 3P
   3 Watt | DC-DC Converter
AM3T-Z AIMTEC-AM3T-Z_16 Datasheet
136Kb / 4P
   3 Watt | DC-DC Converter
logo
Wall Industries,Inc.
LANEW3 WALL-LANEW3_16 Datasheet
172Kb / 4P
   3 Watt DC/DC Converter
logo
AIMTEC
AM3G-NZ AIMTEC-AM3G-NZ_11 Datasheet
360Kb / 3P
   3 Watt | DC-DC Converter
AM3D-Z AIMTEC-AM3D-Z_13 Datasheet
480Kb / 4P
   3 Watt | DC-DC Converter
AM3Q-Z AIMTEC-AM3Q-Z_13 Datasheet
264Kb / 3P
   3 Watt | DC-DC Converter
AM3TW-RVZ AIMTEC-AM3TW-RVZ Datasheet
295Kb / 3P
   3 Watt | DC-DC Converter
AM3T-VZ AIMTEC-AM3T-VZ Datasheet
592Kb / 5P
   3 Watt | DC-DC Converter
AM3G-Z AIMTEC-AM3G-Z_13 Datasheet
280Kb / 5P
   3 Watt | DC-DC Converter
AM3N-S-Z AIMTEC-AM3N-S-Z_13 Datasheet
279Kb / 4P
   3 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com