Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLX92292 Datasheet(PDF) 3 Page - Melexis Microelectronic Systems

Part # MLX92292
Description  關-Power Programmable ASIL B capable Hall Effect Switch/Latch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX92292 Datasheet(HTML) 3 Page - Melexis Microelectronic Systems

  MLX92292 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX92292 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX92292 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX92292 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX92292 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX92292 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX92292 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX92292 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX92292 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MLX92292
µ-Power Programmable ASIL B capable
Hall Effect Switch/Latch
µ-Power Programmable ASIL B Hall S/L
Page 3 of 11
Abstract
Rev. 1.1
Sept 11, 2015
Absolute Maximum Ratings
Parameter
Symbol
Value
Units
Supply voltage
(1, 2)
VDD
+28V
V
Supply voltage (Load Dump)
(1, 4)
VDD
+40V
V
Supply current
(1, 2, 3)
IDD
+20
mA
Supply current
(1, 3, 4)
IDD
+50
mA
Reverse supply voltage
(1, 2)
VDDREV
-24
V
Reverse supply voltage
(1, 4)
VDDREV
-30
V
Reverse supply current
(1, 2, 5)
IDDREV
-20
mA
Reverse supply current
(1, 4, 5)
IDDREV
-50
mA
Output voltage
(1, 2)
VOUT
+28
V
Output current
(1, 2, 5)
IOUT
+20
mA
Reverse output voltage
(1)
VOUTREV
-0.5
V
Reverse output current
(1, 2)
IOUTREV
-50
mA
Maximum junction temperature
(6)
TJ
+165
C
ESD sensitivity
– HBM
(7)
-
8
kV
ESD sensitivity
– CDM
(8)
-
1000
V
Magnetic flux density
B
Unlimited
mT
Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute-maximum-
rated conditions for extended periods may affect device reliability.
1 The maximum junction temperature should not be exceeded
2 For maximum 1 hour
3 Including current through protection device
4 For maximum 500ms
5 Through protection device
6 For 1000 hours.
7 Human Body Model according AEC-Q100-002 standard
8 Charged Device Model according AEC-Q100-011 standard


Similar Part No. - MLX92292

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX92291 MELEXIS-MLX92291 Datasheet
1Mb / 30P
   3-wire 關Power programmable ASIL B capable Hall Effect Latch/Switch
More results

Similar Description - MLX92292

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX92291 MELEXIS-MLX92291 Datasheet
1Mb / 30P
   3-wire 關Power programmable ASIL B capable Hall Effect Latch/Switch
MLX92361 MELEXIS-MLX92361 Datasheet
795Kb / 18P
   Isolated output programmable Hall Effect Latch/Switch/Omnipolar switch
REVISION 2 - FEBRUARY 2023
MLX92232 MELEXIS-MLX92232 Datasheet
763Kb / 12P
   End of line programmable Hall-effect Latch / Switch
MLX92242 MELEXIS-MLX92242 Datasheet
833Kb / 13P
   2-Wire EOL programmable Hall Effect Latch/Switch
logo
Clare, Inc.
MX887D CLARE-MX887D Datasheet
271Kb / 6P
   關Power Hall-Effect Switch
MX887P CLARE-MX887P Datasheet
272Kb / 6P
   關Power Hall-Effect Switch
logo
Allegro MicroSystems
A1250LLHLT-T ALLEGRO-A1250LLHLT-T Datasheet
364Kb / 12P
   Hall Effect Latch / Bipolar Switch
A1250 ALLEGRO-A1250 Datasheet
365Kb / 12P
   Hall Effect Latch / Bipolar Switch
A1250LUA-T ALLEGRO-A1250LUA-T Datasheet
364Kb / 12P
   Hall Effect Latch / Bipolar Switch
A1250 ALLEGRO-A1250_16 Datasheet
950Kb / 12P
   Hall-Effect Latch / Bipolar Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com