Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TH71101 Datasheet(PDF) 4 Page - Melexis Microelectronic Systems

Part # TH71101
Description  FSK/ASK Receiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH71101 Datasheet(HTML) 4 Page - Melexis Microelectronic Systems

  TH71101 Datasheet HTML 1Page - Melexis Microelectronic Systems TH71101 Datasheet HTML 2Page - Melexis Microelectronic Systems TH71101 Datasheet HTML 3Page - Melexis Microelectronic Systems TH71101 Datasheet HTML 4Page - Melexis Microelectronic Systems TH71101 Datasheet HTML 5Page - Melexis Microelectronic Systems TH71101 Datasheet HTML 6Page - Melexis Microelectronic Systems TH71101 Datasheet HTML 7Page - Melexis Microelectronic Systems TH71101 Datasheet HTML 8Page - Melexis Microelectronic Systems TH71101 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TH71101
315/433MHz
FSK/ASK Receiver
39010 71101
Page 4 of 21
Data Sheet
Rev. 018
Jun/13
1.3
Block Diagram
Fig. 1: TH71101 block diagram
1.4
Mode Configurations
ENRX
Mode
Description
0
RX standby
RX disabled
1
RX active
RX enable
Note: ENRX are pulled down internally
1.5
LNA GAIN Control
VGAIN_LNA
Mode
Description
< 0.8 V
HIGH GAIN
LNA set to high gain
> 1.4 V
LOW GAIN
LNA set to low gain
Note: hysteresis between gain modes to ensure stability
1.6
Frequency Planning
Frequency planning is straightforward for single-conversion applications because there is only one IF that
can be chosen, and then the only possible choice is low-side or high-side injection of the LO signal (which is
now the one and only LO signal in the receiver).
The receiver’s single-conversion architecture requires careful frequency planning. Besides the desired RF
input signal, there are a number of spurious signals that may cause an undesired response at the output.
Among them is the image of the RF signal that must be suppressed by the RF front-end filter.
MIX1
12
IN_LNA
4
31
8
5
6
7
11
IF
13
17
27
28
26
IF
10
9
LO
25
BIAS
30
VCO1
PFD
RO
22
RO
LF
29
CP
32
18
19
OAP
OAN
OUT_OA
OA
20
LNA
3
2
1
MIX2
14
15
16
23
24
OUTP
OUTN
MIX3
IFA
21
DIV_16


Similar Part No. - TH71101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TH71101 ETC-TH71101 Datasheet
656Kb / 20P
   FSK/FM/ASK Receiver
logo
Melexis Microelectronic...
TH71101 MELEXIS-TH71101 Datasheet
404Kb / 22P
   315/433MHz FSK/FM/ASK Receiver
TH71101 MELEXIS-TH71101 Datasheet
1Mb / 20P
   315/433MHz FSK/ASK Receiver
TH71101ENE MELEXIS-TH71101ENE Datasheet
404Kb / 22P
   315/433MHz FSK/FM/ASK Receiver
TH71101 MELEXIS-TH71101_17 Datasheet
1Mb / 20P
   315/433MHz FSK/ASK Receiver
More results

Similar Description - TH71101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TH71101 ETC-TH71101 Datasheet
656Kb / 20P
   FSK/FM/ASK Receiver
logo
ATMEL Corporation
U3742BM ATMEL-U3742BM Datasheet
541Kb / 32P
   UHF ASK/FSK RECEIVER
logo
List of Unclassifed Man...
TH71102 ETC-TH71102 Datasheet
666Kb / 20P
   FSK/FM/ASK Receiver
logo
ATMEL Corporation
ATA5743 ATMEL-ATA5743 Datasheet
763Kb / 43P
   UHF ASK/FSK Receiver
ATA5721 ATMEL-ATA5721 Datasheet
102Kb / 6P
   UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742 Datasheet
539Kb / 34P
   UHF ASK/FSK Receiver
ATA3745 ATMEL-ATA3745 Datasheet
497Kb / 30P
   UHF ASK/FSK Receiver
ATA5745 ATMEL-ATA5745_07 Datasheet
762Kb / 44P
   UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742_07 Datasheet
601Kb / 34P
   UHF ASK/FSK Receiver
logo
TEMIC Semiconductors
U3741BM TEMIC-U3741BM Datasheet
429Kb / 25P
   UHF ASK/FSK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com