Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TH71221ELQBAA-000RE Datasheet(PDF) 10 Page - Melexis Microelectronic Systems

Part # TH71221ELQBAA-000RE
Description  FSK/FM/ASK Transceiver
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH71221ELQBAA-000RE Datasheet(HTML) 10 Page - Melexis Microelectronic Systems

Back Button TH71221ELQBAA-000RE Datasheet HTML 6Page - Melexis Microelectronic Systems TH71221ELQBAA-000RE Datasheet HTML 7Page - Melexis Microelectronic Systems TH71221ELQBAA-000RE Datasheet HTML 8Page - Melexis Microelectronic Systems TH71221ELQBAA-000RE Datasheet HTML 9Page - Melexis Microelectronic Systems TH71221ELQBAA-000RE Datasheet HTML 10Page - Melexis Microelectronic Systems TH71221ELQBAA-000RE Datasheet HTML 11Page - Melexis Microelectronic Systems TH71221ELQBAA-000RE Datasheet HTML 12Page - Melexis Microelectronic Systems TH71221ELQBAA-000RE Datasheet HTML 13Page - Melexis Microelectronic Systems TH71221ELQBAA-000RE Datasheet HTML 14Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
TH71221
27 to 930MHz
FSK/FM/ASK Transceiver
39010 071221
Page 10 of 44
Data Sheet
Rev. 009
Nov/15
3
Functional Description
3.1
PLL Frequency Synthesizer
The TH71221 contains an integer-N PLL frequency synthesizer. A PLL circuit performs the frequency syn-
thesis via a feedback mechanism. The output frequency fVCO is generated as an integer multiple of the phase
detector comparison frequency fR .This reference frequency fR is generated by dividing the output frequency
fRO of a crystal oscillator. The phase detector utilizes this signal as a reference to tune the VCO and in the
locked state it must be equal to the desired output frequency, divided by the feedback divider ratio N.
Fig. 2:
Integer-N PLL Frequency Synthesizer Topology
The output frequency of the synthesizer fVCO can be selected by programming the feedback divider and the
reference divider. The only constraint for the frequency output of the system is that the minimum frequency
resolution, or the channel spacing, must be equal to the PFD frequency fR, which is given by the reference
frequency fRO and the reference divider factor R:
R
f
f
RO
R
.
(1)
When the PLL is unlocked (e.g. during power up or during reprogramming of a new feedback divider ratio N),
the phase-frequency detector PFD and the charge pump create an error signal proportional to the phase
difference of the two input signals. This error signal is low-pass filtered through the external loop filter and
input to the VCO to control its frequency. A very low frequency resolution increases the settling time of the
PLL and reduces the ability to cancel out VCO perturbations, because the loop filter is updated every 1/fR.
After the PLL has locked, the VCO frequency is given by the following equation:
R
RO
VCO
f
N
R
f
N
f
.
(2)
There are four registers available to set the VCO frequencies in receive (registers RR and NR) and in trans-
mit mode (registers RT and NT). These registers can be programmed using the Serial Control Interface in
Programmable User Mode (PUM). In case of Stand-alone User Mode (SUM), the registers are set fixed val-
ues (refer to para. 4.1.1).
The VCO frequency is equal to the carrier frequency in transmit mode. While in receive mode the VCO
frequency is offset by the intermediate frequency IF. This is because of the super-heterodyne nature of the
receive part.
Feedback
Divider
Voltage Controlled
Oscillator
VCO
f
Reference
Oscillator
Reference
Divider
Phase-frequency
Detector
Charge
Pump
RO
f
N
f
R
f
External
Loop Filter
LF
VCC


Similar Part No. - TH71221ELQBAA-000RE

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH71221ELQ MELEXIS-TH71221ELQ Datasheet
905Kb / 44P
   27 to 930MHz FSK/FM/ASK Transceiver
More results

Similar Description - TH71221ELQBAA-000RE

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH7122 MELEXIS-TH7122 Datasheet
872Kb / 44P
   27 to 930MHz FSK/FM/ASK Transceiver
logo
List of Unclassifed Man...
TH7121 ETC1-TH7121 Datasheet
710Kb / 28P
   300 to 930MHz FSK/FM/ASK Transceiver
TH7120 ETC-TH7120 Datasheet
718Kb / 28P
   300 to 930MHz FSK/FM/ASK Transceiver
logo
Melexis Microelectronic...
TH71221 MELEXIS-TH71221 Datasheet
905Kb / 44P
   27 to 930MHz FSK/FM/ASK Transceiver
logo
List of Unclassifed Man...
TH71101 ETC-TH71101 Datasheet
656Kb / 20P
   FSK/FM/ASK Receiver
TH71102 ETC-TH71102 Datasheet
666Kb / 20P
   FSK/FM/ASK Receiver
logo
Melexis Microelectronic...
MLX71120 MELEXIS-MLX71120_12 Datasheet
526Kb / 31P
   FSK/FM/ASK Receiver
logo
List of Unclassifed Man...
TH7111 ETC1-TH7111 Datasheet
705Kb / 20P
   FSK /FM/ASK Receiver
TH7107 ETC2-TH7107 Datasheet
392Kb / 14P
   FSK/FM/ASK Transmitter
logo
RF Micro Devices
RF2905 RFMD-RF2905 Datasheet
490Kb / 22P
   433/868/915MHZ FM/FSK/ASK/OOK TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com