Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HC157ADR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74HC157ADR2G
Description  Quad 2-Input Data Selectors/Multiplexers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC157ADR2G Datasheet(HTML) 1 Page - ON Semiconductor

  MC74HC157ADR2G Datasheet HTML 1Page - ON Semiconductor MC74HC157ADR2G Datasheet HTML 2Page - ON Semiconductor MC74HC157ADR2G Datasheet HTML 3Page - ON Semiconductor MC74HC157ADR2G Datasheet HTML 4Page - ON Semiconductor MC74HC157ADR2G Datasheet HTML 5Page - ON Semiconductor MC74HC157ADR2G Datasheet HTML 6Page - ON Semiconductor MC74HC157ADR2G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2014
August, 2014 − Rev. 12
1
Publication Order Number:
MC74HC157A/D
MC74HC157A
Quad 2-Input Data
Selectors/Multiplexers
High−Performance Silicon−Gate CMOS
The MC74HC157A is identical in pinout to the LS157. The device
inputs are compatible with standard CMOS outputs; with pullup
resistors, they are compatible with LSTTL outputs.
This device routes 2 nibbles (A or B) to a single port (Y) as
determined by the Select input. The data is presented at the outputs in
noninverted form. A high level on the Output Enable input sets all four
Y outputs to a low level.
Features
Output Drive Capability: 10 LSTTL Loads
Outputs Directly Interface to CMOS, NMOS, and TTL
Operating Voltage Range: 2.0 to 6.0 V
Low Input Current: 1.0 mA
High Noise Immunity Characteristic of CMOS Devices
In Compliance with the Requirements Defined by JEDEC Standard
No. 7A
Chip Complexity: 82 FETs or 20.5 Equivalent Gates
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
2
5
11
14
3
6
10
13
4
7
9
12
1
15
A0
A1
A2
A3
B0
B1
B2
B3
Y0
Y1
Y2
Y3
SELECT
OUTPUT
ENABLE
DATA
OUTPUTS
NIBBLE
A INPUTS
NIBBLE
B INPUTS
PIN 16 = VCC
PIN 8 = GND
Figure 1. Logic Diagram
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
MARKING DIAGRAMS
SOIC−16
D SUFFIX
CASE 751B
TSSOP−16
DT SUFFIX
CASE 948F
1
16
HC157AG
AWLYWW
HC
157A
ALYW
G
G
1
16
A
= Assembly Location
L, WL
= Wafer Lot
Y, YY
= Year
W, WW
= Work Week
G or
G
= Pb−Free Package
(Note: Microdot may be in either location)
SOIC−16
TSSOP−16
PIN ASSIGNMENT
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
SELECT
Y0
B0
A0
Y1
B1
A1
GND
Y3
B3
A3
OUTPUT
ENABLE
VCC
B2
A2
Y2
FUNCTION TABLE
Inputs
Output
Outputs
Enable
Select
Y0 − Y3
X = don’t care
A0−A3, B0−B3 = the levels of
the respective Data−Word
Inputs.
H
L
L
X
L
H
L
A0 − A3
B0 − B3


Similar Part No. - MC74HC157ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC157ADR2G ONSEMI-MC74HC157ADR2G Datasheet
115Kb / 10P
   Quad 2?묲nput Data Selectors / Multiplexers
June, 2005 ??Rev. 9
More results

Similar Description - MC74HC157ADR2G

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC158 SLS-SL74HC158 Datasheet
64Kb / 5P
   Quad 2-Input Data Selectors/Multiplexers
logo
National Semiconductor ...
DM7123 NSC-DM7123 Datasheet
88Kb / 3P
   Quad 2-Input DATA SELECTORS / MULTIPLEXERS
logo
Integral Corp.
IN74HC158A INTEGRAL-IN74HC158A Datasheet
147Kb / 5P
   QUAD 2-INPUT DATA SELECTORS/MULTIPLEXERS
logo
ON Semiconductor
MC74HC157A ONSEMI-MC74HC157A Datasheet
177Kb / 8P
   Quad 2-Input Data Selectors/Multiplexers
March, 2000 ??Rev. 8
logo
Motorola, Inc
MC54HC157A MOTOROLA-MC54HC157A Datasheet
168Kb / 7P
   Quad 2-Input Data Selectors / Multiplexers
logo
ON Semiconductor
MC74HC157A ONSEMI-MC74HC157A_05 Datasheet
115Kb / 10P
   Quad 2?묲nput Data Selectors / Multiplexers
June, 2005 ??Rev. 9
logo
Fairchild Semiconductor
DM74LS257B FAIRCHILD-DM74LS257B Datasheet
56Kb / 5P
   3-STATE Quad 2-Data Selectors/Multiplexers
logo
National Semiconductor ...
54LS257A NSC-54LS257A Datasheet
163Kb / 8P
   TRI-STATE Quad 2-Data Selectors/Multiplexers
DM54S157 NSC-DM54S157 Datasheet
128Kb / 5P
   QUAD 1 OF 2 LINE DATA SELECTORS/MULTIPLEXERS
logo
KODENSHI_AUK CORP.
KK74HC158A KODENSHI-KK74HC158A Datasheet
217Kb / 6P
   Quad 2-Input Data Selectors/Multiplexers High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com