Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HC373A Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74HC373A
Description  Octal 3-State Non-Inverting Transparent Latch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC373A Datasheet(HTML) 4 Page - ON Semiconductor

  MC74HC373A Datasheet HTML 1Page - ON Semiconductor MC74HC373A Datasheet HTML 2Page - ON Semiconductor MC74HC373A Datasheet HTML 3Page - ON Semiconductor MC74HC373A Datasheet HTML 4Page - ON Semiconductor MC74HC373A Datasheet HTML 5Page - ON Semiconductor MC74HC373A Datasheet HTML 6Page - ON Semiconductor MC74HC373A Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC74HC373A
http://onsemi.com
4
TIMING REQUIREMENTS (CL = 50 pF, Input tr = tf = 6.0 ns)
Symbol
Parameter
Figure
VCC
Volts
Guaranteed Limit
Unit
–55 to 25
_C
v 85_C
v 125_C
Min
Max
Min
Max
Min
Max
tsu
Minimum Setup Time, Input D to Latch Enable
4
2.0
3.0
4.5
6.0
25
20
5.0
5.0
30
25
6.0
6.0
40
30
8.0
7.0
ns
th
Minimum Hold Time, Latch Enable to Input D
4
2.0
3.0
4.5
6.0
5.0
5.0
5.0
5.0
5.0
5.0
5 0
5.0
5.0
5.0
5.0
5.0
ns
tw
Minimum Pulse Width, Latch Enable
2
2.0
3.0
4.5
6.0
60
23
12
10
75
27
15
13
90
32
18
15
ns
tr, tf
Maximum Input Rise and Fall Times
1
2.0
3.0
4.5
6.0
1000
800
500
400
1000
800
500
400
1000
800
500
400
ns
SWITCHING WAVEFORMS
VCC
GND
tf
tr
INPUT D
Q
10%
50%
90%
10%
50%
90%
tTLH
tPLH
tPHL
tTHL
VCC
GND
50%
LATCH ENABLE
tPLH
tPHL
Q
tw
50%
Figure 1.
Figure 2.
Figure 3.
Figure 4.
50%
50%
1.3 V
Q
tPZL
tPLZ
tPZH
tPHZ
10%
90%
VCC
GND
HIGH
IMPEDANCE
VOL
VOH
HIGH
IMPEDANCE
Q
OUTPUT
ENABLE
50%
INPUT D
LATCH ENABLE
VCC
VCC
GND
GND
VALID
th
tsu
50%


Similar Part No. - MC74HC373A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HC373A MOTOROLA-MC74HC373A Datasheet
202Kb / 8P
   Octal 3-State Non-Inverting Transparent Latch
logo
ON Semiconductor
MC74HC373A ONSEMI-MC74HC373A Datasheet
195Kb / 8P
   Octal 3-State Non-Inverting Transparent Latch
March, 2000 ??Rev. 8
MC74HC373A ONSEMI-MC74HC373A Datasheet
119Kb / 10P
   Octal 3?뭆tate Non?묲nverting Transparent Latch High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 12
MC74HC373ADT ONSEMI-MC74HC373ADT Datasheet
195Kb / 8P
   Octal 3-State Non-Inverting Transparent Latch
March, 2000 ??Rev. 8
MC74HC373ADT ONSEMI-MC74HC373ADT Datasheet
119Kb / 10P
   Octal 3?뭆tate Non?묲nverting Transparent Latch High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 12
More results

Similar Description - MC74HC373A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC373A ONSEMI-MC74HC373A Datasheet
195Kb / 8P
   Octal 3-State Non-Inverting Transparent Latch
March, 2000 ??Rev. 8
logo
Motorola, Inc
MC54-74HC373A MOTOROLA-MC54-74HC373A Datasheet
202Kb / 8P
   Octal 3-State Non-Inverting Transparent Latch
logo
Integral Corp.
IN74ACT533 INTEGRAL-IN74ACT533 Datasheet
195Kb / 5P
   OCTAL 3-STATE INVERTING TRANSPARENT LATCH
logo
KODENSHI_AUK CORP.
KK74HC533A KODENSHI-KK74HC533A Datasheet
279Kb / 7P
   Octal 3-State Inverting Transparent Latch
logo
Intersil Corporation
CD54AC373 INTERSIL-CD54AC373 Datasheet
9Kb / 1P
   Octal Transparent Latch Three-State, Non-Inverting
June 1997
CD54AC573 INTERSIL-CD54AC573 Datasheet
9Kb / 1P
   Octal Transparent Latch Three-State, Non-Inverting
June 1997
logo
NXP Semiconductors
74HC563 PHILIPS-74HC563 Datasheet
67Kb / 7P
   Octal D-type transparent latch; 3-state; inverting
December 1990
74HC563N PHILIPS-74HC563N Datasheet
67Kb / 7P
   Octal D-type transparent latch 3-state inverting
December 1990
74HC533 PHILIPS-74HC533 Datasheet
62Kb / 7P
   Octal D-type transparent latch; 3-state; inverting
December 1990
logo
Texas Instruments
CD54AC563 TI1-CD54AC563_16 Datasheet
1Mb / 17P
[Old version datasheet]   Octal transparent Latch, 3-state
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com