Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LCX08DTR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74LCX08DTR2G
Description  Low-Voltage CMOS Quad 2-Input AND Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX08DTR2G Datasheet(HTML) 4 Page - ON Semiconductor

  MC74LCX08DTR2G Datasheet HTML 1Page - ON Semiconductor MC74LCX08DTR2G Datasheet HTML 2Page - ON Semiconductor MC74LCX08DTR2G Datasheet HTML 3Page - ON Semiconductor MC74LCX08DTR2G Datasheet HTML 4Page - ON Semiconductor MC74LCX08DTR2G Datasheet HTML 5Page - ON Semiconductor MC74LCX08DTR2G Datasheet HTML 6Page - ON Semiconductor MC74LCX08DTR2G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC74LCX08
http://onsemi.com
4
AC CHARACTERISTICS (tR = tF = 2.5 ns; RL = 500 W)
Limits
TA = −40°C to +85°C
VCC = 3.3 V ± 0.3 V
VCC = 2.7 V
VCC = 2.5 V ± 0.2 V
CL = 50 pF
CL = 50 pF
CL = 30 pF
Symbol
Parameter
Waveform
Min
Max
Min
Max
Min
Max
Unit
tPLH
Propagation Delay Time
1
1.5
5.5
1.5
6.2
1.5
6.6
ns
tPHL
Input to Output
1.5
5.5
1.5
6.2
1.5
6.6
tOSHL
Output−to−Output Skew
1.0
ns
tOSLH
(Note 3)
1.0
3. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device.
The specification applies to any outputs switching in the same direction, either HIGH−to−LOW (tOSHL) or LOW−to−HIGH (tOSLH); parameter
guaranteed by design.
DYNAMIC SWITCHING CHARACTERISTICS
TA = +25°C
Symbol
Characteristic
Condition
Min
Typ
Max
Unit
VOLP
Dynamic LOW Peak Voltage
VCC = 3.3 V, CL = 50 pF, VIH = 3.3 V, VIL = 0 V
0.8
V
(Note 4)
VCC = 2.5 V, CL = 30 pF, VIH = 2.5 V, VIL = 0 V
0.6
V
VOLV
Dynamic LOW Valley Voltage
VCC = 3.3 V, CL = 50 pF, VIH = 3.3 V, VIL = 0 V
−0.8
V
(Note 4)
VCC = 2.5 V, CL = 30 pF, VIH = 2.5 V, VIL = 0 V
−0.6
V
4. Number of outputs defined as “n”. Measured with “n−1” outputs switching from HIGH−to−LOW or LOW−to−HIGH. The remaining output is
measured in the LOW state.
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Condition
Typical
Unit
CIN
Input Capacitance
VCC = 3.3 V, VI = 0 V or VCC
7
pF
COUT
Output Capacitance
VCC = 3.3 V, VI = 0 V or VCC
8
pF
CPD
Power Dissipation Capacitance
10 MHz, VCC = 3.3 V, VI = 0 V or VCC
25
pF
ORDERING INFORMATION
Device
Package
Shipping
MC74LCX08DG
SOIC−14
(Pb−Free)
55 Units / Rail
MC74LCX08DR2G
SOIC−14
(Pb−Free)
2500 Tape & Reel
MC74LCX08DTG
TSSOP−14
(Pb−Free)
96 Units / Rail
MC74LCX08DTR2G
TSSOP−14
(Pb−Free)
2500 Tape & Reel
NLVLCX08DTR2G*
TSSOP−14
(Pb−Free)
2500 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NLV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q101 Qualified and PPAP
Capable.


Similar Part No. - MC74LCX08DTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX08DTR2G ONSEMI-MC74LCX08DTR2G Datasheet
80Kb / 8P
   Low-Voltage CMOS Quad 2-Input AND Gate With 5 V?뭈olerant Inputs
May, 2005 ??Rev. 6
More results

Similar Description - MC74LCX08DTR2G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX08 MOTOROLA-MC74LCX08 Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE
MC74LVQ08 MOTOROLA-MC74LVQ08 Datasheet
178Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE
logo
ON Semiconductor
MC74LCX08 ONSEMI-MC74LCX08 Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE
1996 REV 1
logo
STMicroelectronics
74LVC08A STMICROELECTRONICS-74LVC08A_04 Datasheet
256Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT AND GATE HIGH PERFORMANCE
74LVC08A STMICROELECTRONICS-74LVC08A Datasheet
61Kb / 8P
   LOW VOLTAGE CMOS QUAD 2-INPUT AND GATE HIGH PERFORMANCE
logo
ON Semiconductor
MC74LCX32 ONSEMI-MC74LCX32 Datasheet
134Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT OR GATE
1996 REV 1
MC74LCX86 ONSEMI-MC74LCX86_12 Datasheet
157Kb / 7P
   Low-Voltage CMOS Quad 2-Input XOR Gate
October, 2012 ??Rev. 8
MC74LCX32 ONSEMI-MC74LCX32_12 Datasheet
156Kb / 7P
   Low-Voltage CMOS Quad 2-Input OR Gate
October, 2012 ??Rev. 8
74LVC86A ONSEMI-74LVC86A Datasheet
98Kb / 9P
   Low-Voltage CMOS Quad 2-Input XOR Gate
October, 2015 ??Rev. 0
74LVC125A ONSEMI-74LVC125A Datasheet
101Kb / 9P
   Low-Voltage CMOS Quad 2-Input XOR Gate
October, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com