Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LVX4052DG Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74LVX4052DG
Description  Analog Multiplexer/ Demultiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX4052DG Datasheet(HTML) 4 Page - ON Semiconductor

  MC74LVX4052DG Datasheet HTML 1Page - ON Semiconductor MC74LVX4052DG Datasheet HTML 2Page - ON Semiconductor MC74LVX4052DG Datasheet HTML 3Page - ON Semiconductor MC74LVX4052DG Datasheet HTML 4Page - ON Semiconductor MC74LVX4052DG Datasheet HTML 5Page - ON Semiconductor MC74LVX4052DG Datasheet HTML 6Page - ON Semiconductor MC74LVX4052DG Datasheet HTML 7Page - ON Semiconductor MC74LVX4052DG Datasheet HTML 8Page - ON Semiconductor MC74LVX4052DG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MC74LVX4052
http://onsemi.com
4
DC ELECTRICAL CHARACTERISTICS − Analog Section
Symbol
Parameter
Test Conditions
VCC
V
VEE
V
Guaranteed Limit
Unit
*55 to 25°C v85_C v125_C
RON
Maximum “ON” Resistance
VIN = VIL or VIH
VIS = ½ (VCC − VEE)
|IS| = 2.0 mA
(Figure 3)
3.0
4.5
3.0
0
0
*3.0
86
37
26
108
46
33
120
55
37
W
ΔRON
Maximum Difference in “ON” Resist-
ance Between Any Two Channels in
the Same Package
VIN = VIL or VIH
VIS = ½ (VCC − VEE)
|IS| = 2.0 mA
3.0
4.5
3.0
0
0
*3.0
15
13
10
20
18
15
20
18
15
W
Ioff
Maximum Off−Channel Leakage
Current, Any One Channel
Vin = VIL or VIH;
VIO = VCC or GND;
Switch Off (Figure 3)
5.5
+3.0
0
−3.0
0.1
0.1
0.5
0.5
1.0
1.0
mA
Maximum Off−Channel
Leakage Current,
Common Channel
Vin = VIL or VIH;
VIO = VCC or GND;
Switch Off (Figure 4)
5.5
+3.0
0
−3.0
0.2
0.2
2.0
2.0
4.0
4.0
Ion
Maximum On−Channel
Leakage Current,
Channel−to−Channel
Vin = VIL or VIH;
Switch−to−Switch =
VCC or GND; (Figure 5)
5.5
+3.0
0
−3.0
0.2
0.2
2.0
2.0
4.0
4.0
mA
AC CHARACTERISTICS (Input tr = tf = 3 ns)
Symbol
Parameter
Test Conditions
VCC
V
VEE
V
Guaranteed Limit
Unit
*55 to 25_C
v85_C v125_C
Min
Typ*
tBBM
Minimum Break−Before−Make Time
VIN = VIL or VIH
VIS = VCC
RL = 300 W, CL = 35 pF
(Figures 11 and 12)
3.0
4.5
3.0
0.0
0.0
*3.0
1.0
1.0
1.0
6.5
5.0
3.5
ns
*Typical Characteristics are at 25
_C.
AC CHARACTERISTICS (CL = 50 pF, Input tr = tf = 3 ns)
Symbol
Parameter
VCC
V
VEE
V
Guaranteed Limit
Unit
*55 to 25°C
v85°C
v125°C
Min
Typ
Max
Min
Max
Min
Max
tPLH,
tPHL
Maximum Propagation Delay,
Channel−Select to Analog Output
(Figures 15 and 16)
2.5
3.0
4.5
3.0
0
0
0
*3.0
40
28
23
23
45
30
25
25
50
35
30
28
ns
tPLZ,
tPHZ
Maximum Propagation Delay, Enable to
Analog Output (Figures 13 and 14)
2.5
3.0
4.5
3.0
0
0
0
*3.0
40
28
23
23
45
30
25
25
50
35
30
28
ns
tPZL,
tPZH
Maximum Propagation Delay, Enable to
Analog Output (Figures 13 and 14)
2.5
3.0
4.5
3.0
0
0
0
*3.0
40
28
23
23
45
30
25
25
50
35
30
28
ns
CPD
Power Dissipation Capacitance (Figure 17) (Note 6)
Typical @ 25
°C, VCC = 5.0 V, VEE = 0 V
45
pF
CIN
Maximum Input Capacitance, Channel−Select or Enable Inputs
10
pF
CI/O
Maximum Capacitance
Analog I/O
(All Switches Off)
Common O/I
Feedthrough
10
10
1.0
pF
6. Used to determine the no−load dynamic power consumption: PD = CPD VCC2f + ICC VCC.


Similar Part No. - MC74LVX4052DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX4052DG ONSEMI-MC74LVX4052DG Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 5
MC74LVX4052DG ONSEMI-MC74LVX4052DG Datasheet
181Kb / 15P
   Analog Multiplexer Demultiplexer
May, 2011 ??Rev. 6
More results

Similar Description - MC74LVX4052DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
logo
System Logic Semiconduc...
SL74HC4053 SLS-SL74HC4053 Datasheet
87Kb / 8P
   Analog Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT4052 ONSEMI-MC74LVXT4052 Datasheet
142Kb / 16P
   Analog Multiplexer Demultiplexer
January, 2002 ??Rev. 3
MC74LVX4051 ONSEMI-MC74LVX4051 Datasheet
158Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 5
NLAST4051 ONSEMI-NLAST4051_06 Datasheet
152Kb / 12P
   Analog Multiplexer/ Demultiplexer
April, 2006 ??Rev. 4
MC74LVXT8051 ONSEMI-MC74LVXT8051_11 Datasheet
185Kb / 13P
   Analog Multiplexer/Demultiplexer
May, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com