Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM3TW-4824D-VZ Datasheet(PDF) 2 Page - AIMTEC

Part # AM3TW-4824D-VZ
Description  3 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3TW-4824D-VZ Datasheet(HTML) 2 Page - AIMTEC

  AM3TW-4824D-VZ Datasheet HTML 1Page - AIMTEC AM3TW-4824D-VZ Datasheet HTML 2Page - AIMTEC AM3TW-4824D-VZ Datasheet HTML 3Page - AIMTEC AM3TW-4824D-VZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series AM3TW-VZ
3 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R13.C
2 of 4
North America only
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage Range
24
9-36
VDC
48
18-72
Filter
 (Pi) Network
Absolute Max Rating
24 Vin
-0.7-40
VCD
48 Vin
-0.7-80
Start Up Time
20
ms
Peak Input Voltage time
15
ms
Input Reflected Ripple Current
35
mA p-p
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O Voltage
60 sec
1500 (3500 H35
Model)
VDC
Resistance
> 1000
MOhm
Capacitance
60
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage Accuracy
±1
%
Short Circuit Protection
Continuous
Short Circuit Restart
Auto Recovery
Line Voltage Regulation
±0.5
%
Load Voltage Regulation
±0.5
%
Temperature Coefficient
±0.02
%/oC
Ripple & Noise
At 20MHz Bandwidth
60
mV p-p
Voltage Balance
Balanced Load
±1
%
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching Frequency
100% load
100-400
KHz
Operating Temperature
Full Load (see derating chart)
-40 to +85
oC
Storage Temperature
-40 to +125
oC
Max Case Temperature
100
oC
Cooling
Free air convection
Humidity
95
%
Case Material
Nickel coated copper
Weight
12.16
g
Dimensions (L x W x H)
Tolerance ±0.5 mm or ±0.02
inches
1.25 x 0.8 x 0.4 inches
31.75 x 20.32 x 10.16 mm
MTBF
>1,000,000 hrs (MIL-HDBK -217F, Ground Benign, t=+25oC)
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load
unless otherwise specified.
Safety Specifications
Parameters
Standards
Designed to meet IEC 60950-1


Similar Part No. - AM3TW-4824D-VZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3TW-4824D-RVZ AIMTEC-AM3TW-4824D-RVZ Datasheet
217Kb / 4P
   3 Watt | DC-DC Converter
AM3TW-4824D-RZ AIMTEC-AM3TW-4824D-RZ Datasheet
226Kb / 3P
   3 Watt | DC-DC Converter
AM3TW-4824D-RZ AIMTEC-AM3TW-4824D-RZ Datasheet
226Kb / 3P
   3 Watt | DC-DC Converter
More results

Similar Description - AM3TW-4824D-VZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3D-Z AIMTEC-AM3D-Z_16 Datasheet
190Kb / 5P
   3 Watt | DC-DC Converter
AM3F-Z AIMTEC-AM3F-Z_16 Datasheet
362Kb / 3P
   3 Watt | DC-DC Converter
AM3T-Z AIMTEC-AM3T-Z_16 Datasheet
136Kb / 4P
   3 Watt | DC-DC Converter
logo
Wall Industries,Inc.
LANEW3 WALL-LANEW3_16 Datasheet
172Kb / 4P
   3 Watt DC/DC Converter
logo
AIMTEC
AM3G-NZ AIMTEC-AM3G-NZ_11 Datasheet
360Kb / 3P
   3 Watt | DC-DC Converter
AM3D-Z AIMTEC-AM3D-Z_13 Datasheet
480Kb / 4P
   3 Watt | DC-DC Converter
AM3Q-Z AIMTEC-AM3Q-Z_13 Datasheet
264Kb / 3P
   3 Watt | DC-DC Converter
AM3TW-RVZ AIMTEC-AM3TW-RVZ Datasheet
295Kb / 3P
   3 Watt | DC-DC Converter
AM3T-VZ AIMTEC-AM3T-VZ Datasheet
592Kb / 5P
   3 Watt | DC-DC Converter
AM3G-Z AIMTEC-AM3G-Z_13 Datasheet
280Kb / 5P
   3 Watt | DC-DC Converter
AM3N-S-Z AIMTEC-AM3N-S-Z_13 Datasheet
279Kb / 4P
   3 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com