Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM2S-2424SZ Datasheet(PDF) 4 Page - AIMTEC

Part # AM2S-2424SZ
Description  2 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2S-2424SZ Datasheet(HTML) 4 Page - AIMTEC

  AM2S-2424SZ Datasheet HTML 1Page - AIMTEC AM2S-2424SZ Datasheet HTML 2Page - AIMTEC AM2S-2424SZ Datasheet HTML 3Page - AIMTEC AM2S-2424SZ Datasheet HTML 4Page - AIMTEC AM2S-2424SZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Series AM2S-Z
2 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11.H
4 of 5
North America only
L
C1
C2
DC/DC
Converter
+V input
-V input
+V output
Load
-V output
C3
Application Circuit, & Conducted Emissions
Input Voltage
(VDC)
C1
L
C2
C3
5
2.2uF/100V
18uH
N/A
N/A
12
2.2uF/100V
18uH
N/A
N/A
15
2.2uF/100V
18uH
N/A
N/A
24
2.2uF/100V
18uH
2.2uF/100V
470pF/2KV
48
2.2uF/100V
18uH
2.2uF/100V
470pF/2KV
Typical Efficiency Example Charts
0
20
40
60
80
100
20%
40%
60%
80%
100%
Loading %
AM2S-2405SZ Efficiency vs. Loading
0
20
40
60
80
100
20%
40%
60%
80%
100%
Loading %
AM2S-1205SZ Efficiency vs. Loading


Similar Part No. - AM2S-2424SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2S-2424SZ AIMTEC-AM2S-2424SZ Datasheet
487Kb / 3P
   2 Watt | DC-DC Converter
More results

Similar Description - AM2S-2424SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2D-RZ AIMTEC-AM2D-RZ_16 Datasheet
407Kb / 6P
   2 Watt | DC-DC Converter
AM2GW-NZ AIMTEC-AM2GW-NZ_16 Datasheet
124Kb / 2P
   2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_16 Datasheet
369Kb / 5P
   2 Watt | DC-DC Converter
AM2L-NZ AIMTEC-AM2L-NZ_16 Datasheet
168Kb / 5P
   2 Watt | DC-DC Converter
AM2D-RZ AIMTEC-AM2D-RZ Datasheet
263Kb / 5P
   2 Watt | DC-DC Converter
AM2G-Z AIMTEC-AM2G-Z Datasheet
613Kb / 7P
   2 Watt | DC-DC Converter
AM2LP-NZ AIMTEC-AM2LP-NZ Datasheet
103Kb / 3P
   2 Watt | DC-DC Converter
AM2N-NZ AIMTEC-AM2N-NZ Datasheet
235Kb / 3P
   2 Watt | DC-DC Converter
AM2GH-Z AIMTEC-AM2GH-Z_13 Datasheet
629Kb / 4P
   2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_13 Datasheet
252Kb / 4P
   2 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com