Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM3GH-2405DZ Datasheet(PDF) 2 Page - AIMTEC

Part # AM3GH-2405DZ
Description  3 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3GH-2405DZ Datasheet(HTML) 2 Page - AIMTEC

  AM3GH-2405DZ Datasheet HTML 1Page - AIMTEC AM3GH-2405DZ Datasheet HTML 2Page - AIMTEC AM3GH-2405DZ Datasheet HTML 3Page - AIMTEC AM3GH-2405DZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series AM3GH-Z
3 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.C
2 of 4
North America only
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3 sec
1600
VDC
Resistance
>1000
MOhm
Capacitance
200
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±1
%
Cross Regulation (Dual Output Models)
25% load on one output - 100% load
on second load
±5
%
Short Circuit protection
Continuous
Short circuit restart
Auto-Recovery
Line voltage regulation
±0.2
%
Load voltage regulation
From 0% to 100% load
±1
%
Temperature coefficient
±0.02
%/
oC
Ripple & Noise
20MHz Bandwidth
30
mV p-p
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
100
KHz
Operating temperature
-40 to 85
oC
Storage temperature
-40 to +125
oC
Maximum case temperature
100
oC
Derating
Above 71°C
5
%/
oC
Cooling
Free Air Convection
Humidity
95
% RH
Case material
Non conductive black plastic
Potting Material
Silicon (UL94V-0 rated)
Weight
4.8
g
Dimensions (L x W x H)
0.86 x 0.36 x 0.44 inches
21.85 x 9.20 x 11.10 mm
MTBF
>1,700,000 hrs (MIL-HDBK -217F, Ground Benign, t=+25ºC)
Maximum soldering temperature
1.5mm from case for 10 second
260
oC
Transient recovery time
250
uS
Transient recovery deviation
±3
%
Safety Specifications
Parameters
Agency Approval
CE
Standards
EN55022: 2006 + A1:2007, Class A
EN55024:1998 + A1:2001 + A2:2003
IEC61000-4-2:1995 + A1:1998 + A2:2000, Perf. Criteria B
IEC61000-4-3:2006, Perf. Criteria A
IEC61000-4-4:2004, Perf. Criteria B (external 220uF/100V cap required)
IEC61000-4-5:2005, Perf. Criteria B (external 220uF/100V cap required)
IEC61000-4-6:2007, Perf. Criteria A
IEC61000-4-8, Perf:1993 + A1:2000, Criteria A
NOTE: also designed to meet IEC 60950-1:2001


Similar Part No. - AM3GH-2405DZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3GH-2405DZ AIMTEC-AM3GH-2405DZ Datasheet
137Kb / 4P
   3 Watt | DC-DC Converter
More results

Similar Description - AM3GH-2405DZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3D-Z AIMTEC-AM3D-Z_16 Datasheet
190Kb / 5P
   3 Watt | DC-DC Converter
AM3F-Z AIMTEC-AM3F-Z_16 Datasheet
362Kb / 3P
   3 Watt | DC-DC Converter
AM3T-Z AIMTEC-AM3T-Z_16 Datasheet
136Kb / 4P
   3 Watt | DC-DC Converter
logo
Wall Industries,Inc.
LANEW3 WALL-LANEW3_16 Datasheet
172Kb / 4P
   3 Watt DC/DC Converter
logo
AIMTEC
AM3G-NZ AIMTEC-AM3G-NZ_11 Datasheet
360Kb / 3P
   3 Watt | DC-DC Converter
AM3D-Z AIMTEC-AM3D-Z_13 Datasheet
480Kb / 4P
   3 Watt | DC-DC Converter
AM3Q-Z AIMTEC-AM3Q-Z_13 Datasheet
264Kb / 3P
   3 Watt | DC-DC Converter
AM3TW-RVZ AIMTEC-AM3TW-RVZ Datasheet
295Kb / 3P
   3 Watt | DC-DC Converter
AM3T-VZ AIMTEC-AM3T-VZ Datasheet
592Kb / 5P
   3 Watt | DC-DC Converter
AM3G-Z AIMTEC-AM3G-Z_13 Datasheet
280Kb / 5P
   3 Watt | DC-DC Converter
AM3N-S-Z AIMTEC-AM3N-S-Z_13 Datasheet
279Kb / 4P
   3 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com