Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM2GH-4815DZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM2GH-4815DZ
Description  2 Watt | DC-DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2GH-4815DZ Datasheet(HTML) 1 Page - AIMTEC

  AM2GH-4815DZ Datasheet HTML 1Page - AIMTEC AM2GH-4815DZ Datasheet HTML 2Page - AIMTEC AM2GH-4815DZ Datasheet HTML 3Page - AIMTEC AM2GH-4815DZ Datasheet HTML 4Page - AIMTEC AM2GH-4815DZ Datasheet HTML 5Page - AIMTEC AM2GH-4815DZ Datasheet HTML 6Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Series AM2GH-Z
2 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.D
1 of 6
North America only
FEATURES:
Models
Single output
Model
Input
Voltage (V)
Output
Voltage
(V)
Output Current
Max (mA)
Maximum
Capacitive
Load (µF)
Input Current
Full Load | No
Load (mA)
Efficiency
(%)
AM2GH-1203SZ
4.5-18
3.3
500
1000
196
40
70
AM2GH-1205SZ
4.5-18
5
400
1000
225
40
74
AM2GH-1212SZ
4.5-18
12
166
220
213
40
78
AM2GH-1215SZ
4.5-18
15
133
100
213
40
78
AM2GH-2403SZ
9-36
3.3
500
1000
96
25
71
AM2GH-2405SZ
9-36
5
400
1000
106
20
78
AM2GH-2412SZ
9-36
12
166
220
105
30
79
AM2GH-2415SZ
9-36
15
133
100
105
30
79
AM2GH-4803SZ
18-75
3.3
500
1000
47
10
72
AM2GH-4805SZ
18-75
5
400
1000
55
15
75
AM2GH-4812SZ
18-75
12
166
220
55
15
75
AM2GH-4815SZ
18-75
15
133
100
54
15
76
Models
Dual output
Model
Input
Voltage (V)
Output
Voltage
(V)
Output Current
Max (mA)
Maximum
Capacitive
Load (µF)
Input Current
Full Load | No
Load (mA)
Efficiency
(%)
AM2GH-1205DZ
4.5-18
±5
±200
±470
219
30
77
AM2GH-1212DZ
4.5-18
±12
±83
±100
213
30
78
AM2GH-1215DZ
4.5-18
±15
±66
±47
216
40
77
AM2GH-2405DZ
9-36
±5
±200
±470
111
30
75
AM2GH-2412DZ
9-36
±12
±83
±100
108
30
77
AM2GH-2415DZ
9-36
±15
±66
±47
106
30
78
AM2GH-4805DZ
18-75
±5
±200
±470
56
15
74
AM2GH-4812DZ
18-75
±12
±83
±100
56
15
74
AM2GH-4815DZ
18-75
±15
±66
±47
55
15
75
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
12
24
48
4.5-18
9-36
18-75
VDC
Filter
Capacitor
Start up time
30
ms
Absolute Maximum Rating
12
24
48
25
50
100
VDC
Peak Input Voltage time
100
ms
On/Off control
ON: 0 to 0.6VDC (or open) ; OFF:2.7 to 15.0VDC, OFF idle current: 2-4mA
No Load Input Current
40
mA
Input reflected current
20
mA
 SIP8 Package
 Ultra-Wide Input Range 4:1
 Low Ripple and Noise
 1600 VDC I/O Isolation
 Continuous Short Circuit Protection
 Efficiency up to 79%
 -40ºC to +85ºC Operating Temperature Range
 Remote ON/OFF Control
Click on Series name for product info on aimtec.com


Similar Part No. - AM2GH-4815DZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2GH-4815DZ AIMTEC-AM2GH-4815DZ Datasheet
144Kb / 4P
   2 Watt | DC-DC Converter
More results

Similar Description - AM2GH-4815DZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2D-RZ AIMTEC-AM2D-RZ_16 Datasheet
407Kb / 6P
   2 Watt | DC-DC Converter
AM2GW-NZ AIMTEC-AM2GW-NZ_16 Datasheet
124Kb / 2P
   2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_16 Datasheet
369Kb / 5P
   2 Watt | DC-DC Converter
AM2L-NZ AIMTEC-AM2L-NZ_16 Datasheet
168Kb / 5P
   2 Watt | DC-DC Converter
AM2S-Z AIMTEC-AM2S-Z_16 Datasheet
551Kb / 5P
   2 Watt | DC-DC Converter
AM2D-RZ AIMTEC-AM2D-RZ Datasheet
263Kb / 5P
   2 Watt | DC-DC Converter
AM2G-Z AIMTEC-AM2G-Z Datasheet
613Kb / 7P
   2 Watt | DC-DC Converter
AM2LP-NZ AIMTEC-AM2LP-NZ Datasheet
103Kb / 3P
   2 Watt | DC-DC Converter
AM2N-NZ AIMTEC-AM2N-NZ Datasheet
235Kb / 3P
   2 Watt | DC-DC Converter
AM2GH-Z AIMTEC-AM2GH-Z_13 Datasheet
629Kb / 4P
   2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_13 Datasheet
252Kb / 4P
   2 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com