Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM3D-1205SZ Datasheet(PDF) 2 Page - AIMTEC

Part # AM3D-1205SZ
Description  3 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3D-1205SZ Datasheet(HTML) 2 Page - AIMTEC

  AM3D-1205SZ Datasheet HTML 1Page - AIMTEC AM3D-1205SZ Datasheet HTML 2Page - AIMTEC AM3D-1205SZ Datasheet HTML 3Page - AIMTEC AM3D-1205SZ Datasheet HTML 4Page - AIMTEC AM3D-1205SZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Series AM3D-Z
3 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.D
2 of 5
North America only
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage Range
5
4.5-5.5
VDC
12
10.8-13.2
Filter
Capacitor
Start Up Time
ms
Absolute Maximum Rating
5
9
VDC
12
15
Peak Input Voltage Time
100
ms
Input Reflected Ripple Current
25
mA p-p
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O Voltage
60 sec
1000, 3000
VDC
Resistance
>1000
MOhm
Capacitance
60
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage Accuracy
±3
%
Line Voltage Regulation
For 1.0% of Vin
±1.2
% of Vin
Load Voltage Regulation
load 10~100%
±8
%
Temperature Coefficient
±0.02
%/oC
Short Circuit Protection
Momentary (1sec)
Ripple & Noise
20MHz Bandwidth
50
mV p-p
Minimum Load Current
10
% of Max
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching Frequency
100% load
70
KHz
Operating Temperature
With Derating Above 71 oC (5V
input models only)
-40 to +85
oC
Storage Temperature
-40 to +125
oC
Maximum Case Temperature
100
oC
Derating
%/ oC
Cooling
Free Air Convection
Humidity
95
% RH
Case Material
Non-conductive black plastic UL 94 V-0
Weight
2.8
g
Dimensions (L x W x H)
0.76 x 0.28 x 0.37 inches
19.50 x 7.20 x 9.50 mm
MTBF
>1 800 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25oC)
Maximum Soldering Temperature
1.5mm from case for 10 sec
260
oC
Safety Specifications
Parameters
Agency Approval
CE
Standards
EN55022: 2006 + A1: 2007, Class B
EN55024: 1998 + A1: 2001 + A2:2003
IEC61000-4-2:2008
IEC61000-4-3: 2006 + A1: 2007
IEC61000-4-4, 2004
IEC61000-4-6: 2008
IEC61000-4-8: 1993 + A1:2000


Similar Part No. - AM3D-1205SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3D-1205SZ AIMTEC-AM3D-1205SZ Datasheet
450Kb / 3P
   3 Watt | DC-DC Converter
More results

Similar Description - AM3D-1205SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3F-Z AIMTEC-AM3F-Z_16 Datasheet
362Kb / 3P
   3 Watt | DC-DC Converter
AM3T-Z AIMTEC-AM3T-Z_16 Datasheet
136Kb / 4P
   3 Watt | DC-DC Converter
logo
Wall Industries,Inc.
LANEW3 WALL-LANEW3_16 Datasheet
172Kb / 4P
   3 Watt DC/DC Converter
logo
AIMTEC
AM3G-NZ AIMTEC-AM3G-NZ_11 Datasheet
360Kb / 3P
   3 Watt | DC-DC Converter
AM3D-Z AIMTEC-AM3D-Z_13 Datasheet
480Kb / 4P
   3 Watt | DC-DC Converter
AM3Q-Z AIMTEC-AM3Q-Z_13 Datasheet
264Kb / 3P
   3 Watt | DC-DC Converter
AM3TW-RVZ AIMTEC-AM3TW-RVZ Datasheet
295Kb / 3P
   3 Watt | DC-DC Converter
AM3T-VZ AIMTEC-AM3T-VZ Datasheet
592Kb / 5P
   3 Watt | DC-DC Converter
AM3G-Z AIMTEC-AM3G-Z_13 Datasheet
280Kb / 5P
   3 Watt | DC-DC Converter
AM3N-S-Z AIMTEC-AM3N-S-Z_13 Datasheet
279Kb / 4P
   3 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com