Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM2F-0505SZ Datasheet(PDF) 3 Page - AIMTEC

Part # AM2F-0505SZ
Description  2 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2F-0505SZ Datasheet(HTML) 3 Page - AIMTEC

  AM2F-0505SZ Datasheet HTML 1Page - AIMTEC AM2F-0505SZ Datasheet HTML 2Page - AIMTEC AM2F-0505SZ Datasheet HTML 3Page - AIMTEC AM2F-0505SZ Datasheet HTML 4Page - AIMTEC AM2F-0505SZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Series AM2F-Z
2 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R6.C
3 of 5
North America only
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±2
%
Short Circuit protection
Continuous
Short Circuit restart
Auto-recovery
Line voltage regulation (Single)
±0.5
%
Load voltage regulation (Single)
Load 0 – 100%
±0.5
%
Load voltage regulation (Single)
3.3V output model
Load 0 – 100%
±1.5
%
Temperature coefficient
±0.02
%/oC
Ripple & Noise
At 20MHz
Bandwidth
75
mV p-p
Rising time
150
ms
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
50
KHz
Operating temperature
Full Load without Derating
-40 to +85
oC
Storage temperature
-40 to +125
oC
Max Case temperature
90
oC
Cooling
Free air convection
%
Humidity
90
%
Case material
Plastic UL94-VO
Weight
7.2
g
Dimensions(L x W x H)
1.26 x 0.32 x 0.57inches
32.00 x 8.13 x 14.48mm
MTBF
>1 120 000 hrs(MIL-HDBK -217F, Ground Benign, t=+25oC)
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load
unless otherwise specified
Pin Out Specifications
Dimensions
32.00
(1.26)
2.54
(0.10)
8.13
(0.32)
PRINTED
FACE
0.50
(0.02)
0.50
(0.02)
0.25
(0.01)
3.81
(0.15)
8.13
(0.32)
14.48
(0.57)
13.98
(0.55)
3.05
(0.12)
0.50
(0.02)
27.94
(1.10)
Pin
1000VDC
3000 and 5200VDC
1
+V Input
+V Input
2
N.C.
-V Input
3
N.C.
N.C.
9
N.C.
N.C.
10
-V Output
-V Output
11
+V Output
+V Output
12
-V Input
N.C.


Similar Part No. - AM2F-0505SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2F-0505SZ AIMTEC-AM2F-0505SZ Datasheet
145Kb / 3P
   2 Watt | DC-DC Converter
More results

Similar Description - AM2F-0505SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2D-RZ AIMTEC-AM2D-RZ_16 Datasheet
407Kb / 6P
   2 Watt | DC-DC Converter
AM2GW-NZ AIMTEC-AM2GW-NZ_16 Datasheet
124Kb / 2P
   2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_16 Datasheet
369Kb / 5P
   2 Watt | DC-DC Converter
AM2L-NZ AIMTEC-AM2L-NZ_16 Datasheet
168Kb / 5P
   2 Watt | DC-DC Converter
AM2S-Z AIMTEC-AM2S-Z_16 Datasheet
551Kb / 5P
   2 Watt | DC-DC Converter
AM2D-RZ AIMTEC-AM2D-RZ Datasheet
263Kb / 5P
   2 Watt | DC-DC Converter
AM2G-Z AIMTEC-AM2G-Z Datasheet
613Kb / 7P
   2 Watt | DC-DC Converter
AM2LP-NZ AIMTEC-AM2LP-NZ Datasheet
103Kb / 3P
   2 Watt | DC-DC Converter
AM2N-NZ AIMTEC-AM2N-NZ Datasheet
235Kb / 3P
   2 Watt | DC-DC Converter
AM2GH-Z AIMTEC-AM2GH-Z_13 Datasheet
629Kb / 4P
   2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_13 Datasheet
252Kb / 4P
   2 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com