Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFA3863X Datasheet(PDF) 1 Page - STANLEY ELECTRIC CO.,LTD.

Part # EFA3863X
Description  SINGLE COLOR LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

EFA3863X Datasheet(HTML) 1 Page - STANLEY ELECTRIC CO.,LTD.

  EFA3863X Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HIGH
BRIGHTNESS
COLOR
70
60
50
40
30
20
10
0
DB, DC, DG
EFY, FY, EFA, FA, EFR, FR
4
± 0.2
(1.7)
28MIN.
Meniscus 0.5MAX.
30MIN.
D_3803X / F_3863X Series
D_3803X / F_3863X Series
n
Outline Dimensions
Unit: mm
n
Operation Current Derating Chart
SINGLE COLOR LED
f 3mm Flush Mount Round Shape
V
mcd
Units
n
Electro-Optical Characteristics
Part No.
Clear
Pastel Yellow
Clear
Pastel Orange
Clear
Pastel Red
TYP.
IF
Wavelength
Forward
Voltage VF
TYP.
MAX.
IF
Reverse
Current IR
MAX.
VR
Viewing
Angle
(2 q 1/2)
Blue
Blue Green
Green
Yellow
Orange
Red
500
1,200
1,200
1,440
720
1,600
800
1,280
640
20
20
20
20
20
20
20
20
20
467
502
522
592
609
635
470
505
525
590
605
626
26
30
30
15
15
15
20
20
20
20
20
20
3.5
3.5
3.5
1.9
1.9
1.9
4.0
4.0
4.0
2.4
2.4
2.4
20
20
20
20
20
20
100
100
100
100
100
100
5
5
5
5
5
5
20°
20°
DB3803X
DC3803X
DG3803X
EFY3863X
FY3863X
EFA3863X
FA3863X
EFR3863X
FR3863X
InGaN/Sic
InGaN/Sic
InGaN/Sic
AlInGaP
AlInGaP
AlInGaP
mA
nm
mA
mA
µA
V
Deg.
MIN.
Spectral Line
Half Width
Dl
TYP.
Peak
lp
TYP.
Dominant
ld
TYP.
IF
Luminous
Intensity IV
Lens
Color
Emitted
Color
Material
(Ta=25°C)
Blue Green
DC
100
25
60
5
n
Absolute Maximum Ratings
Power Dissipation
Forward Current
Peak Forward Current
Reverse Voltage
Operating Temperature
Storage Temperature
Derating (DC)*
Symbol
Pd
IF
IFM
VR
Topr
Tstg
DIF
mW
mA
mA
V
°C
°C
mA/°C
Units
Item
(Ta=25°C)
DG
100
25
60
5
EFY
125
50
200
5
FY
125
50
200
5
EFA
125
50
200
5
FA
125
50
200
5
EFR
125
50
200
5
FR
125
50
200
5
DB
100
25
60
5
-40 to +85
-40 to +100
0.33
0.67
* Ta=25°C, IFM applies for the pulse width £ 1msec. and duty cycle £1/20.
The current derating for operation applies when the temperature is above 25°C
Yellow
Orange
Red
Blue
Green
250
600
600
1,000
360
1,120
400
900
320
*The viewing angle is an average and will vary by color
Water Clear
90˚
90˚
60˚
60˚
30˚
30˚
0.5
n
Spatial Distribution (x)
D_3803X
F_3863X
*Spatial Distribution is viewed as a typical illustration and will vary by color


Similar Part No. - EFA3863X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFA3864X ETC-EFA3864X Datasheet
250Kb / 1P
   H I G H B R I G H T N E S S C O L O R
logo
STANLEY ELECTRIC CO.,LT...
EFA3864X STANLEY-EFA3864X Datasheet
255Kb / 1P
   SINGLE COLOR LED
EFA3864X STANLEY-EFA3864X Datasheet
255Kb / 1P
   SINGLE COLOR LED
More results

Similar Description - EFA3863X

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
DB5304X STANLEY-DB5304X Datasheet
267Kb / 1P
   SINGLE COLOR LED
DB3804X STANLEY-DB3804X Datasheet
255Kb / 1P
   SINGLE COLOR LED
DB3803X STANLEY-DB3803X Datasheet
284Kb / 1P
   SINGLE COLOR LED
logo
List of Unclassifed Man...
4361F ETC1-4361F Datasheet
225Kb / 1P
   SINGLE COLOR LED
logo
STANLEY ELECTRIC CO.,LT...
FA3864X STANLEY-FA3864X Datasheet
255Kb / 1P
   SINGLE COLOR LED
logo
List of Unclassifed Man...
2202S ETC2-2202S Datasheet
201Kb / 1P
   SINGLE COLOR LED
logo
STANLEY ELECTRIC CO.,LT...
DB5306X STANLEY-DB5306X Datasheet
263Kb / 1P
   SINGLE COLOR LED
FA5366X STANLEY-FA5366X Datasheet
263Kb / 1P
   SINGLE COLOR LED
logo
List of Unclassifed Man...
D-5306X ETC2-D-5306X Datasheet
260Kb / 1P
   SINGLE COLOR LED
logo
STANLEY ELECTRIC CO.,LT...
4364K STANLEY-4364K Datasheet
171Kb / 1P
   Single color led
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com