Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR1112C Datasheet(PDF) 4 Page - STANLEY ELECTRIC CO.,LTD.

Part # FR1112C
Description  Single Color High Brightness Type
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

FR1112C Datasheet(HTML) 4 Page - STANLEY ELECTRIC CO.,LTD.

  FR1112C Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. FR1112C Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. FR1112C Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. FR1112C Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. FR1112C Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. FR1112C Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. FR1112C Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. FR1112C Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. FR1112C Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Page 4
Single Color High Brightness Type
1112C Series
Electro-Optical Characteristics
Conditions
F Y
F A
F R
T YP .
1.9
1.9
1.9
MAX .
2.4
2.4
2.4
Re ve rse Curre nt
VR =5V
IR
MAX .
100
100
100
μA
Pe a k Wa ve le ng th
IF =20mA
λp
T YP .
592
609
635
nm
Domina nt
Wa ve le ng th
IF =20mA
λd
T YP .
590
605
626
nm
Spe ctra l L ine Ha lf
Width
IF =20mA
⊿λ
T YP .
15
15
15
nm
132(θx )130(θx )130(θx)
149(θy) 150(θy) 150(θy)
de g .
Ha lf Inte nsity
Ang le
IF =20mA
2θ1/2
T YP .
Ite m
S ymbol
Unit
F orw ard Voltage
IF =20mA
VF
V
Characte ristics
(Ta=25℃)
2007.5.8


Similar Part No. - FR1112C

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
FR1112C STANLEY-FR1112C Datasheet
281Kb / 16P
   Single Color High Brightness Type
More results

Similar Description - FR1112C

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
YPY1104B STANLEY-YPY1104B Datasheet
259Kb / 18P
   Single Color High Brightness Type
FR1113F-TR STANLEY-FR1113F-TR Datasheet
311Kb / 18P
   Single Color High Brightness Type
FY1112H-TR STANLEY-FY1112H-TR Datasheet
368Kb / 20P
   Single Color High Brightness Type
FY1101F-TR STANLEY-FY1101F-TR Datasheet
288Kb / 16P
   Single Color High Brightness Type
FR1105W-RR STANLEY-FR1105W-RR Datasheet
440Kb / 19P
   Single Color High Brightness Type
FR1112H-TR STANLEY-FR1112H-TR Datasheet
372Kb / 20P
   Single Color High Brightness Type
FR1111C-TR STANLEY-FR1111C-TR Datasheet
374Kb / 20P
   Single Color High Brightness Type
FY1101F STANLEY-FY1101F Datasheet
245Kb / 16P
   Single Color High Brightness Type
YBG1105W STANLEY-YBG1105W Datasheet
396Kb / 19P
   Single Color High Brightness Type
FY1112C-TR STANLEY-FY1112C-TR Datasheet
281Kb / 16P
   Single Color High Brightness Type
logo
Stanford Microdevices
FY1105W-RR STANFORD-FY1105W-RR Datasheet
440Kb / 19P
   Single Color High Brightness Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com