Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

179955 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 179955
Description  AMP Dynamic Series Connectors
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

179955 Datasheet(HTML) 1 Page - Tyco Electronics

  179955 Datasheet HTML 1Page - Tyco Electronics 179955 Datasheet HTML 2Page - Tyco Electronics 179955 Datasheet HTML 3Page - Tyco Electronics 179955 Datasheet HTML 4Page - Tyco Electronics 179955 Datasheet HTML 5Page - Tyco Electronics 179955 Datasheet HTML 6Page - Tyco Electronics 179955 Datasheet HTML 7Page - Tyco Electronics 179955 Datasheet HTML 8Page - Tyco Electronics 179955 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
78
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
D-4000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
AMP Dynamic Series Connectors
Product Facts
I
20A of current is achievable
with the use of 3-position
connectors
I
Newly designed contacts
with four contact points
I
Dynamic 4000 Series
achieved a 50% or greater
improvement in current
values compared with the
Dynamic 3000 Series.
At the same time, mating
height increased only
approximately 14%
I
Current capacity per unit
volume is also higher by
approximately 32%
I
Wire-to-board type (2-, 3-
and 4-position) and wire-to-
wire type (3-position). This
flexible line-up will help
meet customer demands.
Sequential pins are also
available.
Material and Finish
Receptacle Contact — Phosphor
bronze or copper alloy, gold plated with
0.38 µm nickel underplate
Tab Contact — Phosphor bronze or
copper alloy, gold plated with 0.38 µm
nickel underplate
Tab Post — Phosphor bronze or
copper alloy, tin plated on contact area
and gold plated with nickel underplate
Housing — Glass filled polyester
(PBT), UL 94V-0
Performance Characteristics
Pitch — 6.35 mm (250 mils)
Voltage Rating — 600 V (rms)
Current Rating — 2-position: 24 A;
3-position: 23 A; 4-position: 22 A
(when using #12 AWG wire)
Contact Resistance — 10 m
Ω Max.
Dielectric Withstanding Voltage —
2,500 V (1 minute)
Operating Temperature —
-55°C ~ +105°C
Technical Documents
Product Specification
108-78182
Application Specification
114-5362
D-4 Contact
0.38µm thick gold plating
Receptacle Contact
(Used in Receptacle Housing)
Tab Contact
(Used in Tab Housing)
Applicable
Ins. Dia.
Wire
Contact Part Numbers
Application Tooling
Wire Range
Range
Range
AWG
mm2
mm
Mark
Receptacle
Tab
Sequential Long Tab
Mini-Applicator
Hand Tool
16
1.25
2.0~3.75
M
ST. 1747418-2
1747419-2
1-1747419-2
1762120-2
14
2.20
LP. 1747499-2
1747501-2
1-1747501-2
1762130-1
14
2.20
2.9~4.1
L
ST. 1747415-2
1747416-2
1-1747416-2
1762119-2
12
3.50
LP. 1747498-2
1747500-2
1-1747500-2
1762129-1
Notes: Minimum order quantity for tooling is one.
Extraction Tool Part Number 1762461-1 (411-78186)
Mini-Applicator is for use on Automachine.
Strip Form contacts are used with Mini-Applicator and Loose-Piece contacts are with hand tools.


Similar Part No. - 179955

ManufacturerPart #DatasheetDescription
logo
Heyco.
1799 HEYCO-1799 Datasheet
157Kb / 1P
   RDD Lockit™ Strain Relief Bushings – Straight-Thru
logo
Molex Electronics Ltd.
1799-MAG MOLEX11-1799-MAG Datasheet
112Kb / 1P
   TERMINAL - RIGHT ANGLE MODIFIED FOR EDGE CONNECTORS
1799-MAG1 MOLEX11-1799-MAG1 Datasheet
112Kb / 1P
   TERMINAL - RIGHT ANGLE MODIFIED FOR EDGE CONNECTORS
1799-MAT MOLEX11-1799-MAT Datasheet
112Kb / 1P
   TERMINAL - RIGHT ANGLE MODIFIED FOR EDGE CONNECTORS
logo
Weidmuller
1799010000 WEIDMULLER-1799010000 Datasheet
189Kb / 11P
   Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/02/90G 3.2SN BK BX
More results

Similar Description - 179955

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1318114-9 MACOM-2-1318114-9 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318115-9 MACOM-2-1318115-9 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318120-3 MACOM-2-1318120-3 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
1-1903128-1 MACOM-1-1903128-1 Datasheet
525Kb / 15P
   AMP Dynamic Series Connectors
2-1318116-3 MACOM-2-1318116-3 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318114-6 MACOM-2-1318114-6 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318115-4 MACOM-2-1318115-4 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318117-3 MACOM-2-1318117-3 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318119-4 MACOM-2-1318119-4 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318115-3 MACOM-2-1318115-3 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318115-6 MACOM-2-1318115-6 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com