Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10BQ060TRPBF Datasheet(PDF) 6 Page - International Rectifier

Part # 10BQ060TRPBF
Description  SCHOTTKY RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

10BQ060TRPBF Datasheet(HTML) 6 Page - International Rectifier

  10BQ060TRPBF Datasheet HTML 1Page - International Rectifier 10BQ060TRPBF Datasheet HTML 2Page - International Rectifier 10BQ060TRPBF Datasheet HTML 3Page - International Rectifier 10BQ060TRPBF Datasheet HTML 4Page - International Rectifier 10BQ060TRPBF Datasheet HTML 5Page - International Rectifier 10BQ060TRPBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
10BQ060
Bulletin PD-2.438 rev. G 0
7/04
6
www.irf.com
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 0
7/04
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial Level.
Qualification Standards can be found on IR's Web site.
Tape & Reel Information
Dimensions in millimetres and (inches)
Ordering Information Table
Device Code
1
5
24
3
1
-
Current Rating
2
-
B = Single Lead Diode
3
-
Q = Schottky Q Series
4
-
Voltage Rating (060 = 60V)
5
-
none = Box (1000 pieces)
TR = Tape & Reel (3000 pieces)
6
none = Standard Production
PbF = Lead-Free
10
B
Q
060
TR
-
6


Similar Part No. - 10BQ060TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10BQ060TRPBF IRF-10BQ060TRPBF Datasheet
115Kb / 6P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
10BQ060TRPBF VISHAY-10BQ060TRPBF Datasheet
105Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 16-Apr-08
10BQ060TRPBF VISHAY-10BQ060TRPBF Datasheet
114Kb / 7P
   Schottky Rectifier, 1.0 A
Revision: 03-Mar-10
More results

Similar Description - 10BQ060TRPBF

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com