Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UT8Q1024K8-UPX Datasheet(PDF) 9 Page - Aeroflex Circuit Technology

Part # UT8Q1024K8-UPX
Description  high-performance 1M byte (8Mbit) CMOS static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT8Q1024K8-UPX Datasheet(HTML) 9 Page - Aeroflex Circuit Technology

Back Button UT8Q1024K8-UPX Datasheet HTML 5Page - Aeroflex Circuit Technology UT8Q1024K8-UPX Datasheet HTML 6Page - Aeroflex Circuit Technology UT8Q1024K8-UPX Datasheet HTML 7Page - Aeroflex Circuit Technology UT8Q1024K8-UPX Datasheet HTML 8Page - Aeroflex Circuit Technology UT8Q1024K8-UPX Datasheet HTML 9Page - Aeroflex Circuit Technology UT8Q1024K8-UPX Datasheet HTML 10Page - Aeroflex Circuit Technology UT8Q1024K8-UPX Datasheet HTML 11Page - Aeroflex Circuit Technology UT8Q1024K8-UPX Datasheet HTML 12Page - Aeroflex Circuit Technology UT8Q1024K8-UPX Datasheet HTML 13Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
Assumptions:
1. G < VIL (max). If G > VIH (min) then Qn(8:0) will be
in three-state for the entire cycle.
2. G high for t AVAV cycle.
Wn
tAVWL
Figure 5a . SRAM Write Cycle 1: Write Enable - Controlled Access
A(18:0)
Q(7:0)
En
tAVAV2
D(7:0)
APPLIED DATA
t
DVWH
t
WHDX
tETWH
tWLWH
tWHAX
tWHQX
tWLQZ
tAVWH
t
WHWL
t
EFDX
Assumptions & Notes:
1. G < VIL (max). If G > VIH (min) then Q(7:0) will be in three-state for the entire cycle.
2. Either En scenario above can occur.
3. G high for t AVAV cycle.
A(18:0)
Figure 5b. SRAM Write Cycle 2: Chip Enable - Controlled Access
Wn
En
D(7:0)
APPLIED DATA
En
Q(7:0)
tWLQZ
t
ETEF
tWLEF
tDVEF
t
AVAV3
tAVET
t
AVET
tETEF
tEFAX
tEFAX
or


Similar Part No. - UT8Q1024K8-UPX

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT8Q512E AEROFLEX-UT8Q512E Datasheet
198Kb / 22P
   UT8Q512E 512K x 8 RadTol SRAM
UT8Q512E20YCA AEROFLEX-UT8Q512E20YCA Datasheet
198Kb / 22P
   UT8Q512E 512K x 8 RadTol SRAM
UT8Q512E20YCC AEROFLEX-UT8Q512E20YCC Datasheet
198Kb / 22P
   UT8Q512E 512K x 8 RadTol SRAM
UT8Q512E20YCX AEROFLEX-UT8Q512E20YCX Datasheet
198Kb / 22P
   UT8Q512E 512K x 8 RadTol SRAM
UT8Q512E20YPA AEROFLEX-UT8Q512E20YPA Datasheet
198Kb / 22P
   UT8Q512E 512K x 8 RadTol SRAM
More results

Similar Description - UT8Q1024K8-UPX

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV10248 ISSI-IS61LV10248 Datasheet
116Kb / 16P
   1M x 8 HIGH-SPEED CMOS STATIC RAM
IS61WV10248ALL ISSI-IS61WV10248ALL Datasheet
198Kb / 20P
   1M x 8 HIGH-SPEED CMOS STATIC RAM
logo
Sharp Corporation
LH51BV1000J SHARP-LH51BV1000J Datasheet
77Kb / 11P
   CMOS 1M (128K x 8) Static Ram
LH52D1000 SHARP-LH52D1000 Datasheet
81Kb / 12P
   CMOS 1M (128K x 8) Static Ram
logo
Integrated Device Techn...
IDT7MP4120 IDT-IDT7MP4120 Datasheet
83Kb / 8P
   1M x 32 CMOS STATIC RAM MODULE
logo
Pyramid Semiconductor C...
P4C107 PYRAMID-P4C107 Datasheet
544Kb / 8P
   ULTRA HIGH SPEED 1M x 1 STATIC CMOS RAM
logo
List of Unclassifed Man...
IMS1423 ETC-IMS1423 Datasheet
298Kb / 8P
   HIGH PERFORMANCE 4K X 4 CMOS STATIC RAM
logo
Epson Company
SRM20V100 EPSON-SRM20V100 Datasheet
130Kb / 8P
   1M-Bit Static RAM
logo
Sharp Corporation
LH5P8128 SHARP-LH5P8128 Datasheet
116Kb / 13P
   CMOS 1M (128K x 8) Pseudo-Static RAM
logo
Cypress Semiconductor
CY7C1061AV25 CYPRESS-CY7C1061AV25 Datasheet
269Kb / 11P
   1M x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com