Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL(P)73-1J-(0603) Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part # RL(P)73-1J-(0603)
Description  Values down to R10
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

RL(P)73-1J-(0603) Datasheet(HTML) 5 Page - TE Connectivity Ltd

  RL(P)73-1J-(0603) Datasheet HTML 1Page - TE Connectivity Ltd RL(P)73-1J-(0603) Datasheet HTML 2Page - TE Connectivity Ltd RL(P)73-1J-(0603) Datasheet HTML 3Page - TE Connectivity Ltd RL(P)73-1J-(0603) Datasheet HTML 4Page - TE Connectivity Ltd RL(P)73-1J-(0603) Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
RL73
H
2A
R10
F
TD
Common Part
RL73
RLP73
TCR
X -1000PPM
V - 600PPM
N - 300PPM
H - 100PPM
K - 200PPM
M - 400PPM
See above for
applicability
Size
1H -0201
1E -0402
1J -0603
2A -0805
2B -1206
2E -1210
2H -2010
3A -2512
Resistor Value
0.1 Ohm
(100milliOhm)
R10
0.91 Ohm
(910 milliOhm)
R91
Tolerance
F - ±1%
J - ±5%
Packaging
TDF -1000 REEL
TD -5000 REEL
TE -4000 REEL
See above for
applicability
How to Order
SMD Low Ohmic - Current Sense Resistors
Type RL73 Series
Embossed Plastic Tape Specifications
Type
A
B
W
E
F
P0
P1
P2
øD0
T
RL(P)73 2H
2.80±0.10
5.50±0.10
12.0±0.10
1.75±0.10
5.5±0.05
4.00±0.05
4.00±0.10
2.00±0.05
1.50+0.10
1.00±0.20
RL73 3A
3.50±0.10
6.70±0.10
12.0±0.10
1.75±0.10
5.5±0.05
4.00±0.05
4.00±0.10
2.00±0.05
1.50+0.10
1.00±0.20
RLP73 3A
3.38±0.10
6.68±0.10
12.0±0.30
1.75±0.10
5.5±0.01
4.00±0.10
4.00±0.10
2.00±0.05
1.50+0.05
1.45±0.20
5
TE Connectivity, TE connectivity (logo) and TE (logo) are trademarks.
Other logos, product and Company names mentioned herein may be trademarks of their respective owners.
While TE has made every reasonable effort to ensure the accuracy of the information in this datasheet, TE does not guarantee that it is error-free, nor does TE make any other
representation, warranty or guarantee that the information is accurate, correct, reliable or current. TE reserves the right to make any adjustments to the information contained herein
at any time without notice. TE expressly disclaims all implied warranties regarding the information contained herein, including, but not limited to, any implied warranties of merchantability
or fitness for a particular purpose. The dimensions in this datasheet are for reference purposes only and are subject to change without notice. Specifications are subject to change
without notice. Consult TE for the latest dimensions and design specifications.


Similar Part No. - RL(P)73-1J-(0603)

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RL(P)731E(0402) MACOM-RL(P)731E(0402) Datasheet
177Kb / 5P
   Up to 2 Watts at 70째C
RL(P)731J(0603) MACOM-RL(P)731J(0603) Datasheet
177Kb / 5P
   Up to 2 Watts at 70째C
RL(P)732A(0805) MACOM-RL(P)732A(0805) Datasheet
177Kb / 5P
   Up to 2 Watts at 70째C
RL(P)732B(1206) MACOM-RL(P)732B(1206) Datasheet
177Kb / 5P
   Up to 2 Watts at 70째C
RL(P)732E(1210) MACOM-RL(P)732E(1210) Datasheet
177Kb / 5P
   Up to 2 Watts at 70째C
More results

Similar Description - RL(P)73-1J-(0603)

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
EMD-SL-3V-400-N PHOENIX-EMD-SL-3V-400-N Datasheet
139Kb / 6P
   Adjustable threshold values
EMD-FL-V-300 PHOENIX-EMD-FL-V-300 Datasheet
156Kb / 8P
   Adjustable threshold values
logo
E-SWITCH
XF0360A E-SWITCH-XF0360A Datasheet
42Kb / 1P
   L16 PL R10 C ORG
logo
Tyco Electronics
2-1393767-0 MACOM-2-1393767-0 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
logo
Ohmite Mfg. Co.
RES-60S OHMITE-RES-60S Datasheet
324Kb / 2P
   Custom values available
logo
Littelfuse
MPS LITTELFUSE-MPS Datasheet
563Kb / 2P
   Display metered values
logo
Tyco Electronics
2-1393766-7 MACOM-2-1393766-7 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
2-1393767-2 MACOM-2-1393767-2 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
2-1393767-4 MACOM-2-1393767-4 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
7-1393765-0 MACOM-7-1393765-0 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com