Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN9116 Datasheet(PDF) 11 Page - SMSC Corporation

Part # LAN9116
Description  Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9116 Datasheet(HTML) 11 Page - SMSC Corporation

Back Button LAN9116_08 Datasheet HTML 7Page - SMSC Corporation LAN9116_08 Datasheet HTML 8Page - SMSC Corporation LAN9116_08 Datasheet HTML 9Page - SMSC Corporation LAN9116_08 Datasheet HTML 10Page - SMSC Corporation LAN9116_08 Datasheet HTML 11Page - SMSC Corporation LAN9116_08 Datasheet HTML 12Page - SMSC Corporation LAN9116_08 Datasheet HTML 13Page - SMSC Corporation LAN9116_08 Datasheet HTML 14Page - SMSC Corporation LAN9116_08 Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 132 page
background image
Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
Datasheet
SMSC LAN9116
11
Revision 1.5 (07-11-08)
DATASHEET
1.1
Internal Block Overview
This section provides an overview of each of these functional blocks as shown in Figure 1.2, "Internal
Block Diagram".
Figure 1.2 Internal Block Diagram
1.2
10/100 Ethernet PHY
The LAN9116 integrates an IEEE 802.3 physical layer for twisted pair Ethernet applications. The PHY
can be configured for either 100 Mbps (100Base-TX) or 10 Mbps (10Base-T) Ethernet operation in
either full or half duplex configurations. The PHY block includes auto-negotiation.
Minimal external components are required for the utilization of the Integrated PHY.
1.3
10/100 Ethernet MAC
The transmit and receive data paths are separate within the MAC allowing the highest performance
especially in full duplex mode. The data paths connect to the PIO interface Function via separate
busses to increase performance. Payload data as well as transmit and receive status is passed on
these busses.
A third internal bus is used to access the MAC’s Control and Status Registers (CSR’s). This bus is
accessible from the host through the PIO interface function.
On the backend, the MAC interfaces with the internal 10/100 PHY through a the MII (Media
Independent Interface) port internal to the LAN9116. The MAC CSR's also provides a mechanism for
accessing the PHY’s internal registers through the internal SMI (Serial Management Interface) bus.
The MAC Interface Layer (MIL), within the MAC, contains a 2K Byte transmit and a 128 Byte receive
FIFO which is separate from the TX and RX FIFOs. The FIFOs within the MAC are not directly
accessible from the host interface. The differentiation between the TX/RX FIFO memory buffers and
the MAC buffers is that when the transmit or receive packets are in the MAC buffers, the host no longer
can control or access the TX or RX data. The MAC buffers (both TX and RX) are in effect the working
buffers of the Ethernet MAC logic. In the case of reception, the data must be moved first to the RX
10/100
Ethernet
PHY
10/100
Ethernet
MAC
2kB to 14kB
Configurable TX FIFO
2kB to 14kB
Configurable RX FIFO
Interrupt
Controller
GP Timer
PIO Controller
3.3V to 1.8V
Core Regulator
25MHz
+3.3V
EEPROM
Controller
EEPROM
(Optional)
RX Status FIFO
TX Status FIFO
MIL - TX Elastic
Buffer - 2K bytes
MIL - RX Elastic
Buffer - 128 bytes
Power
Management
IRQ
FIFO_SEL
PME
Wakup Indicator
Host Bus Interface
(HBI)
SRAM I/F
LAN
PLL
+3.3V
3.3V to 1.8V
PLL Regulator


Similar Part No. - LAN9116_08

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9116-MD SMSC-LAN9116-MD Datasheet
1Mb / 126P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9116-MT SMSC-LAN9116-MT Datasheet
1Mb / 126P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
logo
Microchip Technology
LAN9116-MT MICROCHIP-LAN9116-MT Datasheet
1,016Kb / 109P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
More results

Similar Description - LAN9116_08

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN9116 MICROCHIP-LAN9116 Datasheet
1,016Kb / 109P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
logo
SMSC Corporation
LAN9115 SMSC-LAN9115 Datasheet
219Kb / 7P
   HIGHLY EFFICIENT SINGLE - CHIP 10/100 NON PCI ETHERNET CONTROLLER
LAN9115 SMSC-LAN9115_08 Datasheet
1Mb / 136P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9116 SMSC-LAN9116 Datasheet
1Mb / 126P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9115 SMSC-LAN9115_05 Datasheet
1Mb / 131P
   Highly Efficient Single- Chip 10/100 Non-PCI Ethernet Controller
logo
Microchip Technology
LAN9115 MICROCHIP-LAN9115 Datasheet
1Mb / 114P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
logo
SMSC Corporation
LAN9117 SMSC-LAN9117_08 Datasheet
1Mb / 136P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9118 SMSC-LAN9118_07 Datasheet
1Mb / 129P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
logo
Microchip Technology
LAN9118 MICROCHIP-LAN9118 Datasheet
1,015Kb / 109P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
LAN9117 MICROCHIP-LAN9117 Datasheet
1Mb / 114P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com