Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6GBU08 Datasheet(PDF) 4 Page - International Rectifier

Part # 6GBU08
Description  6.0 Amps Single Phase Full Wave
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

6GBU08 Datasheet(HTML) 4 Page - International Rectifier

  6GBU08 Datasheet HTML 1Page - International Rectifier 6GBU08 Datasheet HTML 2Page - International Rectifier 6GBU08 Datasheet HTML 3Page - International Rectifier 6GBU08 Datasheet HTML 4Page - International Rectifier 6GBU08 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
6GBU Series
4
Bulletin I2718 rev. E 05/01
www.irf.com
Fig. 2 - Forward Voltage Drop Characteristics
Fig. 1 - Current Ratings Characteristics
Fig. 4 - Maximum Non-Repetitive Surge Current
Instantaneous Forward Voltage (V)
Average Forward Current (A)
Number of Equal Amplitude Half Cycle Current Pulses (N)
Fig. 3 - Total Power Loss Characteristics
Average Forward Current (A)
90
100
110
120
130
140
150
160
01
23
45
67
180˚
(Sine)
180˚
(Rect)
6GBU Series
0.1
1
10
100
1000
0.5
1
1.5
2
2.5
3
T = 25˚C
J
T = 150˚C
J
6GBU Series
0
2
4
6
8
10
12
012
34
56
180˚
(Sine)
180˚
(Rect)
6GBU Series
T
= 150˚C
J
40
60
80
100
120
140
160
180
200
1
10
100
At Any Rated Load Condition And With
Rated Vrrm Applied Following Surge.
Initial Tj = 150˚C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
6GBU Series


Similar Description - 6GBU08

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR25XB06H IRF-IR25XB06H Datasheet
93Kb / 4P
   25.0 Amps Single Phase Full Wave
8GBU IRF-8GBU Datasheet
75Kb / 5P
   8.0 Amps Single Phase Full Wave
4GBU IRF-4GBU Datasheet
101Kb / 5P
   4.0 Amps Single Phase Full Wave
4GBL IRF-4GBL Datasheet
99Kb / 5P
   4.0 Amps Single Phase Full Wave Bridge Rectifier
logo
ON Semiconductor
LB11961V ONSEMI-LB11961V Datasheet
76Kb / 7P
   Single-Phase Full-Wave
May, 2013
logo
Taiwan Semiconductor Co...
KBU601 TSC-KBU601_10 Datasheet
496Kb / 2P
   Single Phase 6.0 AMPS. Bridge Rectifiers
KBU601 TSC-KBU601_09 Datasheet
167Kb / 2P
   Single Phase 6.0 AMPS. Bridge Rectifiers
logo
ON Semiconductor
LV8063FA-BH ONSEMI-LV8063FA-BH Datasheet
208Kb / 8P
   Single-Phase Full-Wave Driver
May, 2013
logo
Rohm
BD6961F ROHM-BD6961F_14 Datasheet
605Kb / 17P
   Standard Single-phase Full wave
BD6981FVM ROHM-BD6981FVM Datasheet
773Kb / 18P
   Standard Single-phase Full wave
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com