Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-1747820-2 Datasheet(PDF) 11 Page - Tyco Electronics

Part # 2-1747820-2
Description  AMP Dynamic Series Connectors
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1747820-2 Datasheet(HTML) 11 Page - Tyco Electronics

Back Button 2-1747820-2 Datasheet HTML 7Page - Tyco Electronics 2-1747820-2 Datasheet HTML 8Page - Tyco Electronics 2-1747820-2 Datasheet HTML 9Page - Tyco Electronics 2-1747820-2 Datasheet HTML 10Page - Tyco Electronics 2-1747820-2 Datasheet HTML 11Page - Tyco Electronics 2-1747820-2 Datasheet HTML 12Page - Tyco Electronics 2-1747820-2 Datasheet HTML 13Page - Tyco Electronics 2-1747820-2 Datasheet HTML 14Page - Tyco Electronics 2-1747820-2 Datasheet HTML 15Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
88
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
D-5200 Series (Continued)
AMP Dynamic Series Connectors
D-5200S — Standard
1-Row Type (Continued)
Mating Dimensions
External Dimensions
Receptacle Housing
Tab Housing
Panel Type
Free-hanging Type
Panel / Free-hanging Type
Horizontal / Vertical Type
No. of
Pos.
2
3
Part Number of Tab Housing
Dimensions
AB
C
D
E
F
47
38
33.44
29.36
21.11
30.4
57
48
43.60
39.52
31.27
40.5
Panel Type
J
-353047-2
J
-353047-3
Free-hanging Type
J
-353046-2
J
-353046-3
No. of
Positions
Part Number of
Receptacle Housing
Dimensions
AB
35.76
23.76
45.92
33.92
53.68
44.08
74.00
64.40
2
3
4
5
6
J
-179958-2
J
-179958-3
J
-179958-4
J
-179958-6
Panel Cutout
When mounting panel from the
front, apply clamping torque of less
than 49N [11 lbf].
Mating Tab Connector
Part Number:
J
-353047-J
J
-353046-J
J
-353079-J
J
-353081-J
J
-917541-J
J
-179959-J
J
-353080-J
J
-353082-J
J
-917542-J
J
-179960-J
Mating Receptacle
Housing
Part Number:
J
-179958-J


Similar Part No. - 2-1747820-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1747981-1 MACOM-2-1747981-1 Datasheet
767Kb / 8P
   HDMI 19 POS RECEPTACLE ASSY SMT TYPE
2-1747981-2 MACOM-2-1747981-2 Datasheet
767Kb / 8P
   HDMI 19 POS RECEPTACLE ASSY SMT TYPE
2-1747981-3 MACOM-2-1747981-3 Datasheet
767Kb / 8P
   HDMI 19 POS RECEPTACLE ASSY SMT TYPE
2-1747981-4 MACOM-2-1747981-4 Datasheet
767Kb / 8P
   HDMI 19 POS RECEPTACLE ASSY SMT TYPE
More results

Similar Description - 2-1747820-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1318114-9 MACOM-2-1318114-9 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318115-9 MACOM-2-1318115-9 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318120-3 MACOM-2-1318120-3 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
1-1903128-1 MACOM-1-1903128-1 Datasheet
525Kb / 15P
   AMP Dynamic Series Connectors
2-1318116-3 MACOM-2-1318116-3 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318114-6 MACOM-2-1318114-6 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318115-4 MACOM-2-1318115-4 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318117-3 MACOM-2-1318117-3 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318119-4 MACOM-2-1318119-4 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318115-3 MACOM-2-1318115-3 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318115-6 MACOM-2-1318115-6 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com