Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-1747819-3 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 2-1747819-3
Description  AMP Dynamic Series Connectors
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1747819-3 Datasheet(HTML) 5 Page - Tyco Electronics

  2-1747819-3 Datasheet HTML 1Page - Tyco Electronics 2-1747819-3 Datasheet HTML 2Page - Tyco Electronics 2-1747819-3 Datasheet HTML 3Page - Tyco Electronics 2-1747819-3 Datasheet HTML 4Page - Tyco Electronics 2-1747819-3 Datasheet HTML 5Page - Tyco Electronics 2-1747819-3 Datasheet HTML 6Page - Tyco Electronics 2-1747819-3 Datasheet HTML 7Page - Tyco Electronics 2-1747819-3 Datasheet HTML 8Page - Tyco Electronics 2-1747819-3 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
82
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
D-5200 Series (Continued)
AMP Dynamic Series Connectors
Performance Characteristics
and Specifications
Wire
AWG
#16
16A
#14
19A
#12
25A
#10
30A
Current
6 position max.
D-5200S/M Performance Characteristics
Pitch
Description
Voltage Rating
Contact Resistance
Operating Temperature
Dielectric Withstanding
Voltage
Current Rating
400mils
(10.16mm)
630V AC
2mΩ Max.
-55°~+105°C
3,000V AC
(1 minute)
Material and Finish
Receptacle Contact
Tab Contact
Tab Post
Housing
Material
Copper alloy
Copper alloy
UL 94V-0 rated, glass filled
polyester (PBT)
Gold plating with
underplated nickel
Gold plating with
underplated nickel
Description
Finish
Wire
AWG
#20
12A
#18
16A
#16
20A
#14
25A
#12
33A
#10
38A
#8
45A
Current
Wire
AWG
#20
12A
#18
15A
#16
18A
#14
23A
#12
31A
#10
35A
#8
43A
Current
Current for 3-pos. silver-plated
contacts
Current for 4-pos. silver-plated
contacts
D-5200Mα Performance Characteristics
Pitch
Description
Voltage Rating
Contact Resistance
Operating Temperature
Dielectric Withstanding
Voltage
Current Rating
400mils
(10.16mm)
630V AC
2mΩ Max.
-55°~+105°C
3,000V AC
(1 minute)
Material and Finish
Receptacle Contact
Tab Contact
Tab Post
Housing
Material
Copper alloy
Copper alloy
UL 94V-0 rated, glass filled
polyester (PBT)
Silver plating with
underplated nickel
Silver plating with
underplated nickel
Description
Finish


Similar Part No. - 2-1747819-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1747981-1 MACOM-2-1747981-1 Datasheet
767Kb / 8P
   HDMI 19 POS RECEPTACLE ASSY SMT TYPE
2-1747981-2 MACOM-2-1747981-2 Datasheet
767Kb / 8P
   HDMI 19 POS RECEPTACLE ASSY SMT TYPE
2-1747981-3 MACOM-2-1747981-3 Datasheet
767Kb / 8P
   HDMI 19 POS RECEPTACLE ASSY SMT TYPE
2-1747981-4 MACOM-2-1747981-4 Datasheet
767Kb / 8P
   HDMI 19 POS RECEPTACLE ASSY SMT TYPE
More results

Similar Description - 2-1747819-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1318114-9 MACOM-2-1318114-9 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318115-9 MACOM-2-1318115-9 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318120-3 MACOM-2-1318120-3 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
1-1903128-1 MACOM-1-1903128-1 Datasheet
525Kb / 15P
   AMP Dynamic Series Connectors
2-1318116-3 MACOM-2-1318116-3 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318114-6 MACOM-2-1318114-6 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318115-4 MACOM-2-1318115-4 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318117-3 MACOM-2-1318117-3 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318119-4 MACOM-2-1318119-4 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318115-3 MACOM-2-1318115-3 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318115-6 MACOM-2-1318115-6 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com