Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARJE-1034 Datasheet(PDF) 3 Page - Abracon Corporation

Part # ARJE-1034
Description  1-PORT 10GBASE-T SMD RJ45 WITH INTEGRATED MAGNETICS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ARJE-1034 Datasheet(HTML) 3 Page - Abracon Corporation

  ARJE-1034 Datasheet HTML 1Page - Abracon Corporation ARJE-1034 Datasheet HTML 2Page - Abracon Corporation ARJE-1034 Datasheet HTML 3Page - Abracon Corporation ARJE-1034 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ABRACON IS
ISO9001-2008
CERTIFIED
REVISED: 09/26/2016
1-PORT 10GBASE-T SMD RJ45 WITH INTEGRATED
MAGNETICS
ARJE-1034
16.10 x 13.87 x 25.68mm
RoHS/RoHS II Compliant
5101 Hidden Creek Lane Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sale please visit:
www.abracon.com
SCHEMATIC
Zone
Description
Temperature
Time
1
Preheat
T
SMIN ~ TSMAX
150°C ~ 200°C
60 ~ 180 sec.
2
Reflow
T
L
217°C
60 ~ 150 sec.
3
Peak heat
T
P
245°C
20 ~ 40 sec.
REFLOW


Similar Part No. - ARJE-1034

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ARJE-0025 ABRACON-ARJE-0025 Datasheet
1Mb / 2P
   RJ45, Single Port, Tap Up, Thru-Hole, 1000 Base-T
10.30.13
ARJE-0028 ABRACON-ARJE-0028 Datasheet
368Kb / 1P
   Apracon LLC. 2 Faraday
ARJE-0029 ABRACON-ARJE-0029 Datasheet
1Mb / 2P
   RJ45, Single Port, Tap Up, Thru-Hole, 100 Base-T
11.01.13
ARJE-0032 ABRACON-ARJE-0032 Datasheet
1Mb / 2P
   RJ45, Single Port, Tap Up, Thru-Hole, 100 Base-T with Single USB
11.04.13
ARJE-0034 ABRACON-ARJE-0034 Datasheet
3Mb / 3P
   RJ45, Single Port, Tap Up, SMD, 100 Base-T
11.19.15
More results

Similar Description - ARJE-1034

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ARJ-102S ABRACON-ARJ-102S Datasheet
808Kb / 4P
   1-PORT 1000BASE-T SMD RJ45 WITH INTEGRATED MAGNETICS
08/08/2016
logo
XFMRS Inc.
XF10G-08C XFMRS-XF10G-08C Datasheet
64Kb / 1P
   10GBASE-T MAGNETICS MODULE
logo
Pulse A Technitrol Comp...
H7019NLT PULSE-H7019NLT Datasheet
123Kb / 3P
   10GBASE-T MAGNETICS MODULES
logo
Bel Fuse Inc.
S558-10GB-07 BEL-S558-10GB-07 Datasheet
100Kb / 2P
   10GBASE-T ETHERNET MAGNETICS
S558-10GB-02 BEL-S558-10GB-02 Datasheet
108Kb / 2P
   10GBASE-T ETHERNET MAGNETICS
logo
Bothhand USA, LP.
KLA1S109LF BOTHHAND-KLA1S109LF Datasheet
759Kb / 3P
   1000 BASE-T RJ45 1 x 1 INTEGRATED MAGNETICS CONNECTOR
KLA1S109-43LF BOTHHAND-KLA1S109-43LF Datasheet
209Kb / 2P
   1000 BASE-T RJ45 1 x 1 INTEGRATED MAGNETICS CONNECTOR
KLA1T109-43LF BOTHHAND-KLA1T109-43LF Datasheet
228Kb / 2P
   1000 BASE-T RJ45 1 x 1 INTEGRATED MAGNETICS CONNECTOR
KLA1S109F-1-43LF BOTHHAND-KLA1S109F-1-43LF Datasheet
906Kb / 4P
   1000 BASE-T RJ45 1 x 1 INTEGRATED MAGNETICS CONNECTOR
KLA1S109-34LF BOTHHAND-KLA1S109-34LF Datasheet
362Kb / 2P
   1000 BASE-T RJ45 1 x 1 INTEGRATED MAGNETICS CONNECTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com