Electronic Components Datasheet Search |
|
1-917807-3 Datasheet(PDF) 9 Page - Tyco Electronics |
|
1-917807-3 Datasheet(HTML) 9 Page - Tyco Electronics |
9 / 43 page 86 Catalog 1242132 Dimensions are in millimeters Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 5-07 unless otherwise specified. reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 D-5200 Series (Continued) AMP Dynamic Series Connectors D-5200S — Standard 1-Row Type Appearance Board mounting pitch: 400mils (10.16mm) Dielectric Withstanding Voltage: 3,000V (for one minute) Voltage Rating: 630V AC Tab Housing (Panel Type) Tab Housing (Free-hanging Type) Receptacle Housing Receptacle Housing Receptacle Housing Receptacle Housing Board-mount Tab Header (Horizontal Type) Board-mount Tab Header (Vertical Type) Tab Housing (Panel Type) (Free-hanging Type) Board-mounting Tab Header (Horizontal Type) (Vertical Type) Receptacle Housing Tab Contact········For each line of contacts, refer to the appropriate pages. Receptacle Contact X Y X Y X Y X Y X Y 1-179958-2 2-179958-2 1-179958-3 2-179958-3 1-179958-4 2-179958-4 — — 1-179958-6 2-179958-6 1-353047-2 2-353047-2 1-353047-3 2-353047-3 1-353046-2 2-353046-2 1-353046-3 2-353046-3 No. of Pos. Keying Part Number of Receptacle Housings Part Number of Tab Housings Panel Type 2 3 4 5 6 Free-hanging Type Note: Enter the following plating code in Part Number suffix-J -2 = 0.38 µm thick gold plating -3 = 0.76 µm thick gold plating 1-353079-J 2-353079-J 1-353081-J 2-353081-J 1-917541-J 2-917541-J — — 1-179959-J 2-179959-J Part Number Board-mounting Tab Headers Horizontal Type — — 8-350381-2 9-350381-2 8-917541-2 9-917541-2 — — — — Sequential Type — — 8-353082-2 9-353082-2 8-917542-2 9-917542-2 — — — — Sequential Type 1-353080-J 2-353080-J 1-353082-J 2-353082-J 1-917542-J 2-917542-J — — 1-179960-J 2-179960-J Vertical Type Use low 4- and 6-position D-5200MS, 4- and 6-position Panel and Free-hanging Types. |
Similar Part No. - 1-917807-3 |
|
Similar Description - 1-917807-3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |