Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4GBU08F Datasheet(PDF) 2 Page - International Rectifier

Part # 4GBU08F
Description  4.0 Amps Single Phase Full Wave
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

4GBU08F Datasheet(HTML) 2 Page - International Rectifier

  4GBU08F Datasheet HTML 1Page - International Rectifier 4GBU08F Datasheet HTML 2Page - International Rectifier 4GBU08F Datasheet HTML 3Page - International Rectifier 4GBU08F Datasheet HTML 4Page - International Rectifier 4GBU08F Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
4GBU Series
2
Bulletin I2717 rev. G 05/02
www.irf.com
I
O
Maximum DC output current
4
A
T
C = 100°C, Resistive & inductive load
3.2
TC=100°C,Capacitiveload
I
FSM
Maximum peak, one-cycle
150
t = 10ms
non-repetitive surge current,
following any rated load condition
158
t = 8.3ms
T
J = 150°C
and with rated VRRM reapplied
I2t
Maximum I2t for fusing,
113
A2s
t = 10ms
initial T
J = TJ max
104
t = 8.3ms
V
FM
Maximum peak forward voltage
1.0
V
T
J = 25
o
C, I
FM = 4A
per diode
IRM
Typical peak reverse leakage
5
µA
T
J = 25
o
C, 100% VRRM
curren t per diode
VRRM
Maximum repetitive peak
50 to 800
V
reversevoltagerange
Forward Conduction
Voltage
V
RRM , max repetitive
V
RMS , max RMS
I
RRM max.
I
RRM max.
Type number
Code
peak rev. voltage
voltage
@ rated V
RRM
@ rated V
RRM
T
J = TJ max.
T
J = TJ max.
T
J = 25°C
T
J = 150°C
V
V
µA
µA
4GBU
005
50
35
5
400
4GBU...F
01
100
70
5
400
02
200
140
5
400
04
400
280
5
400
06
600
420
5
400
08
800
560
5
400
ELECTRICAL SPECIFICATIONS
Voltage Ratings
Parameters
4GBU
Unit
Conditions
T
J
Operatingandstorage
-55 to 150
o
C
Tstg
temperature range
R
thJC
Max. thermal resistance
4.2
°C/ W
DC rated current through bridge (1)
junction to case
R
thJA
Thermal resistance,
22
°C/ W
DC rated current through bridge (1)
junction to ambient
W
Approximateweight
4 (0.14)
g(oz)
T
MountingTorque
1.0
Nm
Bridge to Heatsink
9.0
Lb.in
Thermal and Mechanical Specifications
Parameters
4GBU
Unit
Conditions
Note (1): Devices mounted on 40x 40x1.5mm aluminum plate; use silicon thermal compound for maximum
heat transfer and bolt down using 3mm screw


Similar Part No. - 4GBU08F

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
4GB-AUTO-AS4C256M16D3 ALSC-4GB-AUTO-AS4C256M16D3 Datasheet
2Mb / 83P
   8n-bit prefetch architecture
4GB-AUTO-AS4C512M8D3 ALSC-4GB-AUTO-AS4C512M8D3 Datasheet
4Mb / 83P
   AEC-Q100 Compliant
4GB-DDR3L-AS4C256M16D3L ALSC-4GB-DDR3L-AS4C256M16D3L Datasheet
2Mb / 89P
   Supports JEDEC clock jitter specification
4GB-DDR3L-AS4C512M8D3L ALSC-4GB-DDR3L-AS4C512M8D3L Datasheet
3Mb / 86P
   Fully synchronous operation
logo
ADL Embedded Solutions
4GBDDR3L-1600 ADL-4GBDDR3L-1600 Datasheet
907Kb / 2P
   Intel 3800 Series SoC Processors
More results

Similar Description - 4GBU08F

ManufacturerPart #DatasheetDescription
logo
International Rectifier
4GBL IRF-4GBL Datasheet
99Kb / 5P
   4.0 Amps Single Phase Full Wave Bridge Rectifier
IR25XB06H IRF-IR25XB06H Datasheet
93Kb / 4P
   25.0 Amps Single Phase Full Wave
8GBU IRF-8GBU Datasheet
75Kb / 5P
   8.0 Amps Single Phase Full Wave
6GBU IRF-6GBU Datasheet
103Kb / 5P
   6.0 Amps Single Phase Full Wave
logo
ON Semiconductor
LB11961V ONSEMI-LB11961V Datasheet
76Kb / 7P
   Single-Phase Full-Wave
May, 2013
logo
Taiwan Semiconductor Co...
KBU401 TSC-KBU401_10 Datasheet
247Kb / 2P
   Single Phase 4.0 AMPS. Bridge Rectifiers
logo
ON Semiconductor
LV8063FA-BH ONSEMI-LV8063FA-BH Datasheet
208Kb / 8P
   Single-Phase Full-Wave Driver
May, 2013
logo
Rohm
BD6961F ROHM-BD6961F_14 Datasheet
605Kb / 17P
   Standard Single-phase Full wave
BD6981FVM ROHM-BD6981FVM Datasheet
773Kb / 18P
   Standard Single-phase Full wave
BD6995FV ROHM-BD6995FV Datasheet
2Mb / 29P
   Multifunction Single-phase Full-wave
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com