Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMG8 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # EMG8
Description  Dual Digital Transistors (NPNNPN)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

EMG8 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  EMG8 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd EMG8 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd EMG8 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
EMG8 Dual Digital Transistors (NPN+NPN)
FEATURES
Two DTC143Z chips in a package
Mounting cost and area can be cut in half
Marking: G8
Absolute maximum ratings (Ta=25
℃)
Electrical Characteristics (Ta=25
℃)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Input turn-on voltage
Vi(on)
VCC=0.3V, IO=5mA
1.3
V
Input cut-off voltage
Vi(off)
VCC=5V, IO=100µA
0.5
V
Output voltage
VO(on)
IO=5mA, Ii=0.25mA
0.3
V
Input cut-off current
Ii
Vi =5V
1.8
mA
Output cut-off current
IO(off)
VCC=50V, Vi=0
0.5
µA
DC current gain
Gi
VO =5V, IO=10mA
80
Transition frequency
fT
VCE =10V, IC=5mA, f =100MHz
250
MHz
Input resistance
R1
3.29
6.11
KΩ
Resistance ratio
R2/R1
8
12
Symbol
Parameter
Value
Units
VCC
Supply Voltage
50
V
Vi
Input voltage
-5~30
V
IO
Output current
100
mA
PD
Power dissipation
150
mW
TJ
Junction temperature
150
Tstg
Storage temperature
-55~+150
JC T
SOT-553
www.cj-elec.com
1
D,Sep,2016
www.cj-elec.com
Digital Transistors (Built-in Resistors)


Similar Part No. - EMG8

ManufacturerPart #DatasheetDescription
logo
Rohm
EMG8 ROHM-EMG8 Datasheet
71Kb / 3P
   Emitter common (dual digital transistors)
logo
Shenzhen Jin Yu Semicon...
EMG8 HTSEMI-EMG8 Datasheet
655Kb / 2P
   dual digital transistors ( NPN NPN)
logo
Rohm
EMG8 ROHM-EMG8 Datasheet
435Kb / 7P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMG8 ROHM-EMG8 Datasheet
1Mb / 10P
   Emitter common (dual digital transistor)
EMG8 ROHM-EMG8 Datasheet
435Kb / 7P
   NPN 100mA 50V Complex Digital Transistors
More results

Similar Description - EMG8

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
EMH1 JIANGSU-EMH1 Datasheet
5Mb / 3P
   Dual Digital Transistors (NPNNPN)
UMH15N JIANGSU-UMH15N Datasheet
2Mb / 4P
   Dual Digital Transistors (NPNNPN)
EMH4 JIANGSU-EMH4 Datasheet
813Kb / 3P
   Dual Digital Transistors (NPNNPN)
EMH2 JIANGSU-EMH2 Datasheet
3Mb / 3P
   Dual Digital Transistors (NPNNPN)
EMH3 JIANGSU-EMH3 Datasheet
1Mb / 4P
   Dual Digital Transistors (NPNNPN)
logo
Shenzhen Jin Yu Semicon...
EMG8 HTSEMI-EMG8 Datasheet
655Kb / 2P
   dual digital transistors ( NPN NPN)
logo
Jiangsu Changjiang Elec...
EMH11 JIANGSU-EMH11 Datasheet
5Mb / 3P
   Dual Digital Transistors (NPNNPN)
EMH10 JIANGSU-EMH10 Datasheet
4Mb / 3P
   Dual Digital Transistors (NPNNPN)
EMG11 JIANGSU-EMG11 Datasheet
703Kb / 3P
   Dual Digital Transistors (NPNNPN)
EMD2 JIANGSU-EMD2 Datasheet
6Mb / 5P
   Dual Digital Transistors (NPNNPN)
logo
Shenzhen Jin Yu Semicon...
UMH14N HTSEMI-UMH14N Datasheet
399Kb / 1P
   dual digital transistors (NPN NPN)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com