Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARJ-102S Datasheet(PDF) 3 Page - Abracon Corporation

Part # ARJ-102S
Description  1-PORT 1000BASE-T SMD RJ45 WITH INTEGRATED MAGNETICS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ARJ-102S Datasheet(HTML) 3 Page - Abracon Corporation

  ARJ-102S Datasheet HTML 1Page - Abracon Corporation ARJ-102S Datasheet HTML 2Page - Abracon Corporation ARJ-102S Datasheet HTML 3Page - Abracon Corporation ARJ-102S Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ABRACON IS
ISO9001-2008
CERTIFIED
REVISED: 08/08/2016
1-PORT 1000BASE-T SMD RJ45 WITH
INTEGRATED MAGNETICS
ARJ-102S
23.05 x 16.80 x 13.65mm
RoHS/RoHS II Compliant
5101 Hidden Creek Lane Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sale please visit:
www.abracon.com
SCHEMATIC
REFLOW
Zone
Description
Temperature
Time
1
Preheat
T
SMIN - TSMAX
160°C~180°C
120 sec.
2
Reflow
T
L
60°C
60 sec.
3
Peak Heat
T
P
260°C
10 sec. MAX


Similar Part No. - ARJ-102S

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ARJ-102 ABRACON-ARJ-102 Datasheet
655Kb / 2P
   TAP DOWN RJ45 LAN MAGNETIC
More results

Similar Description - ARJ-102S

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ARJE-1034 ABRACON-ARJE-1034 Datasheet
727Kb / 4P
   1-PORT 10GBASE-T SMD RJ45 WITH INTEGRATED MAGNETICS
09/26/2016
logo
Pulse A Technitrol Comp...
H5138NL PULSE-H5138NL Datasheet
527Kb / 2P
   1000Base-T, Single Port Magnetics Modules
logo
VITALCONN ELECTRONICS H...
TG50010S1 VITALCONN-TG50010S1 Datasheet
562Kb / 2P
   1000BASE-T DUAL-PORT MAGNETICS MODULE
logo
Pulse A Technitrol Comp...
H553 PULSE-H553 Datasheet
527Kb / 2P
   1000Base-T, Single Port Magnetics Modules
logo
Dongguan Xinkang Electr...
QD48A02 TNK-QD48A02 Datasheet
82Kb / 1P
   1000Base-T DUAL Port Through hole magnetics
QD72A01 TNK-QD72A01 Datasheet
71Kb / 1P
   1000Base-T QUAD Port Through hole magnetics
logo
Pulse A Technitrol Comp...
H546 PULSE-H546 Datasheet
474Kb / 2P
   1000Base-T, Single Port Mini-Magnetics Modules
logo
Bothhand USA, LP.
KLA1S109LF BOTHHAND-KLA1S109LF Datasheet
759Kb / 3P
   1000 BASE-T RJ45 1 x 1 INTEGRATED MAGNETICS CONNECTOR
KLA1S109-43LF BOTHHAND-KLA1S109-43LF Datasheet
209Kb / 2P
   1000 BASE-T RJ45 1 x 1 INTEGRATED MAGNETICS CONNECTOR
KLA1T109-43LF BOTHHAND-KLA1T109-43LF Datasheet
228Kb / 2P
   1000 BASE-T RJ45 1 x 1 INTEGRATED MAGNETICS CONNECTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com